Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BGD804 Datasheet(PDF) 3 Page - NXP Semiconductors

Part # BGD804
Description  CATV amplifier module
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BGD804 Datasheet(HTML) 3 Page - NXP Semiconductors

  BGD804 Datasheet HTML 1Page - NXP Semiconductors BGD804 Datasheet HTML 2Page - NXP Semiconductors BGD804 Datasheet HTML 3Page - NXP Semiconductors BGD804 Datasheet HTML 4Page - NXP Semiconductors BGD804 Datasheet HTML 5Page - NXP Semiconductors BGD804 Datasheet HTML 6Page - NXP Semiconductors BGD804 Datasheet HTML 7Page - NXP Semiconductors BGD804 Datasheet HTML 8Page - NXP Semiconductors BGD804 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
1999 Mar 26
3
Philips Semiconductors
Product specification
CATV amplifier module
BGD804
CHARACTERISTICS
Table 1
Bandwidth 40 to 860 MHz; VB =24V;Tcase =35 °C; ZS =ZL =75 Ω
Notes
1. fp = 55.25 MHz; Vp = 44 dBmV;
fq = 805.25 MHz; Vq = 44 dBmV;
measured at fp +fq = 860.5 MHz.
2. Measured according to DIN45004B;
fp = 851.25 MHz; Vp =Vo;
fq = 858.25 MHz; Vq =Vo −6 dB;
fr = 860.25 MHz; Vr =Vo −6 dB;
measured at fp +fq − fr = 849.25 MHz.
3. The module normally operates at VB = 24 V, but is able to withstand supply transients up to 30 V.
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
Gp
power gain
f = 50 MHz
19.5
20
20.5
dB
f = 860 MHz
20
21
dB
SL
slope cable equivalent
f = 40 to 860 MHz
0.2
1.1
2
dB
FL
flatness of frequency response
f = 40 to 860 MHz
−±0.2
±0.5
dB
S11
input return losses
f = 40 to 80 MHz
20
28
dB
f = 80 to 160 MHz
18.5
23
dB
f = 160 to 320 MHz
17
20
dB
f = 320 to 640 MHz
15.5
20
dB
f = 640 to 860 MHz
14
20
dB
S22
output return losses
f = 40 to 80 MHz
20
28.5
dB
f = 80 to 160 MHz
18.5
28
dB
f = 160 to 320 MHz
17
24
dB
f = 320 to 640 MHz
15.5
19
dB
f = 640 to 860 MHz
14
19
dB
S21
phase response
f = 50 MHz
−45
+45
deg
CTB
composite triple beat
49 channels flat; Vo = 47 dBmV;
measured at 859.25 MHz
−−64
−61
dB
Xmod
cross modulation
49 channels flat; Vo = 47 dBmV;
measured at 55.25 MHz
−−65.5
−62
dB
CSO
composite second order distortion
49 channels flat; Vo = 47 dBmV;
measured at 860.5 MHz
−−63
−58
dB
d2
second order distortion
note 1
−−73
−67
dB
Vo
output voltage
dim = −60 dB; note 2
+60
−61.5
dBmV
F
noise figure
f = 50 MHz
4.5
5
dB
f = 550 MHz
−−
6dB
f = 650 MHz
−−
6dB
f = 750 MHz
−−
6.5
dB
f = 860 MHz
6.5
7.5
dB
Itot
total current consumption (DC)
note 3
395
410
mA


Similar Part No. - BGD804

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BGD804N PHILIPS-BGD804N Datasheet
57Kb / 12P
   CATV amplifier module
1999 Mar 26
logo
Quanzhou Jinmei Electro...
BGD804 JMNIC-BGD804_15 Datasheet
67Kb / 12P
   860 MHz, 20 dB gain power doubler amplifier
BGD804_2015 JMNIC-BGD804_2015 Datasheet
67Kb / 12P
   860 MHz, 20 dB gain power doubler amplifier
More results

Similar Description - BGD804

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MHW1253LA FREESCALE-MHW1253LA Datasheet
89Kb / 4P
   CATV Amplifier Module
MHW1346 FREESCALE-MHW1346 Datasheet
69Kb / 4P
   CATV Amplifier Module
logo
NXP Semiconductors
BGD602D PHILIPS-BGD602D Datasheet
46Kb / 7P
   CATV amplifier module
1995 Aug 28
BGD702D PHILIPS-BGD702D Datasheet
70Kb / 8P
   CATV amplifier module
1997 Mar 25
BGD704 PHILIPS-BGD704 Datasheet
55Kb / 12P
   CATV amplifier module
1999 Mar 22
BGD714 PHILIPS-BGD714 Datasheet
55Kb / 8P
   CATV amplifier module
2000 Jan 13
BGD814 PHILIPS-BGD814 Datasheet
67Kb / 12P
   CATV amplifier module
2000 Apr 19
BGD816L PHILIPS-BGD816L Datasheet
48Kb / 8P
   CATV amplifier module
2000 Apr 12
BGX881 PHILIPS-BGX881 Datasheet
22Kb / 5P
   CATV amplifier module
February 1995
BGY585A PHILIPS-BGY585A Datasheet
61Kb / 8P
   CATV amplifier module
1999 Mar 26
BGY588 PHILIPS-BGY588 Datasheet
48Kb / 8P
   CATV amplifier module
1997 Apr 10
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com