Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

QT-BNC Datasheet(PDF) 1 Page - ITT Industries

Part # QT-BNC
Description  RF Coaxial Connectors
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

QT-BNC Datasheet(HTML) 1 Page - ITT Industries

  QT-BNC Datasheet HTML 1Page - ITT Industries  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Version 05.01.03
S-07
Dimensions are shown in mm (inch)
Dimensions subject to change
www.ittcannon.com
RF Coaxial Connectors
QT-BNC
Thistotallynewterminationtechnique
provides the QT-BNC with a high
pressure, gas tight center conductor
joint of exceptional mechanical integrity,
without crimping the center contact. The
QT-BNC is a 75 ohm pre-assembled connector
with an integral center contact and rear crimp
ferrule. This connector may be terminated
onto cable in under 20 seconds, significantly
reducing installation costs.
Applications:
Broadcast Systems
Central Office Switching
Cross-Connect Equipment
Telecommunications
Meets Telcordia/SMPTE 292M standards.
Designed for field installation.
Plastic rear cap is color coded for easy
identification of cable type.
Optional right angle strain relief boot
accessory (shown above).
Compatible with select competitive crimp
tools and die sets.
Complete assembly instructions are printed
on bags.
Pneumatic crimp tool available.
Performance Specifications
Bump
4000 total at 390 m/s2
Cable Retention
C
Caabbllee
A
Axxiiaall FFoorrccee
TToorrqquuee
M17/29-RG59/U
133 N (30 lbs) min.
0,9 Nm (8.0 in. lbs)
734 type
311 N (70 lbs) min.
0,9 Nm (8.0) in. lbs)
735A type
111 N (25 lbs) min.
0,45 Nm (4.0 in. lbs)
1694A
133 N (30 lbs) min.
0,9 Nm (8.0 in. lbs)
Connector Durability
500 mating cycles min.
Contact Current Rating
1.5 A dc max.
Contact/Insulator Retention
22,3 N (5 lbs) min. axial force
Contact Resistance
Outer contact: 1.0 mΩ max.; Braid to body: 1.0 mΩ max.
Corona Level
375 V ac rms min. at 21 km (70,000 ft)
Coupling Mechanism Retention
445 N (100 lbs) min.
DWV
1500 V ac rms at sea level
Frequency Range
DC to 2.0 GHz
Impedance
75 Ω nominal
Insertion Force
22,3 N (5 lbs) max.
Insertion Loss
0.2 dB max. at 2 GHz
Insulation Resistance
5000 MΩ min.
Operating Temperature
–40°C to 85°C (–40°F to 185°F)
Operating Voltage
500 V ac rms at sea level
RF Leakage
–60 dB typical up to 2 GHz
Shock
490 m/s2 for 11 ms
Termination Resistance (QT Center contact)
3 mΩ max. (excluding pole resistance)
Vibration
(a) Frequency range from 10 Hz to 500 Hz. (b) Displacement: 0.75 (.029).
(c) Acceleration: 98 m/s2. (d) Duration: 6 hours.
VSWR
1.2 max. (DC to 1 GHz); 1.3 max. (1 to 2 GHz)
Materials and Finishes
Description
Material
Finish
Connector Body
Phosphor bronze
140 µ in. Nickel
Insulators
Polymers rated to UL 94V-0
Center Contact Male
Beryllium copper
50 µ in. Gold
Coupling Nut
Die Cast, Copper Zinc Alloy
80 µ in. Nickel
Crimp Ferrule
Annealed Copper Alloy
150 µ in. Nickel
Spring
Stainless Steel
Product Features
For more information: www.ittcannon.com/cat078
Please contact your local Cannon representative: www.ittcannon.com/support/ContactUs


Similar Description - QT-BNC

ManufacturerPart #DatasheetDescription
logo
ITT Industries
050-424-3188220 ITT-050-424-3188220 Datasheet
452Kb / 39P
   RF Coaxial Connectors
050-424-3188220 ITT-050-424-3188220 Datasheet
452Kb / 39P
   RF Coaxial Connectors
F50-A24-3002A90 ITT-F50-A24-3002A90 Datasheet
489Kb / 42P
   RF Coaxial Connectors
SSMB ITT-SSMB Datasheet
452Kb / 39P
   RF Coaxial Connectors
logo
Japan Aviation Electron...
SMB JAE-SMB Datasheet
370Kb / 9P
   COAXIAL CONNECTORS
logo
Murata Manufacturing Co...
MM8130-2600RB8 MURATA-MM8130-2600RB8 Datasheet
37Kb / 1P
   Coaxial Connectors
logo
Pasternack Enterprises,...
PE2PB1005 PASTERNACK-PE2PB1005 Datasheet
839Kb / 7P
   RF Coaxial GSG Probe
PE2PB1006 PASTERNACK-PE2PB1006 Datasheet
832Kb / 7P
   RF Coaxial GS Probe
PE2PB1007 PASTERNACK-PE2PB1007 Datasheet
828Kb / 7P
   RF Coaxial GS Probe
logo
DDK Ltd.
PSD-SJ-FCCAV1-SO DDK-PSD-SJ-FCCAV1-SO Datasheet
617Kb / 3P
   Small Coaxial Connectors
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com