Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ECG002 Datasheet(PDF) 5 Page - WJ Communication. Inc.

Part # ECG002
Description  InGaP HBT Gain Block
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WJCI [WJ Communication. Inc.]
Direct Link  http://www.wj.com
Logo WJCI - WJ Communication. Inc.

ECG002 Datasheet(HTML) 5 Page - WJ Communication. Inc.

  ECG002 Datasheet HTML 1Page - WJ Communication. Inc. ECG002 Datasheet HTML 2Page - WJ Communication. Inc. ECG002 Datasheet HTML 3Page - WJ Communication. Inc. ECG002 Datasheet HTML 4Page - WJ Communication. Inc. ECG002 Datasheet HTML 5Page - WJ Communication. Inc. ECG002 Datasheet HTML 6Page - WJ Communication. Inc. ECG002 Datasheet HTML 7Page - WJ Communication. Inc.  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
Specifications and information are subject to change without notice
WJ Communications, Inc
• Phone 1-800-WJ1-4401 • FAX: 408-577-6621 • e-mail: sales@wj.com • Web site: www.wj.com
Page 5 of 7 April 2006
ECG002
InGaP HBT Gain Block
Product Information
The Communications Edge
TM
ECG002C-G Mechanical Information
This package is lead-free/Green/RoHS-compliant. The plating material on the pins is annealed matte tin over copper. It is compatible with
both lead-free (maximum 260
°C reflow temperature) and leaded (maximum 245 °C reflow temperature) soldering processes.
Outline Drawing
Land Pattern
Product Marking
The component will be marked with a two-digit
numeric lot code (shown as “XX”) followed
with a “K” designator on the top surface of the
package.
The obsolete tin-lead package is
marked with a two-digit numeric lot code
followed with a “J” designator; it may also
have been marked with a “J” designator
followed by a two-digit lot code.
Tape and reel specifications for this part are
located on the website in the “Application
Notes” section.
MSL / ESD Rating
ESD Rating: Class 1A
Value:
Passes between 250 and 500V
Test:
Human Body Model (HBM)
Standard:
JEDEC Standard JESD22-A114
MSL Rating: Level 3 at +260
°C convection reflow
Standard:
JEDEC Standard J-STD-020
Mounting Config. Notes
1. Ground / thermal vias are critical for the proper performance of this
device. Vias should use a .35mm (#80 / .0135”) diameter drill and
have a final plated thru diameter of .25 mm (.010”).
2. Add as much copper as possible to inner and outer layers near the
part to ensure optimal thermal performance.
3. Mounting screws can be added near the part to fasten the board to a
heatsink. Ensure that the ground / thermal via region contacts the
heatsink.
4. Do not put solder mask on the backside of the PC board in the
region where the board contacts the heatsink.
5. RF trace width depends upon the PC board material and
construction.
6. Use 1 oz. Copper minimum.
7. All dimensions are in millimeters (inches). Angles are in degrees.


Similar Part No. - ECG002

ManufacturerPart #DatasheetDescription
logo
WJ Communication. Inc.
ECG002 WJCI-ECG002 Datasheet
326Kb / 7P
   InGaP HBT Gain Block
ECG002B-G WJCI-ECG002B-G Datasheet
326Kb / 7P
   InGaP HBT Gain Block
ECG002B-PCB WJCI-ECG002B-PCB Datasheet
326Kb / 7P
   InGaP HBT Gain Block
ECG002C-G WJCI-ECG002C-G Datasheet
326Kb / 7P
   InGaP HBT Gain Block
ECG002C-PCB WJCI-ECG002C-PCB Datasheet
326Kb / 7P
   InGaP HBT Gain Block
More results

Similar Description - ECG002

ManufacturerPart #DatasheetDescription
logo
WJ Communication. Inc.
AG201-86 WJCI-AG201-86 Datasheet
452Kb / 6P
   InGaP HBT Gain Block
AG604-89 WJCI-AG604-89 Datasheet
295Kb / 5P
   InGaP HBT Gain Block
logo
TriQuint Semiconductor
AG201-63 TRIQUINT-AG201-63_15 Datasheet
500Kb / 5P
   InGaP HBT Gain Block
logo
WJ Communication. Inc.
AG201-63 WJCI-AG201-63 Datasheet
504Kb / 6P
   InGaP HBT Gain Block
ECG040 WJCI-ECG040 Datasheet
161Kb / 4P
   InGaP HBT Gain Block
AG402-86 WJCI-AG402-86 Datasheet
430Kb / 6P
   InGaP HBT Gain Block
AG503-89-RFID WJCI-AG503-89-RFID Datasheet
509Kb / 6P
   InGaP HBT Gain Block
AG302-86 WJCI-AG302-86 Datasheet
456Kb / 6P
   InGaP HBT Gain Block
AG402-86 WJCI-AG402-86_06 Datasheet
198Kb / 5P
   InGaP HBT Gain Block
logo
List of Unclassifed Man...
ECG006 ETC-ECG006 Datasheet
377Kb / 8P
   InGaP HBT Gain Block
ECG003 ETC-ECG003 Datasheet
192Kb / 5P
   InGaP HBT Gain Block
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com