Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PM061UEBMWCKQ22 Datasheet(PDF) 1 Page - ITT Industries

Part # PM061UEBMWCKQ22
Description  5 Tumbler Miniature Snap-in Switchlocks
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

PM061UEBMWCKQ22 Datasheet(HTML) 1 Page - ITT Industries

  PM061UEBMWCKQ22 Datasheet HTML 1Page - ITT Industries PM061UEBMWCKQ22 Datasheet HTML 2Page - ITT Industries PM061UEBMWCKQ22 Datasheet HTML 3Page - ITT Industries  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
M–31
Dimensions are shown: Inch (mm)
Specifications and dimensions subject to change
www.ittcannon.com
M
Models Available
C&K PM Series
5 Tumbler Miniature Snap-in Switchlocks
Features/Benefits
International agency listings
Snap-in mounting
Wire lead terminations available
5 Tumbler lock with positive detent
Typical Applications
Computers
Point-of-sale terminals
Marine equipment
Specifications
CONTACT RATING: Q contact material: 4 AMPS @ 125 V AC or
28 V DC; 2 AMPS @ 250 V AC (UL/CSA); 4 AMPS @ 125 V AC,
2 AMPS @ 250 V AC, T65 (VDE). See page M-33 for
additional ratings.
ELECTRICAL LIFE: 10,000 make-and-break cycles at full load.
CONTACT RESISTANCE: Below 10 m
Ω typ. initial @
2-4 V DC, 100 mA, for both silver and gold plated contacts.
INSULATION RESISTANCE: 109
Ω min.
DIELECTRIC STRENGTH: 1,000 Vrms min. @ sea level.
INDEXING: 90º:2 positions.
Materials
LOCK: 6/6 nylon with matte finish (UL 94V-2), color black,
5 tumbler, single bitted lock with integral detent mechanism.
KEYS: Two nickel plated brass keys with black plastic head, other
colors available.
SWITCH HOUSING: 6/6 nylon (UL 94V-2).
CONTACTS & TERMINALS: Q contact material: Copper, silver
plated. See page M-33 for additional contact materials.
NOTE: Any models supplied with Q or B contact material are RoHS compliant. For the latest
information regarding RoHS compliance, please go to: www.ittcannon.com/rohs.
NOTE: Specifications and materials listed above are for switchlocks with standard options.
For information on specific and custom switchlocks, consult Customer Service Center.
Build-A-Switch
To order, simply select desired option from each category and place in the appropriate box. Available options are shown and
described on pages M–32 and M-33. For additional options not shown in catalog, consult Customer Service Center.
Switch and lock Function
PM0613 SP, 90º, Index, keypull pos. 1
PM061U SP, 90º Index, keypull pos. 1 & 3
Lock Color
2
Black
Key Color
2
Black
Keying
E Two nickel plated
brass keys with insert
molded plastic head
Terminations
05 Quick connect
WC Wire lead
Contact Material
Q Silver
B Gold
Lock Type
B 5 Tumbler lock
with detent
Lock Finish
M Plastic lock with matte finish
Lock Style
K Cone shaped facing


Similar Part No. - PM061UEBMWCKQ22

ManufacturerPart #DatasheetDescription
logo
C&K Components
PM061UEBM05K22 CK-COMPONENTS-PM061UEBM05K22 Datasheet
181Kb / 3P
   5 Tumbler Miniature Snap-in Switchlocks
PM061UEBM05KQ22 CK-COMPONENTS-PM061UEBM05KQ22 Datasheet
181Kb / 3P
   5 Tumbler Miniature Snap-in Switchlocks
PM061UEBMKQ22 CK-COMPONENTS-PM061UEBMKQ22 Datasheet
181Kb / 3P
   5 Tumbler Miniature Snap-in Switchlocks
More results

Similar Description - PM061UEBMWCKQ22

ManufacturerPart #DatasheetDescription
logo
C&K Components
PM CK-COMPONENTS-PM Datasheet
385Kb / 3P
   5 Tumbler Miniature Snap-in Switchlocks
27 Jun 22
PF011UEBM03KQ22 CK-COMPONENTS-PF011UEBM03KQ22 Datasheet
202Kb / 4P
   5 Tumbler Miniature Snap-in Switchlocks
logo
ITT Industries
PF011UEBM03KQ22 ITT-PF011UEBM03KQ22 Datasheet
282Kb / 4P
   5 Tumbler Miniature Snap-in Switchlocks
logo
C&K Components
PM0613EBM05KQ22 CK-COMPONENTS-PM0613EBM05KQ22 Datasheet
181Kb / 3P
   5 Tumbler Miniature Snap-in Switchlocks
logo
ITT Industries
P101132CM03Q22 ITT-P101132CM03Q22 Datasheet
370Kb / 4P
   4 Tumbler Snap-in Switchlocks
logo
C&K Components
P CK-COMPONENTS-P Datasheet
535Kb / 4P
   4 Tumbler Snap-in Switchlocks
28 Jan 21
logo
ITT Industries
YF01132C2803NQ ITT-YF01132C2803NQ Datasheet
356Kb / 4P
   4 Tumbler Miniature Switchlocks
logo
C&K Components
YF01132C203NQ CK-COMPONENTS-YF01132C203NQ Datasheet
211Kb / 4P
   4 Tumbler Miniature Switchlocks
YM06132C205NQ CK-COMPONENTS-YM06132C205NQ Datasheet
182Kb / 3P
   4 Tumbler Miniature Switchlocks
logo
ITT Industries
YM06132C205NQ ITT-YM06132C205NQ Datasheet
319Kb / 3P
   4 Tumbler Miniature Switchlocks
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com