Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

192900-0422 Datasheet(PDF) 6 Page - ITT Industries

Part # 192900-0422
Description  Cannon Trident Connector System Snap Together-Rectangular
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

192900-0422 Datasheet(HTML) 6 Page - ITT Industries

  192900-0422 Datasheet HTML 1Page - ITT Industries 192900-0422 Datasheet HTML 2Page - ITT Industries 192900-0422 Datasheet HTML 3Page - ITT Industries 192900-0422 Datasheet HTML 4Page - ITT Industries 192900-0422 Datasheet HTML 5Page - ITT Industries 192900-0422 Datasheet HTML 6Page - ITT Industries  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
11
Cannon Trident Connector System
Snap Together-Rectangular
www.ittcannon.com
Dimensions shown in mm (inch)
Specifications and dimensions subject to change
PCB Mounted Connectors
— Socket Contacts
Mates with Free Plug, see page 8.
Integrally molded flanges.
Contacts are on a 5,08 (.200) grid,
symmetrical on center lines.
Recommended PCB hole Ø 1,15 (.045).
Connector Discriminating Pins available,
see page 52.
Formed (Stamped)
Number of
Part Number
Contacts Plating (Pack of 100) Nomenclature
2
Gold*
192900-0418 TST 02 RB 06Y
2
Tin
192990-3300 TST 02 RB 06T
3
Gold*
192900-0419 TST 03 RB 06Y
3
Tin
192990-3310 TST 03 RB 06T
4
Gold*
192900-0420 TST 04 RB 06Y
4
Tin
192990-3320 TST 04 RB 06T
6
Gold*
192900-0421 TST 06 RB 06Y
6
Tin
192990-3330 TST 06 RB 06T
12
Gold*
192900-0422 TST 12 RB 06Y
12
Tin
192990-3340 TST 12 RB 06T
24
Gold*
192900-0423 TST 24 RB 06Y
24
Tin
192990-3350 TST 24 RB 06T
36
Gold*
192900-0424 TST 36 RB 06Y
36
Tin
192990-3360 TST 36 RB 06T
Machined
Dimensions
Part Number
B
C
(Pack of 100) Nomenclature Figure
A
±0,08 (.003) ±0,08 (.003)
D
E
192991-0213
TST 02 RB 02Z
1
11,13 (.438)
N/A
19,13 (.753)
6,00 (.236)
25,00 (.984)
192991-0214
TST 02 RB 02T
1
11,13 (.438)
N/A
19,13 (.753)
6,00 (.236)
25,00 (.984)
192991-0221
TST 03 RB 02Z
2
16,21 (.638)
14,05 (.553)
10,24 (.403)
6,00 (.236)
20,10 (.791)
192991-0222
TST 03 RB 02T
2
16,21 (.638)
14,05 (.553)
10,24 (.403)
6,00 (.236)
20,10 (.791)
192991-0229
TST 04 RB 02Z
2
21,30 (.838)
14,05 (.553)
15,32 (.603)
6,00 (.236)
20,10 (.791)
192991-0230
TST 04 RB 02T
2
21,30 (.838)
14,05 (.553)
15,32 (.603)
6,00 (.236)
20,10 (.791)
192991-0237
TST 06 RB 02Z
2
16,20 (.637)
19,12 (.752)
10,23 (.402)
11,00 (.433) 26,00 (1.023)
192991-0238
TST 06 RB 02T
2
16,20 (.637)
19,12 (.752)
10,23 (.402)
11,00 (.433) 26,00 (1.023)
192991-0245
TST 12 RB 02Z
2
16,20 (.637) 29,30 (1.153)
10,26 (.404)
21,20 (.834) 35,20 (1.385)
192991-0246
TST 12 RB 02T
2
16,20 (.637) 29,30 (1.153)
10,26 (.404)
21,20 (.834) 35,20 (1.385)
192991-0253
TST 24 RB 02Z
2
21,30 (.838) 39,37 (1.550)
15,32 (.603) 31,30 (1.232) 45,60 (1.795)
192991-0254
TST 24 RB 02T
2
21,30 (.838) 39,37 (1.550)
15,32 (.603) 31,30 (1.232) 45,60 (1.795)
192991-0261
TST 36 RB 02Z
1
46,60 (1.834) 15,24 (.600)
54,64 (2.151) 21,20 (.834) 60,50 (2.382)
192991-0262
TST 36 RB 02T
1
46,60 (1.834) 15,24 (.600)
54,64 (2.151) 21,20 (.834) 60,50 (2.382)
* Gold plating for Formed (Stamped) Contacts is 0,75 µm (30 µ in.) min gold. Gold plating for Machined Contacts is gold flash.


Similar Part No. - 192900-0422

ManufacturerPart #DatasheetDescription
logo
ITT Industries
192900-0425 ITT-192900-0425 Datasheet
457Kb / 10P
   Cannon Trident Connector System Neptune Circular Connectors
More results

Similar Description - 192900-0422

ManufacturerPart #DatasheetDescription
logo
ITT Industries
192990-0960 ITT-192990-0960 Datasheet
173Kb / 4P
   Cannon Trident Connector System Snap Together-Slimline
192900-0014 ITT-192900-0014 Datasheet
457Kb / 10P
   Cannon Trident Connector System Neptune Circular Connectors
192990-2490 ITT-192990-2490 Datasheet
5Mb / 96P
   Cannon Trident Series
TNM6S10-0004P1L ITT-TNM6S10-0004P1L Datasheet
5Mb / 96P
   CANNON TRIDENT SERIES
121586-5236 ITT-121586-5236 Datasheet
5Mb / 96P
   Cannon Trident Series
192993-0106 ITT-192993-0106 Datasheet
5Mb / 96P
   Cannon Trident Series
031-8717-021 ITT-031-8717-021 Datasheet
5Mb / 96P
   Cannon Trident Series
logo
FCI connector
86303641B FCI-CONNECTOR-86303641B Datasheet
59Kb / 1P
   SNAP TOGETHER
logo
ITT Industries
DEU-9S-A197-F0 ITT-DEU-9S-A197-F0 Datasheet
42Kb / 1P
   Cannon
SLE ITT-SLE Datasheet
388Kb / 14P
   Snap-Lock Environmentally Sealed - Rectangular
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com