Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

E225S1D3V3PE Datasheet(PDF) 3 Page - ITT Industries

Part # E225S1D3V3PE
Description  Sealed Snap-acting Momentary Pushbutton Switches
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

E225S1D3V3PE Datasheet(HTML) 3 Page - ITT Industries

  E225S1D3V3PE Datasheet HTML 1Page - ITT Industries E225S1D3V3PE Datasheet HTML 2Page - ITT Industries E225S1D3V3PE Datasheet HTML 3Page - ITT Industries E225S1D3V3PE Datasheet HTML 4Page - ITT Industries E225S1D3V3PE Datasheet HTML 5Page - ITT Industries E225S1D3V3PE Datasheet HTML 6Page - ITT Industries E225S1D3V3PE Datasheet HTML 7Page - ITT Industries E225S1D3V3PE Datasheet HTML 8Page - ITT Industries  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Dimensions are shown: Inches (mm)
Specifications and dimensions subject to change
www.ittcannon.com
Third Angle
Projection
A–21
A
C&K E020 Series
Sealed Snap-acting Momentary Pushbutton Switches
TERMINATIONS
PC MOUNTING
PC MOUNTING
SECTION A-A
SECTION A-A
PC MOUNTING
C
PC THRU-HOLE
A3
RIGHT ANGLE, SNAP-IN, PC THRU-HOLE
A
RIGHT ANGLE, PC THRU-HOLE
A
RIGHT ANGLE, PC THRU-HOLE
A3
RIGHT ANGLE, SNAP-IN, PC THRU-HOLE
E121SD1AGE
SPDT
E221SD1AGE
DPDT
NOTE: Terminal bend radii and lead-in manufacturing option.
NOTE: Terminal bend radii and lead-in manufacturing option.
SPDT and DPDT


Similar Part No. - E225S1D3V3PE

ManufacturerPart #DatasheetDescription
logo
Gilway Technical Lamp
E225 GILWAY-E225 Datasheet
71Kb / 2P
   Rectangular LEDs
logo
MicroPower Direct, LLC
E225 MPD-E225 Datasheet
175Kb / 2P
   Isolated, Single Output Ultra-Miniature, 2W SIP DC/DC Converters
logo
Sharp Corporation
E2251T SHARP-E2251T Datasheet
46Kb / 2P
   PAL Format Electronic Television Modulators
logo
General Cable Technolog...
E2252S GENERAL-E2252S Datasheet
74Kb / 1P
   2C 14 19/0.0147 BC FLEX OAS FLEX Sound, Alarm & Security Cable
E2254S GENERAL-E2254S Datasheet
74Kb / 1P
   4C 14 19/0.0147 BC FLEX OAS FLEX Sound, Alarm & Security Cable
More results

Similar Description - E225S1D3V3PE

ManufacturerPart #DatasheetDescription
logo
C&K Components
E020 CK-COMPONENTS-E020 Datasheet
516Kb / 8P
   Sealed Snap-acting Momentary Pushbutton Switches
E020 CK-COMPONENTS-E020_V01 Datasheet
1Mb / 8P
   Sealed Snap-acting Momentary Pushbutton Switches
5 Aug 20
8020 CK-COMPONENTS-8020 Datasheet
1Mb / 17P
   Snap-acting Momentary Pushbutton Switches
8020 CK-COMPONENTS-8020_V01 Datasheet
3Mb / 17P
   Snap-acting Momentary Pushbutton Switches
2022
logo
ITT Industries
8121SD9ABE223 ITT-8121SD9ABE223 Datasheet
2Mb / 17P
   Snap-acting Momentary Pushbutton Switches
logo
GREATECS
PB2 GREATECS-PB2 Datasheet
1,020Kb / 2P
   Sealed Snap-Acting Pushbutton Switches
logo
List of Unclassifed Man...
SPC5064 ETC2-SPC5064 Datasheet
54Kb / 1P
   Snap-Acting Momentary Pushbutton Switch
logo
ITT Industries
E112SD1ABE ITT-E112SD1ABE Datasheet
698Kb / 6P
   Sealed Momentary Pushbutton Switches
E010 ITT-E010 Datasheet
386Kb / 6P
   Sealed Momentary Pushbutton Switches
logo
C&K Components
E010 CK-COMPONENTS-E010 Datasheet
467Kb / 6P
   Sealed Momentary Pushbutton Switches
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com