Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CV211-1AF Datasheet(PDF) 1 Page - WJ Communication. Inc.

Part # CV211-1AF
Description  PCS/DCS-band Dual-Branch Downconverter
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WJCI [WJ Communication. Inc.]
Direct Link  http://www.wj.com
Logo WJCI - WJ Communication. Inc.

CV211-1AF Datasheet(HTML) 1 Page - WJ Communication. Inc.

  CV211-1AF Datasheet HTML 1Page - WJ Communication. Inc. CV211-1AF Datasheet HTML 2Page - WJ Communication. Inc. CV211-1AF Datasheet HTML 3Page - WJ Communication. Inc. CV211-1AF Datasheet HTML 4Page - WJ Communication. Inc. CV211-1AF Datasheet HTML 5Page - WJ Communication. Inc. CV211-1AF Datasheet HTML 6Page - WJ Communication. Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Specifications and information are subject to change without notice
WJ Communications, Inc
• Phone 1-800-WJ1-4401 • FAX: 408-577-6621 • e-mail: sales@wj.com • Web site: www.wj.com
Page 1 of 6 December 2005
CV211-1A
PCS/DCS-band Dual-Branch Downconverter
Product Information
The Communications Edge
TM
Product Features
High dynamic range downconverter
with integrated LO and IF amplifiers
Dual channels for diversity
+29.5 dBm Input IP3
+10 dBm Input P1dB
RF: 1700 – 2000 MHz
IF: 65 – 250 MHz
+5V Single supply operation
Pb-free 6mm 28-pin QFN package
Low-side LO configuration
Common footprint with other
UMTS/cellular versions
Product Description
The CV211-1A is a dual-channel high-linearity down-
converter designed to meet the demanding performance,
functionality, and cost goals of current and next generation
mobile infrastructure basestations.
It provides high
dynamic range performance in a low profile surface-mount
leadless package that measures 6 x 6 mm square.
It is ideally suited for high dynamic range receiver front
ends using diversity receive channels. Functionality
includes frequency conversion and IF amplification,
while an integrated LO driver amplifier powers the
passive mixer. The MCM is implemented with reliable
and mature GaAs MESFET and InGaP HBT technology.
Typical applications include frequency downconversion
used in PCS/DCS 2.5G and 3G mobile base transceiver
stations.
Functional Diagram
Top View
Specifications
(1)
Parameters
Units
Min
Typ
Max
Comments
RF Frequency Range
MHz
1700 – 2000
LO Frequency Range
MHz
1450 – 1935
IF Frequency Range
MHz
65 – 250
See note 2
% Bandwidth around IF center frequency
%
±7.5
See note 3
IF Test Frequency
MHz
240
SSB Conversion Gain
dB
8
10
12
Temp = 25 °C
Gain Drift over Temp (-40 to 85 °C)
dB
-1.5
±0.5
+1.5
Referenced to +25 °C
Input IP3
dBm
+25
+29.5
See note 4
Input IP2
dBm
+33
+38
See note 4
Input 1 dB Compression Point
dBm
+10
See note 4
Noise Figure
dB
10.5
See note 5
LO Input Drive Level
dBm
-2.5
0
+2.5
LO-RF Isolation
dB
8
PLO = 0 dBm
LO-IF Isolation
dB
32
PLO = 0 dBm
Branch-Branch Isolation
dB
45
Return Loss: RF Port
dB
18
Return Loss: LO Port
dB
15
Return Loss: IF Port
dB
14
Operating Supply Voltage
V
+5
Supply Current
mA
320
380
475
Thermal Resistance
°C / W
27
Junction Temperature
°C
160
See note 6
1. Specifications when using the application specific circuit (shown on page 3) with a low side LO = 0 dBm and IF = 240 MHz in a downconverting application at 25
°C.
2. IF matching components affect the center IF frequency. Proper component values for other IF center frequencies than shown can be provided by emailing to applications.engineering@wj.com.
3. The IF bandwidth of the converter is defined as 15% around any center frequency in its operating IF frequency range. The bandwidth is determined with external components. Specifications are valid around
the total ±7.5% bandwidth. ie. with a center frequency of 240 MHz, the specifications are valid from 240 ± 18 MHz.
4. Assumes the supply voltage = +5 V. IIP3 is measured with
Δf = 1 MHz with RF
in = -5 dBm / tone.
5. Assumes LO injection noise is filtered at the thermal noise floor, -174 dBm/Hz, at the RF, IF, and Image frequencies.
6. The maximum junction temperature ensures a minimum MTTF rating of 1 million hours of usage.
Absolute Maximum Rating
Parameter
Rating
Operating Case Temperature
-40 to +85
°C
Storage Temperature
-55 to +150 °C
DC Voltage
+5.5 V
Junction Temperature
+220 °C
Operation of this device above any of these parameters may cause permanent damage.
Ordering Information
Part No.
Description
CV211-1AF
PCS/DCS-band Dual-Branch Downconverter
(lead-free/RoHS-compliant QFN Pkg)
CV211-1APCB240 Fully Assembled Eval. Board, IF = 240MHz
1
2
3
4
5
6
7
21
20
19
18
17
16
15
28
27
26
25
24
23
22
8
9
10
11
12
13
14
IF Amp 2
IF Amp 1
LO Driver Amp
BIAS
GND
GND
GND
LO
GND
GND
RF 1
INPUT
GND
BIAS
GND
GND
GND
IF
IF
RF
RF
RF 2
INPUT


Similar Part No. - CV211-1AF

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CV211-2 ETC1-CV211-2 Datasheet
430Kb / 7P
   UMTS-band Dual-Branch Downconverter
logo
WJ Communication. Inc.
CV211-2A WJCI-CV211-2A Datasheet
397Kb / 9P
   UMTS-band Dual-Branch Downconverter
CV211-2A WJCI-CV211-2A Datasheet
399Kb / 9P
   UMTS/WiMax-band Dual-Branch Downconverter
CV211-2AF WJCI-CV211-2AF Datasheet
397Kb / 9P
   UMTS-band Dual-Branch Downconverter
CV211-2AF WJCI-CV211-2AF Datasheet
399Kb / 9P
   UMTS/WiMax-band Dual-Branch Downconverter
More results

Similar Description - CV211-1AF

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CV111-1 ETC-CV111-1 Datasheet
254Kb / 4P
   PCS/DCS-band High Linearity Downconverter
logo
WJ Communication. Inc.
CV111-1A WJCI-CV111-1A Datasheet
238Kb / 4P
   PCS/DCS-band High Linearity Downconverter
CV111-1A WJCI-CV111-1A_07 Datasheet
274Kb / 4P
   PCS/DCS-band High Linearity Downconverter
CV210-1A WJCI-CV210-1A Datasheet
311Kb / 6P
   Cellular-band Dual-Branch Downconverter
logo
List of Unclassifed Man...
CV211-2 ETC1-CV211-2 Datasheet
430Kb / 7P
   UMTS-band Dual-Branch Downconverter
logo
WJ Communication. Inc.
CV210-2A WJCI-CV210-2A Datasheet
318Kb / 6P
   Cellular-band Dual-Branch Downconverter
logo
List of Unclassifed Man...
CV211-3 ETC1-CV211-3 Datasheet
391Kb / 7P
   UMTS-band Dual-Branch Downconverter
CV210-1 ETC-CV210-1 Datasheet
228Kb / 3P
   Cellular-band Dual-Branch Downconverter
logo
WJ Communication. Inc.
CV210-3A WJCI-CV210-3A Datasheet
308Kb / 6P
   Cellular-band Dual-Branch Downconverter
CV211-2A WJCI-CV211-2A Datasheet
397Kb / 9P
   UMTS-band Dual-Branch Downconverter
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com