Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PTH08T221WAZ Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # PTH08T221WAZ
Description  16-A, 4.5-V to 14-V INPUT, NON-ISOLATED, WIDE-OUTPUT, ADJUSTABLE POWER MODULE WITH TurboTrans
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PTH08T221WAZ Datasheet(HTML) 3 Page - Texas Instruments

  PTH08T221WAZ Datasheet HTML 1Page - Texas Instruments PTH08T221WAZ Datasheet HTML 2Page - Texas Instruments PTH08T221WAZ Datasheet HTML 3Page - Texas Instruments PTH08T221WAZ Datasheet HTML 4Page - Texas Instruments PTH08T221WAZ Datasheet HTML 5Page - Texas Instruments PTH08T221WAZ Datasheet HTML 6Page - Texas Instruments PTH08T221WAZ Datasheet HTML 7Page - Texas Instruments PTH08T221WAZ Datasheet HTML 8Page - Texas Instruments PTH08T221WAZ Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 37 page
background image
www.ti.com
DATASHEET TABLE OF CONTENTS
ENVIRONMENTAL AND ABSOLUTE MAXIMUM RATINGS
PTH08T220W, PTH08T221W
SLTS252E – NOVEMBER 2005 – REVISED OCTOBER 2006
ORDERING INFORMATION
For the most current package and ordering information, see the Package Option Addendum at the end of this datasheet, or see
the TI website at www.ti.com.
DATASHEET SECTION
PAGE NUMBER
ENVIRONMENTAL AND ABSOLUTE MAXIMUM RATINGS
3
ELECTRICAL CHARACTERISTICS TABLE (PTH08T220W)
4
ELECTRICAL CHARACTERISTICS TABLE (PTH08T221W)
6
TERMINAL FUNCTIONS
8
TYPICAL CHARACTERISTICS (VI = 12V)
9
TYPICAL CHARACTERISTICS (VI = 5V)
10
ADJUSTING THE OUTPUT VOLTAGE
11
INPUT & OUTPUT CAPACITOR RECOMMENDATIONS
13
TURBOTRANS™ INFORMATION
17
UNDERVOLTAGE LOCKOUT (UVLO)
22
SOFT-START POWER-UP
23
OUTPUT INHIBIT
24
OVER-CURRENT PROTECTION
25
OVER-TEMPERATURE PROTECTION
25
REMOTE SENSE
25
SYCHRONIZATION (SMARTSYNC)
26
AUTO-TRACK SEQUENCING
27
PREBIAS START-UP
30
TAPE & REEL AND TRAY DRAWINGS
32
(Voltages are with respect to GND)
UNIT
Vtrack
Track pin voltage
–0.3 to VI + 0.3
V
TA
Operating temperature range Over VI range
–40 to 85
AH suffix
260
Surface temperature of module body or pins for
Twave
Wave soldering temperature
5 seconds maximum.
AD suffix
°C
AS suffix
235(1)
Treflow
Solder reflow temperature
Surface temperature of module body or pins
AZ suffix
260(1)
Tstg
Storage temperature
–40 to 125
Mechanical shock
Per Mil-STD-883D, Method 2002.3 1 msec, 1/2
AH and AD suffix
500
sine, mounted
AS and AZ suffix
125
G
Mechanical vibration
Mil-STD-883D, Method 2007.2 20-2000 Hz
20
Weight
5
grams
Flammability
Meets UL94V-O
(1)
During reflow of surface mount package version do not elevate peak temperature of the module, pins or internal components above the
stated maximum.
3
Submit Documentation Feedback


Similar Part No. - PTH08T221WAZ

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PTH08T221WAZ TI-PTH08T221WAZ Datasheet
1Mb / 38P
[Old version datasheet]   16-A, 4.5-V to 14-V INPUT, NON-ISOLATED, WIDE-OUTPUT, ADJUSTABLE POWER MODULE WITH TurboTrans
PTH08T221WAZ TI-PTH08T221WAZ Datasheet
1Mb / 38P
[Old version datasheet]   16-A, 4.5-V to 14-V INPUT, NON-ISOLATED, WIDE-OUTPUT, ADJUSTABLE POWER MODULE WITH TurboTrans?
PTH08T221WAZ TI-PTH08T221WAZ Datasheet
1Mb / 38P
[Old version datasheet]   16-A, 4.5-V to 14-V INPUT, NON-ISOLATED, WIDE-OUTPUT, ADJUSTABLE POWER MODULE WITH TurboTrans?
PTH08T221WAZT TI-PTH08T221WAZT Datasheet
1Mb / 38P
[Old version datasheet]   16-A, 4.5-V to 14-V INPUT, NON-ISOLATED, WIDE-OUTPUT, ADJUSTABLE POWER MODULE WITH TurboTrans
PTH08T221WAZT TI-PTH08T221WAZT Datasheet
1Mb / 38P
[Old version datasheet]   16-A, 4.5-V to 14-V INPUT, NON-ISOLATED, WIDE-OUTPUT, ADJUSTABLE POWER MODULE WITH TurboTrans?
More results

Similar Description - PTH08T221WAZ

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PTH08T220W TI-PTH08T220W_09 Datasheet
1Mb / 38P
[Old version datasheet]   16-A, 4.5-V to 14-V INPUT, NON-ISOLATED, WIDE-OUTPUT, ADJUSTABLE POWER MODULE WITH TurboTrans?
PTH08T220W TI-PTH08T220W_10 Datasheet
1Mb / 38P
[Old version datasheet]   16-A, 4.5-V to 14-V INPUT, NON-ISOLATED, WIDE-OUTPUT, ADJUSTABLE POWER MODULE WITH TurboTrans?
PTH08T220W TI-PTH08T220W_07 Datasheet
1Mb / 38P
[Old version datasheet]   16-A, 4.5-V to 14-V INPUT, NON-ISOLATED, WIDE-OUTPUT, ADJUSTABLE POWER MODULE WITH TurboTrans
PTH08T250W TI-PTH08T250W Datasheet
1Mb / 38P
[Old version datasheet]   50-A, 4.5-V to 14-V INPUT, NON-ISOLATED, WIDE-OUTPUT, ADJUSTABLE POWER MODULE WITH TurboTrans?
PTH08T250W TI-PTH08T250W_15 Datasheet
2Mb / 39P
[Old version datasheet]   50-A, 4.5-V to 14-V INPUT, NON-ISOLATED, WIDE-OUTPUT, ADJUSTABLE POWER MODULE WITH TurboTrans?
PTH08T230W TI-PTH08T230W Datasheet
56Kb / 3P
[Old version datasheet]   6-A, 4.5-V to 14-V INPUT, NON-ISOLATED, WIDE-OUTPUT, ADJUSTABLE POWER MODULE WITH TurboTrans
PTH08T240W TI-PTH08T240W Datasheet
846Kb / 30P
[Old version datasheet]   10-A, 4.5-V to 14-V INPUT, NON-ISOLATED, WIDE-OUTPUT, ADJUSTABLE POWER MODULE WITH TURBOTRANS?
PTH08T260W TI-PTH08T260W Datasheet
1Mb / 36P
[Old version datasheet]   3-A, 4.5-V to 14-V INPUT, NON-ISOLATED, WIDE-OUTPUT, ADJUSTABLE POWER MODULE WITH TurboTrans
PTH08T230W TI-PTH08T230W_07 Datasheet
1Mb / 36P
[Old version datasheet]   6-A, 4.5-V to 14-V INPUT, NON-ISOLATED, WIDE-OUTPUT, ADJUSTABLE POWER MODULE WITH TurboTrans?
PTH08T260W TI-PTH08T260W_15 Datasheet
1Mb / 38P
[Old version datasheet]   3-A, 4.5-V to 14-V INPUT, NON-ISOLATED, WIDE-OUTPUT, ADJUSTABLE POWER MODULE WITH TurboTrans?
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com