Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

192900-0071 Datasheet(PDF) 1 Page - ITT Industries

Part # 192900-0071
Description  Cannon Trident Connector System Neptune Circular Connectors
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

192900-0071 Datasheet(HTML) 1 Page - ITT Industries

  192900-0071 Datasheet HTML 1Page - ITT Industries 192900-0071 Datasheet HTML 2Page - ITT Industries 192900-0071 Datasheet HTML 3Page - ITT Industries 192900-0071 Datasheet HTML 4Page - ITT Industries 192900-0071 Datasheet HTML 5Page - ITT Industries 192900-0071 Datasheet HTML 6Page - ITT Industries 192900-0071 Datasheet HTML 7Page - ITT Industries 192900-0071 Datasheet HTML 8Page - ITT Industries 192900-0071 Datasheet HTML 9Page - ITT Industries Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
28
Cannon Trident Connector System
Neptune Circular Connectors
www.ittcannon.com
Dimensions shown in mm (inch)
Specifications and dimensions subject to change
Neptune is a range of circular connectors
specifically designed for harsh environment
applications. They come with membrane
wire seals that meet the requirements for
IP67 and do not require blanking plugs for
unused cavities. They will accept various
combinations of signal (13 A) and power
(30 A) contacts. The receptacle connectors
feature stainless steel bayonet pins
integrally molded into the bodies. The plug
connectors are available with either high
strength metal or corrosion resistant plastic
coupling rings.
Applications
Off Road Vehicles.
Truck and Bus.
Agricultural Equipment.
Construction Equipment.
Outdoor Electronics
Product Features
Mixes signal and 30 A power contacts
in one housing.
Printed circuit and coaxial contacts
available.
Full interface and cable sealing up
to IP67.
Large range support accessories.
Robust, cost effective connector for
harsh environments.
Performance Specifications
Temperature Range
–55°C to 105°C (–67°F to 221°F)
Test Voltage
2000 V ac rms
Working Voltage
25 V (Can be higher, if the equipment safety will allow)
Insulation Resistance
5000 M
Ω at 500 V dc
Environmental Sealing
Up to IP67
Flammability
UL 94V-0
Materials and Finishes
Description
Material
Finish
Insulator
Black Nylon, UL 94V-0
None
Bayonet Pin
Stainless Steel
None
Bayonet Pin Support Band
High Strength Copper Alloy
Nickel
Coupling Ring
High Strength Copper Alloy
Nickel


Similar Part No. - 192900-0071

ManufacturerPart #DatasheetDescription
logo
ITT Industries
192900-0000 ITT-192900-0000 Datasheet
12Mb / 79P
   Cannon APD Series ISO 15170 Connectors
192900-0001 ITT-192900-0001 Datasheet
12Mb / 79P
   Cannon APD Series ISO 15170 Connectors
192900-0002 ITT-192900-0002 Datasheet
12Mb / 79P
   Cannon APD Series ISO 15170 Connectors
192900-0003 ITT-192900-0003 Datasheet
12Mb / 79P
   Cannon APD Series ISO 15170 Connectors
More results

Similar Description - 192900-0071

ManufacturerPart #DatasheetDescription
logo
ITT Industries
192990-0960 ITT-192990-0960 Datasheet
173Kb / 4P
   Cannon Trident Connector System Snap Together-Slimline
192990-0350 ITT-192990-0350 Datasheet
291Kb / 6P
   Cannon Trident Connector System Snap Together-Rectangular
192990-2490 ITT-192990-2490 Datasheet
5Mb / 96P
   Cannon Trident Series
TNM6S10-0004P1L ITT-TNM6S10-0004P1L Datasheet
5Mb / 96P
   CANNON TRIDENT SERIES
121586-5236 ITT-121586-5236 Datasheet
5Mb / 96P
   Cannon Trident Series
192993-0106 ITT-192993-0106 Datasheet
5Mb / 96P
   Cannon Trident Series
031-8717-021 ITT-031-8717-021 Datasheet
5Mb / 96P
   Cannon Trident Series
ZDE9P ITT-ZDE9P Datasheet
233Kb / 5P
   Cannon ZD Connectors
ZDE9P1AKN-146 ITT-ZDE9P1AKN-146 Datasheet
233Kb / 5P
   Cannon ZD Connectors
B0023382 ITT-B0023382 Datasheet
235Kb / 7P
   Cannon 75 Ohm Connectors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com