Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ME00S1NZGF Datasheet(PDF) 4 Page - ITT Industries

Part # ME00S1NZGF
Description  Half-inch Rotary Switches
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

ME00S1NZGF Datasheet(HTML) 4 Page - ITT Industries

  ME00S1NZGF Datasheet HTML 1Page - ITT Industries ME00S1NZGF Datasheet HTML 2Page - ITT Industries ME00S1NZGF Datasheet HTML 3Page - ITT Industries ME00S1NZGF Datasheet HTML 4Page - ITT Industries ME00S1NZGF Datasheet HTML 5Page - ITT Industries ME00S1NZGF Datasheet HTML 6Page - ITT Industries  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
L–15
L
C&K M Series
Half-inch Rotary Switches
SHORTING/NON-SHORTING CONTACTS
CONTACT MATERIAL
TERMINATIONS
L
SP
DP
PC MOUNTING
30º INDEXING
SP
DP
PC MOUNTING
36º INDEXING
SP
DP
SP
DP
PANEL MOUNTING
WITH FLATS
WITHOUT FLATS
0.260 DIA
(6.60)
0.260 DIA
(6.59)
0.213
(5.41)
Z
SOLDER LUG
C
PC THRU-HOLE
N
NON-SHORTING CONTACTS
Break-before-make
Hardware: All models, one mounting nut and lockwasher
supplied standard. MA00 thru MD00 models: two stop pins
and adhesive mylar washer supplied. ME00 thru MH00
models: two stop rings supplied. Hardware is available
separately, see section “Technical Data and Additional
Hardware”.
NOTE: Q contact material standard. Terminal numbers marked on side of housing.
All terminals insert molded. All terminals present regardless of number of switch positions.
Actuators and schematics shown in pos. 1.
* Note: See Technical Data section of this catalog for RoHS compliant and compatible definition and specifications.
1 MOVABLE CONTACTS: Non-shorting: Copper alloy, silver plated.
Shorting: Zinc alloy, silver plated.
2 STATIONARY CONTACTS & ALL TERMINALS: Copper alloy, silver plated.
3 MOVABLE CONTACTS: Non-shorting: Copper alloy, with gold plate over nickel plate, over silver plate.
Shorting: Zinc alloy, with gold plate
4 STATIONARY CONTACTS & ALL TERMINALS: Copper alloy, with gold plate
over nickel plate over silver plate.
All models
when ordered with S1-S6 stainless steel actuator options.
NOTE: Any models supplied with Q G contact material are RoHS
compliant. For the latest information regarding RoHS compliance,
please go to: www.ittcannon.com/rohs.
Dimensions are shown: Inch (mm)
Specifications and dimensions subject to change
www.ittcannon.com
CONTACT
MATERIAL
OPTION
CODE
TERMINAL
PLATING
RATING
Q
CARRY: 6 AMPS CONTINUOUS. SWITCH: 250 mA @ 125 V AC
LOW LEVEL/DRY CIRCUIT
OR POWER
G
SILVER
1, 2
POWER
0.4 VA MAX. @ 20 V AC or DC MAX. or, CARRY: 6 AMPS
CONTINUOUS. SWITCH: 250 mA @ 125 V AC or 28 V DC.
RoHS
COMPLIANT*
RoHS
COMPATIBLE*
YES
YES
YES
YES
GOLD OVER
or 28 V DC.
SILVER
3, 4
SILVER
2
GOLD
4


Similar Part No. - ME00S1NZGF

ManufacturerPart #DatasheetDescription
logo
C&K Components
ME00 CK-COMPONENTS-ME00 Datasheet
545Kb / 5P
   Half-inch Rotary Switches
logo
MORNSUN Science& Techno...
ME00505VA MORNSUN-ME00505VA Datasheet
326Kb / 4P
   5W AC/DC Adapter
ME00505WA MORNSUN-ME00505WA Datasheet
253Kb / 3P
   5W AC/DC Adapter
ME00509VA MORNSUN-ME00509VA Datasheet
326Kb / 4P
   5W AC/DC Adapter
ME00512VA MORNSUN-ME00512VA Datasheet
326Kb / 4P
   5W AC/DC Adapter
More results

Similar Description - ME00S1NZGF

ManufacturerPart #DatasheetDescription
logo
C&K Components
MA00L1NZQD CK-COMPONENTS-MA00L1NZQD Datasheet
352Kb / 5P
   Half-inch Rotary Switches
M CK-COMPONENTS-M Datasheet
545Kb / 5P
   Half-inch Rotary Switches
logo
GREATECS
RB1 GREATECS-RB1 Datasheet
954Kb / 1P
   Rotary Switches
logo
E-SWITCH
KC13B7.002NLS E-SWITCH-KC13B7.002NLS_1 Datasheet
320Kb / 3P
   ROTARY SWITCHES
KC1901 E-SWITCH-KC1901 Datasheet
94Kb / 1P
   ROTARY SWITCHES
logo
Allen-Bradley
440T-MRKSE10 ALLEN-BRADLEY-440T-MRKSE10 Datasheet
161Kb / 3P
   Rotary Switches
logo
Carling Technologies
R135-SERIES CARLINGTECH-R135-SERIES Datasheet
484Kb / 3P
   Rotary Switches
logo
Mitsumi Electronics, Co...
SRM-1011ST MITSUMI-SRM-1011ST Datasheet
65Kb / 2P
   Rotary Switches
logo
E-SWITCH
KC13B7.002NLS E-SWITCH-KC13B7.002NLS Datasheet
236Kb / 3P
   ROTARY SWITCHES
logo
Coilcraft lnc.
CS-4-13NTA COILCRAFT-CS-4-13NTA Datasheet
190Kb / 7P
   ROTARY SELECTOR SWITCHES
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com