Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

WMS128K8L-15DEM Datasheet(PDF) 8 Page - White Electronic Designs Corporation

Part # WMS128K8L-15DEM
Description  128Kx8 MONOLITHIC SRAM, SMD 5962-96691
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEDC [White Electronic Designs Corporation]
Direct Link  http://www.whiteedc.com
Logo WEDC - White Electronic Designs Corporation

WMS128K8L-15DEM Datasheet(HTML) 8 Page - White Electronic Designs Corporation

  WMS128K8L-15DEM Datasheet HTML 1Page - White Electronic Designs Corporation WMS128K8L-15DEM Datasheet HTML 2Page - White Electronic Designs Corporation WMS128K8L-15DEM Datasheet HTML 3Page - White Electronic Designs Corporation WMS128K8L-15DEM Datasheet HTML 4Page - White Electronic Designs Corporation WMS128K8L-15DEM Datasheet HTML 5Page - White Electronic Designs Corporation WMS128K8L-15DEM Datasheet HTML 6Page - White Electronic Designs Corporation WMS128K8L-15DEM Datasheet HTML 7Page - White Electronic Designs Corporation WMS128K8L-15DEM Datasheet HTML 8Page - White Electronic Designs Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
8
8
8
8
8
White Electronic Designs Corporation • Phoenix AZ • (602) 437-1520
White Electronic Designs
WMS128K8-XXX
DEVICE TYPE
DEVICE TYPE
DEVICE TYPE
DEVICE TYPE
DEVICE TYPE
SPEED
SPEED
SPEED
SPEED
SPEED
PACKAGE
PACKAGE
PACKAGE
PACKAGE
PACKAGE
SMD NO.
SMD NO.
SMD NO.
SMD NO.
SMD NO.
128K x 8 SRAM Monolithic
120ns
32 lead SOJ Revol (DR)
5962-96691 01HUX
128K x 8 SRAM Monolithic
100ns
32 lead SOJ Revol (DR)
5962-96691 02HUX
128K x 8 SRAM Monolithic
85ns
32 lead SOJ Revol (DR)
5962-96691 03HUX
128K x 8 SRAM Monolithic
70ns
32 lead SOJ Revol (DR)
5962-96691 04HUX
128K x 8 SRAM Monolithic
120ns
32 lead SOJ Evol (DE)
5962-96691 01HTX
128K x 8 SRAM Monolithic
100ns
32 lead SOJ Evol (DE)
5962-96691 02HTX
128K x 8 SRAM Monolithic
85ns
32 lead SOJ Evol (DE)
5962-96691 03HTX
128K x 8 SRAM Monolithic
70ns
32 lead SOJ Evol (DE)
5962-96691 04HTX
128K x 8 SRAM Monolithic
120ns
32 pin DIP (C)
5962-96691 01HYX
128K x 8 SRAM Monolithic
100ns
32 pin DIP (C)
5962-96691 02HYX
128K x 8 SRAM Monolithic
85ns
32 pin DIP (C)
5962-96691 03HYX
128K x 8 SRAM Monolithic
70ns
32 pin DIP (C)
5962-96691 04HYX
128K x 8 SRAM Monolithic
120ns
32 pin Flatpack (FE)
5962-96691 01HNX
128K x 8 SRAM Monolithic
100ns
32 pin Flatpack (FE)
5962-96691 02HNX
128K x 8 SRAM Monolithic
85ns
32 pin Flatpack (FE)
5962-96691 03HNX
128K x 8 SRAM Monolithic
70ns
32 pin Flatpack (FE)
5962-96691 04HNX


Similar Part No. - WMS128K8L-15DEM

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
WMS128K8V-15CC ETC1-WMS128K8V-15CC Datasheet
223Kb / 8P
   128Kx8 3.3V MONOLITHIC SRAM
WMS128K8V-15CCA ETC1-WMS128K8V-15CCA Datasheet
223Kb / 8P
   128Kx8 3.3V MONOLITHIC SRAM
WMS128K8V-15CI ETC1-WMS128K8V-15CI Datasheet
223Kb / 8P
   128Kx8 3.3V MONOLITHIC SRAM
WMS128K8V-15CIA ETC1-WMS128K8V-15CIA Datasheet
223Kb / 8P
   128Kx8 3.3V MONOLITHIC SRAM
WMS128K8V-15CLC ETC1-WMS128K8V-15CLC Datasheet
223Kb / 8P
   128Kx8 3.3V MONOLITHIC SRAM
More results

Similar Description - WMS128K8L-15DEM

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
EDI88128C WEDC-EDI88128C Datasheet
387Kb / 8P
   128Kx8 MONOLITHIC SRAM, SMD 5962-89598
EDI88130CS WEDC-EDI88130CS Datasheet
499Kb / 9P
   128Kx8 Monolithic SRAM, SMD 5962-89598
EDI88128CS WEDC-EDI88128CS Datasheet
464Kb / 9P
   128Kx8 Monolithic SRAM, SMD 5962-89598
logo
List of Unclassifed Man...
WMF128K8 ETC1-WMF128K8 Datasheet
142Kb / 14P
   128Kx8 MONOLITHIC FLASH, SMD 5962-96690
logo
White Electronic Design...
WMF128K8-XXX5 WEDC-WMF128K8-XXX5 Datasheet
458Kb / 14P
   128Kx8 MONOLITHIC FLASH, SMD 5962-96690
WME128K8-XXX WEDC-WME128K8-XXX Datasheet
378Kb / 11P
   128Kx8 CMOS MONOLITHIC EEPROM, SMD 5962-96796
EDI816256CA WEDC-EDI816256CA Datasheet
269Kb / 7P
   256Kx16 MONOLITHIC SRAM, SMD 5962-96795
WMS256K16-XXX WEDC-WMS256K16-XXX Datasheet
252Kb / 7P
   256Kx16 MONOLITHIC SRAM, SMD 5962-96902
EDI88512CA WEDC-EDI88512CA Datasheet
183Kb / 9P
   512Kx8 Monolithic SRAM, SMD 5962-95600
WMS512K8-XXX WEDC-WMS512K8-XXX Datasheet
288Kb / 10P
   512Kx8 MONOLITHIC SRAM, SMD 5962-95613
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com