Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OS203011MV9QS1 Datasheet(PDF) 6 Page - ITT Industries

Part # OS203011MV9QS1
Description  Miniature Slide Switches
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

OS203011MV9QS1 Datasheet(HTML) 6 Page - ITT Industries

  OS203011MV9QS1 Datasheet HTML 1Page - ITT Industries OS203011MV9QS1 Datasheet HTML 2Page - ITT Industries OS203011MV9QS1 Datasheet HTML 3Page - ITT Industries OS203011MV9QS1 Datasheet HTML 4Page - ITT Industries OS203011MV9QS1 Datasheet HTML 5Page - ITT Industries OS203011MV9QS1 Datasheet HTML 6Page - ITT Industries OS203011MV9QS1 Datasheet HTML 7Page - ITT Industries  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
Actuator shown in pos. 2
12 3
3
J–41
Dimensions are shown: IN (mm)
Specifications and dimensions subject to change
www.ittcannon.com
J
C&K OS Series
Miniature Slide Switches
Actuator shown in pos. 3
56 78
84
PC MOUNTING
12 34
56 78
Actuator shown in pos. 3
1
2 3 4
4
PC MOUNTING
12 34
PC MOUNTING
1 23
OS102011MA1QN1
SPDT
OS103011MA7QP1
SP3T
OS203011MA2QP1
DP3T
SCHEMATIC
SPDT
1-2
2-3
CONN. TERMINALS
ON
ON
OS102011MA1QS1
(Shorting)
ON
ON
OS102011MA1QN1
(Non-shorting)
SWITCH FUNCTION
POS.1
POS. 2
PART NUMBER
SCHEMATIC
SP3T
1-2
2-3
2-4
CONN. TERMINALS
ON
ON
ON
OS103011MA7QP1
(Non-specified)
SWITCH FUNCTION
POS.1
POS. 2
POS. 3
PART NUMBER
SCHEMATIC
DP3T
1-2,5-6
2-3,6-7
2-4,6-8
CONN. TERMINALS
ON
ON
ON
OS203011MA2QP1
(Non-specified)
SWITCH FUNCTION
POS.1
POS. 2
POS. 3
PART NUMBER
CONTACT RATING: 0.1A @ 12 VDC
CONTACT RATING: 0.1A @ 12 VDC
CONTACT RATING: 0.1A @ 12 VDC


Similar Part No. - OS203011MV9QS1

ManufacturerPart #DatasheetDescription
logo
C&K Components
OS203011MV9QS1 CK-COMPONENTS-OS203011MV9QS1 Datasheet
1Mb / 8P
   Miniature Slide Switches
15 Mar 22
More results

Similar Description - OS203011MV9QS1

ManufacturerPart #DatasheetDescription
logo
C&K Components
L202011MS02QE2 CK-COMPONENTS-L202011MS02QE2 Datasheet
322Kb / 6P
   Miniature Slide Switches
logo
E-SWITCH
600 E-SWITCH-600 Datasheet
218Kb / 2P
   SLIDE SWITCHES - MINIATURE
logo
Copal Electronics
SS220K-23 COPAL-SS220K-23 Datasheet
551Kb / 1P
   Miniature Slide Switches
logo
List of Unclassifed Man...
SLB12814 ETC2-SLB12814 Datasheet
579Kb / 8P
   Miniature Slide Switches
logo
C&K Components
L CK-COMPONENTS-L Datasheet
783Kb / 6P
   Miniature Slide Switches
19 Mar 2019
OS102011MS2QN1 CK-COMPONENTS-OS102011MS2QN1 Datasheet
669Kb / 7P
   Miniature Slide Switches
logo
Copal Electronics
ES_SERIES COPAL-ES_SERIES Datasheet
825Kb / 2P
   Miniature Slide Switches
logo
List of Unclassifed Man...
SLG12004 ETC2-SLG12004 Datasheet
69Kb / 1P
   Miniature Slide Switches
logo
ITT Industries
L202011MS02Q2 ITT-L202011MS02Q2 Datasheet
615Kb / 6P
   Miniature Slide Switches
logo
C&K Components
1000 CK-COMPONENTS-1000 Datasheet
521Kb / 6P
   Miniature Slide Switches
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com