Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TEPT5700 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # TEPT5700
Description  Ambient Light Sensor
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TEPT5700 Datasheet(HTML) 3 Page - Vishay Siliconix

  TEPT5700 Datasheet HTML 1Page - Vishay Siliconix TEPT5700 Datasheet HTML 2Page - Vishay Siliconix TEPT5700 Datasheet HTML 3Page - Vishay Siliconix TEPT5700 Datasheet HTML 4Page - Vishay Siliconix TEPT5700 Datasheet HTML 5Page - Vishay Siliconix TEPT5700 Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
TEPT5700
Document Number 81321
Rev. 1.2, 21-Nov-06
Vishay Semiconductors
www.vishay.com
3
Figure 5. Collector Emitter Capacitance vs.
Collector Emitter Voltage
Figure 6. Relative Spectral Sensitivity vs. Wavelength
19762
f = 1 MHz
VCE - Collector Emitter Voltage (V)
25
20
15
10
5
0
0.1
1.0
10.0
20019
0.0
0.1
0.2
0.3
0.4
0.5
300 400 500 600 700 800 900 1000 1100
λ - Wavelength (nm)
0.6
0.7
0.8
0.9
1.0
Figure 7. Relative Radiant Sensitivity vs. Angular Displacement
0.4
0.2
0
0.2
0.4
0.6
20160
0.6
0.9
0.8
30°
10°
20°
40°
50°
60°
70°
80°
0.7
1.0


Similar Part No. - TEPT5700

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TEPT5700 VISHAY-TEPT5700 Datasheet
115Kb / 5P
   Ambient Light Sensor, RoHS Compliant
Rev. 1.3, 08-Sep-08
TEPT5700 VISHAY-TEPT5700 Datasheet
106Kb / 5P
   Ambient Light Sensor, RoHS Compliant
Rev. 1.5, 18-Jun-10
TEPT5700 VISHAY-TEPT5700 Datasheet
113Kb / 5P
   Ambient Light Sensor
Rev. 1.7, 25-Jun-14
TEPT5700 VISHAY-TEPT5700 Datasheet
110Kb / 5P
   Ambient Light Sensor
01-Jan-2021
TEPT5700 VISHAY-TEPT5700 Datasheet
110Kb / 5P
   Ambient Light Sensor
01-Jan-2023
More results

Similar Description - TEPT5700

ManufacturerPart #DatasheetDescription
logo
AMI SEMICONDUCTOR
AMIS-74980X AMI-AMIS-74980X Datasheet
109Kb / 2P
   Ambient Light Sensor
logo
Vishay Siliconix
TEPT5600 VISHAY-TEPT5600 Datasheet
120Kb / 5P
   Ambient Light Sensor
Rev. 1.3, 28-Nov-06
logo
KODENSHI_AUK CORP.
KOE1615 KODENSHI-KOE1615 Datasheet
205Kb / 3P
   Ambient Light Sensor
logo
Vishay Siliconix
TEMD6010FX01 VISHAY-TEMD6010FX01_12 Datasheet
121Kb / 5P
   Ambient Light Sensor
Rev. 1.8, 20-Aug-12
logo
ON Semiconductor
NOA1212 ONSEMI-NOA1212_17 Datasheet
107Kb / 8P
   Ambient Light Sensor
November, 2017 ??Rev. 4
NOA1213 ONSEMI-NOA1213 Datasheet
103Kb / 8P
   Ambient Light Sensor
November, 2015 ??Rev. P1
NOA1305 ONSEMI-NOA1305 Datasheet
279Kb / 13P
   Ambient Light Sensor
October, 2012 ??Rev. 0
logo
Everlight Electronics C...
ALS-PT19-315C-L177-TR8 EVERLIGHT-ALS-PT19-315C-L177-TR8_15 Datasheet
254Kb / 11P
   Ambient Light Sensor
logo
New Japan Radio
NJL7502R NJRC-NJL7502R Datasheet
190Kb / 8P
   Ambient Light Sensor
Ver.2014-12-02
logo
Vishay Siliconix
TEMD6200FX01 VISHAY-TEMD6200FX01_V02 Datasheet
144Kb / 6P
   Ambient Light Sensor
01-Jan-2023
VEMD5510FX01 VISHAY-VEMD5510FX01_V01 Datasheet
184Kb / 6P
   Ambient Light Sensor
01-Jan-2023
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com