Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RMDB1-9SL1L Datasheet(PDF) 2 Page - ITT Industries

Part # RMDB1-9SL1L
Description  Micro-D Plastic Shell - .050 Contact Spacing
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

RMDB1-9SL1L Datasheet(HTML) 2 Page - ITT Industries

  RMDB1-9SL1L Datasheet HTML 1Page - ITT Industries RMDB1-9SL1L Datasheet HTML 2Page - ITT Industries RMDB1-9SL1L Datasheet HTML 3Page - ITT Industries RMDB1-9SL1L Datasheet HTML 4Page - ITT Industries RMDB1-9SL1L Datasheet HTML 5Page - ITT Industries RMDB1-9SL1L Datasheet HTML 6Page - ITT Industries RMDB1-9SL1L Datasheet HTML 7Page - ITT Industries RMDB1-9SL1L Datasheet HTML 8Page - ITT Industries RMDB1-9SL1L Datasheet HTML 9Page - ITT Industries Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
29
www.ittcannon.com
Dimensions shown in inch (mm)
Specifications and dimensions subject to change
Standard Wire Termination Codes
Cavity #1 black
*
The following termination codes are listed for your information. For additional codes please refer to Appendix
on page 79 and 81. All wire lengths are minimum.
#26 AWG per MIL-W-16878 Type E Teflon, stranded.
Harness Type (H)
Length
3 (76.2)
6 (152.4)
8 (203.2)
10 (254.0)
12 (304.8)
18 (457.2)
20 (508.0)
24 (609.6)
30 (762.0)
36 (914.4)
48 (1219.2)
72 (1828.8)
120 (3048.0)
H020
H019
H026
H029
H028
H001
H038
H009
H010
H011
H013
H017
H042
H027
H016
H034
H025
H002
H003
H023
H004
H005
H006
H048
H046
H041
L61
L56
L57
L39
L58
L1
L14
L2
L7
L6
L16
L10
.125 (3.18)
.150 (3.81)
.190 (4.83)
.250 (6.35)
.375 (9.52)
.500 (12.70)
.750 (19.05)
1.000 (25.40)
1.500 (38.10)
2.000 (50.80)
2.500 (63.50)
3.000 (76.20)
All Yellow
Color Coded*
Termination Code
Length
#25 AWG Gold Plated Copper
Solid Uninsulated Type (L)
Micro-D Plastic Shell - .050" Contact Spacing
MDB/MDVB
With Screw Mounting Holes (Conforms to MIL-DTL-83513)
+
++
+
MDB
B
B
C
C
.304 (7.72)
MAX.
.204 (5.18)
MAX.
.185 (4.70)
MAX.
.100 (2.54)
MAX.
.285 (7.24)
MAX.
.375 (9.92)
MAX.
.100 (2.54)
MAX.
.110
(2.79)
MAX.
TWO MTG. HOLES .091 ± .003
(2.31 ± 0.08)
.200
(5.08)
MAX.
.154
(3.91)
MAX.
.200
(5.08)
MAX.
D
D
F
F
A
A
E
E
.395 (10.03)
MAX.
Solder Pot
Solder Pot
Glass-filled Diallyl Phthalate
Plastic Insulator
MDVB Glass-filled Polyester
Plastic Insulator
R
Part Number by Shell Size
Add lead type and length, see Part Number Explanation.
Weight given is with 1/2", uninsulated solid #25 AWG gold plated copper pigtails.
**
***
A
Max.
B
Max.
C
Max.
D
Max.
E
Max.
F
±.005
Avg.
Weight***
±5% (oz.)
±5% (gm.)
MDB1-9P**
MDB1-9S**
MDB1-15P**
MDB1-15S**
MDB1-21P**
MDB1-21S**
MDB1-25P**
MDB1-25S**
MDB1-31P**
MDB1-31S**
MDB1-37P**
MDB1-37S**
MDB1-51P**
MDB1-51S**
MDVB1-9P**
MDVB1-9S**
MDVB1-15p**
MDVB1-15S**
MDVB1-21P**
MDVB1-21S**
MDVB1-25P**
MDVB1-25S**
MDVB1-31P**
MDVB1-31S**
MDVB1-37P**
MDVB1-37S**
MDVB1-51P**
MDVB1-51S**
.788 (20.02)
.788 (20.02)
.938 (23.82)
.938 (23.82)
1.088 (27.64)
1.088 (27.64)
1.188 (30.18)
1.188 (30.18)
1.338 (33.98)
1.338 (33.98)
1.488 (37.80)
1.488 (37.80)
1.438 (36.52)
1.438 (36.52)
.292 (7.42)
.380 (9.65)
.442 (11.23)
.530 (13.46)
.592 (15.04)
.680 (17.27)
.692 (17.58)
.780 (19.81)
.842 (21.39)
.930 (23.62)
.992 (25.20)
1.080 (27.43)
.942 (23.93)
1.030 (26.16)
.408 (10.36)
.408 (10.36)
.588 (14.17)
.588 (14.17)
.708 (17.98)
.708 (17.98)
.808 (20.56)
.808 (20.56)
.958 (24.33)
.958 (24.33)
1.108 (28.14)
1.108 (28.14)
1.058 (26.87)
1.058 (26.87)
.173 (4.39)
.173 (4.39)
.173 (4.39)
.173 (4.39)
.173 (4.39)
.173 (4.39)
.173 (4.39)
.173 (4.39)
.173 (4.39)
.173 (4.39)
.173 (4.39)
.173 (4.39)
.220 (5.59)
.220 (5.59)
.218 (5.54)
.218 (5.54)
.218 (5.54)
.218 (5.54)
.218 (5.54)
.218 (5.54)
.218 (5.54)
.218 (5.54)
.218 (5.54)
.218 (5.54)
.218 (5.54)
.218 (5.54)
.260 (6.60)
.260 (6.60)
.565 (14.35)
.565 (14.35)
.715 (18.16)
.715 (18.16)
.865 (21.97)
.865 (21.97)
.965 (24.51)
.965 (24.51)
1.115 (28.32)
1.115 (38.32)
1.265 (32.13)
1.265 (32.13)
1.215 (30.86)
1.215 (30.86)
.026 (0.73)
.025 (0.70)
.038 (1.10)
.035 (1.00)
.053 (1.50)
.050 (1.40)
.063 (1.80)
.056 (1.60)
.080 (2.30)
.073 (2.10)
.086 (2.45)
.076 (2.15)
.109 (3.10)
.093 (2.64)


Similar Part No. - RMDB1-9SL1L

ManufacturerPart #DatasheetDescription
logo
Taiyo Yuden (U.S.A.), I...
RMD-10V102MG10U-R2 TAIYO-YUDEN-RMD-10V102MG10U-R2 Datasheet
250Kb / 2P
   VERTICAL CHIP TYPE ALUMINUM ELECTROLYTIC CAPACITORS[RMD]
RMD-10V102MG10UQ-R2 TAIYO-YUDEN-RMD-10V102MG10UQ-R2 Datasheet
250Kb / 2P
   FOR AUTOMOTIVE VERTICAL CHIP TYPE ALUMINUM ELECTROLYTIC CAPACITORS[RMD]
RMD-10V152MH10U-R2 TAIYO-YUDEN-RMD-10V152MH10U-R2 Datasheet
250Kb / 2P
   VERTICAL CHIP TYPE ALUMINUM ELECTROLYTIC CAPACITORS[RMD]
RMD-10V152MH10UQ-R2 TAIYO-YUDEN-RMD-10V152MH10UQ-R2 Datasheet
250Kb / 2P
   FOR AUTOMOTIVE VERTICAL CHIP TYPE ALUMINUM ELECTROLYTIC CAPACITORS[RMD]
RMD-16V102MH10U-R2 TAIYO-YUDEN-RMD-16V102MH10U-R2 Datasheet
250Kb / 2P
   VERTICAL CHIP TYPE ALUMINUM ELECTROLYTIC CAPACITORS[RMD]
More results

Similar Description - RMDB1-9SL1L

ManufacturerPart #DatasheetDescription
logo
ITT Industries
MDM-9PH009L ITT-MDM-9PH009L Datasheet
391Kb / 11P
   Micro-D Metal Shell - .050 Contact Spacing
MDM-9PH003B ITT-MDM-9PH003B Datasheet
391Kb / 11P
   Micro-D Metal Shell - .050" Contact Spacing
015-9516-002 ITT-015-9516-002 Datasheet
385Kb / 11P
   Micro-D Metal Shell - .050" Contact Spacing
MDM ITT-MDM Datasheet
321Kb / 8P
   Micro-D Metal Shell - .050 Contact Spacing
logo
List of Unclassifed Man...
MDM-25PH001L ETC2-MDM-25PH001L Datasheet
391Kb / 11P
   Micro-D Metal Shell - .050" Contact Spacing
logo
ITT Industries
MDM-9PL1P ITT-MDM-9PL1P Datasheet
391Kb / 11P
   Micro-D Metal Shell - .050 Contact Spacing
025-9524-000 ITT-025-9524-000 Datasheet
391Kb / 11P
   Micro-D Metal Shell - .050" Contact Spacing
logo
List of Unclassifed Man...
MDM-37PH003B ETC2-MDM-37PH003B Datasheet
391Kb / 11P
   Micro-D Metal Shell - .050" Contact Spacing
MDM-51PH001P ETC2-MDM-51PH001P Datasheet
391Kb / 11P
   Micro-D Metal Shell - .050" Contact Spacing
logo
Glenair, Inc.
MWDL-9P-4K1-18 GLENAIR-MWDL-9P-4K1-18 Datasheet
391Kb / 2P
   Micro-D Plastic Shell
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com