Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OS102011MS2QS1 Datasheet(PDF) 5 Page - ITT Industries

Part # OS102011MS2QS1
Description  Miniature Slide Switches
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

OS102011MS2QS1 Datasheet(HTML) 5 Page - ITT Industries

  OS102011MS2QS1 Datasheet HTML 1Page - ITT Industries OS102011MS2QS1 Datasheet HTML 2Page - ITT Industries OS102011MS2QS1 Datasheet HTML 3Page - ITT Industries OS102011MS2QS1 Datasheet HTML 4Page - ITT Industries OS102011MS2QS1 Datasheet HTML 5Page - ITT Industries OS102011MS2QS1 Datasheet HTML 6Page - ITT Industries OS102011MS2QS1 Datasheet HTML 7Page - ITT Industries  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
Actuator shown in pos. 2(A)
67 89
10
10
5
Actuator shown in pos. 1
4 56
3
6
J–40
Dimensions are shown: Inch (mm)
Specifications and dimensions subject to change
www.ittcannon.com
J
C&K OS Series
Miniature Slide Switches
Actuator shown in pos. 1
5
6 78
8
4
PC MOUNTING
12
3 4
56 78
PC MOUNTING
12 34
67 89
5
10
PC MOUNTING
12 3
4 5 6
OS203012MU5QP1
DP3T
OS202011MV4QN1
DPDT
OS203011MV9QS1
DP3T
SCHEMATIC
DPDT
1-2,4-5
2-3,5-6
CONN. TERMINALS
ON
ON
OS202011MV4QS1
(Shorting)
ON
ON
OS202011MV4QN1
(Non-shorting)
SWITCH FUNCTION
POS.1
POS. 2
PART NUMBER
SCHEMATIC
DP3T
1-2,5-6
2-3,6-7
2-4,6-8
CONN. TERMINALS
ON
ON
ON
OS203012MU5QP1
(Non-specified)
SWITCH FUNCTION
POS.1
POS. 2
POS. 3
PART NUMBER
SCHEMATIC
DP3T
1-4-5,
6-9-10
1-3-5,
6-8-10
1-2-5,
6-7-10
CONN. TERMINALS
ON
ON
ON
OS203011MV9QN1
(Non-shorting)
ON
ON
ON
OS203011MV9QS1
(Shorting)
SWITCH FUNCTION
POS.1
POS. 2
POS. 3
PART NUMBER
CONTACT RATING: 0.1A @ 30 VDC
CONTACT RATING: 0.1A @ 30 VDC
CONTACT RATING: 0.1A @ 30 VDC


Similar Part No. - OS102011MS2QS1

ManufacturerPart #DatasheetDescription
logo
C&K Components
OS102011MS2QS1 CK-COMPONENTS-OS102011MS2QS1 Datasheet
669Kb / 7P
   Miniature Slide Switches
OS102011MS2QS1 CK-COMPONENTS-OS102011MS2QS1 Datasheet
1Mb / 8P
   Miniature Slide Switches
15 Mar 22
OS102011MS2QS1C CK-COMPONENTS-OS102011MS2QS1C Datasheet
669Kb / 7P
   Miniature Slide Switches
OS102011MS2QS1C CK-COMPONENTS-OS102011MS2QS1C Datasheet
1Mb / 8P
   Miniature Slide Switches
15 Mar 22
More results

Similar Description - OS102011MS2QS1

ManufacturerPart #DatasheetDescription
logo
C&K Components
L202011MS02QE2 CK-COMPONENTS-L202011MS02QE2 Datasheet
322Kb / 6P
   Miniature Slide Switches
logo
E-SWITCH
600 E-SWITCH-600 Datasheet
218Kb / 2P
   SLIDE SWITCHES - MINIATURE
logo
Copal Electronics
SS220K-23 COPAL-SS220K-23 Datasheet
551Kb / 1P
   Miniature Slide Switches
logo
List of Unclassifed Man...
SLB12814 ETC2-SLB12814 Datasheet
579Kb / 8P
   Miniature Slide Switches
logo
C&K Components
L CK-COMPONENTS-L Datasheet
783Kb / 6P
   Miniature Slide Switches
19 Mar 2019
OS102011MS2QN1 CK-COMPONENTS-OS102011MS2QN1 Datasheet
669Kb / 7P
   Miniature Slide Switches
logo
Copal Electronics
ES_SERIES COPAL-ES_SERIES Datasheet
825Kb / 2P
   Miniature Slide Switches
logo
List of Unclassifed Man...
SLG12004 ETC2-SLG12004 Datasheet
69Kb / 1P
   Miniature Slide Switches
logo
ITT Industries
L202011MS02Q2 ITT-L202011MS02Q2 Datasheet
615Kb / 6P
   Miniature Slide Switches
logo
C&K Components
1000 CK-COMPONENTS-1000 Datasheet
521Kb / 6P
   Miniature Slide Switches
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com