Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

192900-0507 Datasheet(PDF) 3 Page - ITT Industries

Part # 192900-0507
Description  Cannon Trident Connector System Neptune Circular Connectors
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

192900-0507 Datasheet(HTML) 3 Page - ITT Industries

  192900-0507 Datasheet HTML 1Page - ITT Industries 192900-0507 Datasheet HTML 2Page - ITT Industries 192900-0507 Datasheet HTML 3Page - ITT Industries 192900-0507 Datasheet HTML 4Page - ITT Industries 192900-0507 Datasheet HTML 5Page - ITT Industries 192900-0507 Datasheet HTML 6Page - ITT Industries 192900-0507 Datasheet HTML 7Page - ITT Industries 192900-0507 Datasheet HTML 8Page - ITT Industries 192900-0507 Datasheet HTML 9Page - ITT Industries Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
30
Cannon Trident Connector System
Neptune Circular Connectors
www.ittcannon.com
Dimensions shown in mm (inch)
Specifications and dimensions subject to change
Dimensions are shown in mm (inch)
Dimensions subject to change
ØC
ØC
Standard Plugs — Pin Contacts Metal Locking Ring
For Wire Sealing Ranges, see page 29.
Accepts pin contacts, see page 47.
Water sealed to IP67.
Bulk packaging options available. Contact Cannon for details.
Contact
Layout
Shell Size
Part Number
Nomenclature
A
Ø B
Ø C
D
4-20
24
192900-0014
TN 6S 2404-20 P1L
39,80 (1.566)
40,50 (1.594)
44,00 (1.732)
14,72 ±0,15 (.580 ±.006)
4-28
24
192900-0015
TN 6S 2404-28 P1L
39,80 (1.566)
40,50 (1.594)
44,00 (1.732)
14,72 ±0,15 (.580 ±.006)
12-19
24
192900-0016
TN 6S 2412-19 P1L
39,80 (1.566)
40,50 (1.594)
44,00 (1.732)
14,72 ±0,15 (.580 ±.006)
0-48
24
192900-0469
TN 6S 2400-48 P1L
39,80 (1.566)
40,50 (1.594)
44,00 (1.732)
14,72 ±0,15 (.580 ±.006)
0-48 (L)
24
192991-0628
TN 6L 2400-48 P1L
50,70 (2.000)
40,50 (1.594)
44,00 (1.732)
14,72 ±0,15 (.580 ±.006)
0-19
16
192900-0017
TN 6S 1600-19 P1L
39,80 (1.566)
27,00 (1.063)
30,20 (1.189)
19,10 ±0,20 (.751 ±.007)
2-13
16
192900-0507
TN 6S 1602-13 P1L
39,80 (1.566)
27,00 (1.063)
30,20 (1.189)
19,10 ±0,20 (.751 ±.007)
0-12
14
192900-0303
TN 6S 1400-12 P1L
38,80 (1.527)
24,30 (.957)
28,00 (1.102)
19,10 ±0,20 (.751 ±.007)
(L) Larger overall sealing diameter for thick insulation wires.
Plastic Locking Ring
For Wire Sealing Ranges, see page 29.
Accepts pin contacts, see page 47.
Water sealed to IP67.
Bulk packaging options available.
Contact Cannon for details.
Contact
Layout Shell Size Part Number
Nomenclature
A
Ø B
Ø C
4-20
24
192900-0537
TN 6S2404-20 P2L
39,80 (1.566)
40,50 (1.594)
45,75 (1.800)
4-28
24
192900-0549
TN 6S2404-28 P2L
39,80 (1.566)
40,50 (1.594)
45,75 (1.800)
12-19
24
192900-0538
TN 6S2412-19 P2L
39,80 (1.566)
40,50 (1.594)
45,75 (1.800)
0-48
24
192900-0539
TN 6S2400-48 P2L
39,80 (1.566)
40,50 (1.594)
45,75 (1.800)
0-48 (L)
24
192991-0660
TN 6L2400-48 P2L
50,70 (2.000)
40,50 (1.594)
45,75 (1.800)
0-19
16
192900-0557
TN 6S1600-19 P2L
39,80 (1.566)
27,00 (1.063)
32,80 (1.291)
2-13
16
192900-0561
TN 6S1602-13 P2L
39,80 (1.566)
27,00 (1.063)
32,80 (1.291)
(L) Larger overall sealing diameter for thick insulation wires.


Similar Part No. - 192900-0507

ManufacturerPart #DatasheetDescription
logo
ITT Industries
192900-0000 ITT-192900-0000 Datasheet
12Mb / 79P
   Cannon APD Series ISO 15170 Connectors
192900-0001 ITT-192900-0001 Datasheet
12Mb / 79P
   Cannon APD Series ISO 15170 Connectors
192900-0002 ITT-192900-0002 Datasheet
12Mb / 79P
   Cannon APD Series ISO 15170 Connectors
192900-0003 ITT-192900-0003 Datasheet
12Mb / 79P
   Cannon APD Series ISO 15170 Connectors
192900-0411 ITT-192900-0411 Datasheet
291Kb / 6P
   Cannon Trident Connector System Snap Together-Rectangular
More results

Similar Description - 192900-0507

ManufacturerPart #DatasheetDescription
logo
ITT Industries
192990-0960 ITT-192990-0960 Datasheet
173Kb / 4P
   Cannon Trident Connector System Snap Together-Slimline
192990-0350 ITT-192990-0350 Datasheet
291Kb / 6P
   Cannon Trident Connector System Snap Together-Rectangular
192990-2490 ITT-192990-2490 Datasheet
5Mb / 96P
   Cannon Trident Series
TNM6S10-0004P1L ITT-TNM6S10-0004P1L Datasheet
5Mb / 96P
   CANNON TRIDENT SERIES
121586-5236 ITT-121586-5236 Datasheet
5Mb / 96P
   Cannon Trident Series
192993-0106 ITT-192993-0106 Datasheet
5Mb / 96P
   Cannon Trident Series
031-8717-021 ITT-031-8717-021 Datasheet
5Mb / 96P
   Cannon Trident Series
ZDE9P ITT-ZDE9P Datasheet
233Kb / 5P
   Cannon ZD Connectors
ZDE9P1AKN-146 ITT-ZDE9P1AKN-146 Datasheet
233Kb / 5P
   Cannon ZD Connectors
B0023382 ITT-B0023382 Datasheet
235Kb / 7P
   Cannon 75 Ohm Connectors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com