Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

192990-0990 Datasheet(PDF) 1 Page - ITT Industries

Part # 192990-0990
Description  Cannon Trident Connector System Snap Together-Slimline
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

192990-0990 Datasheet(HTML) 1 Page - ITT Industries

  192990-0990 Datasheet HTML 1Page - ITT Industries 192990-0990 Datasheet HTML 2Page - ITT Industries 192990-0990 Datasheet HTML 3Page - ITT Industries 192990-0990 Datasheet HTML 4Page - ITT Industries  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
12
Cannon Trident Connector System
Snap Together-Slimline
www.ittcannon.com
Dimensions shown in mm (inch)
Specifications and dimensions subject to change
The Slimline Range offers a low profile
connector system that is well suited
for circuit board applications. The
precision machined contacts are ideal
for power and sensitive signals.
Applications:
Communications equipment.
Test equipment.
Heavy duty equipment.
Product Features
Less than 10,00 (.393) width on PC
board.
Pin headers pre-loaded with straight or
90° machined solder tail pins.
Mating plug accepts all Trident signal
crimp socket contacts, see page 00.
Plugs have integrally molded quick
connect/disconnect latches.
Five single row contact arrangements
available.
Recognized under the component
program of UL Inc. and CSA.
Gold plated version available with
earth pin capability.
10 A per circuit.
Performance Specifications
Operating Voltage
250 V ac rms
Contact Current Rating
Up to 10 A (For derating curve, see page 44)
Temperature Range
-40°C to 105°C (-40°F to 221°F)
Insulation Resistance
5000 M
Ω at 500 V dc
Materials and Finishes
Description
Material
Finish
Insulator
Black Nylon, UL 94V-0
None


Similar Part No. - 192990-0990

ManufacturerPart #DatasheetDescription
logo
ITT Industries
192990-0350 ITT-192990-0350 Datasheet
291Kb / 6P
   Cannon Trident Connector System Snap Together-Rectangular
192990-0350 ITT-192990-0350 Datasheet
5Mb / 96P
   A historical Achievement of technology Leadership
192990-0350 ITT-192990-0350_11 Datasheet
5Mb / 96P
   A historical Achievement of technology Leadership
192990-0360 ITT-192990-0360 Datasheet
291Kb / 6P
   Cannon Trident Connector System Snap Together-Rectangular
192990-0360 ITT-192990-0360 Datasheet
5Mb / 96P
   A historical Achievement of technology Leadership
More results

Similar Description - 192990-0990

ManufacturerPart #DatasheetDescription
logo
ITT Industries
192990-0350 ITT-192990-0350 Datasheet
291Kb / 6P
   Cannon Trident Connector System Snap Together-Rectangular
192900-0014 ITT-192900-0014 Datasheet
457Kb / 10P
   Cannon Trident Connector System Neptune Circular Connectors
192990-2490 ITT-192990-2490 Datasheet
5Mb / 96P
   Cannon Trident Series
TNM6S10-0004P1L ITT-TNM6S10-0004P1L Datasheet
5Mb / 96P
   CANNON TRIDENT SERIES
121586-5236 ITT-121586-5236 Datasheet
5Mb / 96P
   Cannon Trident Series
192993-0106 ITT-192993-0106 Datasheet
5Mb / 96P
   Cannon Trident Series
031-8717-021 ITT-031-8717-021 Datasheet
5Mb / 96P
   Cannon Trident Series
logo
FCI connector
86303641B FCI-CONNECTOR-86303641B Datasheet
59Kb / 1P
   SNAP TOGETHER
logo
ITT Industries
DEU-9S-A197-F0 ITT-DEU-9S-A197-F0 Datasheet
42Kb / 1P
   Cannon
logo
Alpha Wire
25483 ALPHAWIRE-25483 Datasheet
44Kb / 2P
   2/Cond Cabled Together
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com