Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

192900-0017 Datasheet(PDF) 2 Page - ITT Industries

Part # 192900-0017
Description  Cannon Trident Connector System Neptune Circular Connectors
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

192900-0017 Datasheet(HTML) 2 Page - ITT Industries

  192900-0017 Datasheet HTML 1Page - ITT Industries 192900-0017 Datasheet HTML 2Page - ITT Industries 192900-0017 Datasheet HTML 3Page - ITT Industries 192900-0017 Datasheet HTML 4Page - ITT Industries 192900-0017 Datasheet HTML 5Page - ITT Industries 192900-0017 Datasheet HTML 6Page - ITT Industries 192900-0017 Datasheet HTML 7Page - ITT Industries 192900-0017 Datasheet HTML 8Page - ITT Industries 192900-0017 Datasheet HTML 9Page - ITT Industries Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
29
Cannon Trident Connector System
Neptune Circular Connectors
www.ittcannon.com
Dimensions shown in mm (inch)
Specifications and dimensions subject to change
Contact Cavity
Arrangements
Neptune Circular Connectors offer com-
binations of signal and power contacts.
Mating Face Views of Reversed and Standard Receptacles.
* The 0-12 view is of reversed receptacle only
(0-12 standard receptacle is mirror image)
The Signal cavities will accept any of the
standard Trident contacts, including signal
contacts up to 13 A and coax. The power
cavities will accept power contacts rated at
30 A. PCB contacts are also available, for
more information see page 47.
0-12*
0-19
2-13
Shell Size 14
Shell Size 16
Shell Size 16
12 Signal
19 Signal
13 Signal
0 Power
0 Power
2 Power
4-20
4-28
0-48
12-19
Shell Size 24
Shell Size 24
Shell Size 24
Shell Size 24
20 Signal
28 Signal
48 Signal
19 Signal
4 Power
4 Power
0 Power
12 Power
Note: The shell size indicates the diameter of the interface in sixteenths of an inch.
Example: Shell Size 16 is 1.00 inch in diameter, 25,4 mm.
Wire Sealing Range
Contact
Signal
Power
Arrangement
(Overall Diameter)
(Overall Diameter)
0-12
1,70-2,70 (.066-.106)
N/A
0-19
1,70-2,70 (.066-.106)
N/A
2-13
1,70-2,70 (.066-.106)
2,70-4,00 (.106-.157)
4-20
1,70-2,70 (.066-.106)
2,70-4,00 (.106-.157)
4-28
1,70-2,70 (.066-.106)
2,70-4,00 (.106-.157)
0-48
1,70-2,20 (.066-.086)
N/A
0-48 (L)
2,30-3,20 (.090-.126)
N/A
12-19
1,70-2,70 (.066-.106)
2,70-4,00 (.106-.157)
(L) Larger overall sealing diameter for thick insulation wires.


Similar Part No. - 192900-0017

ManufacturerPart #DatasheetDescription
logo
ITT Industries
192900-0000 ITT-192900-0000 Datasheet
12Mb / 79P
   Cannon APD Series ISO 15170 Connectors
192900-0001 ITT-192900-0001 Datasheet
12Mb / 79P
   Cannon APD Series ISO 15170 Connectors
192900-0002 ITT-192900-0002 Datasheet
12Mb / 79P
   Cannon APD Series ISO 15170 Connectors
192900-0003 ITT-192900-0003 Datasheet
12Mb / 79P
   Cannon APD Series ISO 15170 Connectors
More results

Similar Description - 192900-0017

ManufacturerPart #DatasheetDescription
logo
ITT Industries
192990-0960 ITT-192990-0960 Datasheet
173Kb / 4P
   Cannon Trident Connector System Snap Together-Slimline
192990-0350 ITT-192990-0350 Datasheet
291Kb / 6P
   Cannon Trident Connector System Snap Together-Rectangular
192990-2490 ITT-192990-2490 Datasheet
5Mb / 96P
   Cannon Trident Series
TNM6S10-0004P1L ITT-TNM6S10-0004P1L Datasheet
5Mb / 96P
   CANNON TRIDENT SERIES
121586-5236 ITT-121586-5236 Datasheet
5Mb / 96P
   Cannon Trident Series
192993-0106 ITT-192993-0106 Datasheet
5Mb / 96P
   Cannon Trident Series
031-8717-021 ITT-031-8717-021 Datasheet
5Mb / 96P
   Cannon Trident Series
ZDE9P ITT-ZDE9P Datasheet
233Kb / 5P
   Cannon ZD Connectors
ZDE9P1AKN-146 ITT-ZDE9P1AKN-146 Datasheet
233Kb / 5P
   Cannon ZD Connectors
B0023382 ITT-B0023382 Datasheet
235Kb / 7P
   Cannon 75 Ohm Connectors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com