Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KSA0A411LFT Datasheet(PDF) 1 Page - ITT Industries

Part # KSA0A411LFT
Description  Sealed Tact Switch
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

KSA0A411LFT Datasheet(HTML) 1 Page - ITT Industries

  KSA0A411LFT Datasheet HTML 1Page - ITT Industries KSA0A411LFT Datasheet HTML 2Page - ITT Industries KSA0A411LFT Datasheet HTML 3Page - ITT Industries KSA0A411LFT Datasheet HTML 4Page - ITT Industries KSA0A411LFT Datasheet HTML 5Page - ITT Industries  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
www.ittcannon.com
B–38
Dimensions shown in: mm (inch)
Specifications and dimensions subject to change
B
KSA & KSL Series
Sealed Tact Switch
Features/Benefits
Designed for automatic or
manual insertion
Cambered terminals to ensure
self retention
Top or side actuated
Large choice of caps
RoHS compliant and compatible
Typical Applications
Automotive
Industrial
Telecommunication networks
How To Order
Our easy build-a-switch concept allows you to mix and match options to create the switch you need. To order, select
desired option from each category and place it in the appropriate box.
However, please note that all the combinations of these options are not feasible.
For any part number different from those listed above, please consult your local ITT representative.
Ground Terminal
0 Without
1 With*
Insertion
M Manual (bulk packaging)
A Automatic (tube packaging)
V Vertical (bulk packaging)*
K
S
Contact Material
1 Silver contacts
3 Gold contacts
Actuator Type
A Short hard plastic
L Long hard plastic
Operation Force
2 1.3 N (130 grams), 100,000 operations
3 1.3 N (130 grams), 1,000,000 operations
4 3 N (300 grams), 100,000 operations
5 5 N (500 grams), 100,000 operations
9 3 N (300 grams), 500,000 operations
Sealing
1 Totally sealed (IP 65)
Specification
CONTACT ARRANGEMENT: SPST, N.O.
DOUBLE OVERMOLDING ON TERMINAL
MEMBRANE SEALING
TERMINALS: PC pins, ground pin optional
Mechanical
Electrical
Silver
Gold
MAXIMUM POWER:
1 VA
0.2 VA
MAXIMUM VOLTAGE:
32 VDC
32 VDC
MINIMUM VOLTAGE:
20 mV
20 mV
MAXIMUM CURRENT:
50 mA
10 mA
MINIMUM CURRENT:
1 mA
1 mA
DIELECTRIC STRENGTH: 300 Vrms
CONTACT RESISTANCE: < 100m
INSULATION RESISTANCE (100 V): > 109
BOUNCE TIME: < 1 ms
Environmental
Silver
Gold
OPERATING TEMPERATURE:
-40˚C to 90˚C
-40˚C to 125˚C
STORAGE TEMPERATURE:
-40˚C to 90˚C
-55˚C to 125˚C
Process
Wave soldering compatible with lead free soldering profile.
Packaging
Can be delivered in tubes of 65 pieces for automatic insertion or
in boxes of 500 pieces for manual insertion (250 pieces for KSL,
KSLV, KSAV).
Actuation force
Operating life
Travel to
Type
N (grams)
(operations)
make
KSA0M211
1.3 (130)
500,000
0,5 ± 0,2
KSA0M311
1.3 (130)
1,000,000
0,5 ± 0,2
KSA0M411
3.0 (300)
100,000
0,6 ± 0,2
KSA0M511
5.0 (500)
100,000
0,7 ± 0,2
KSA0M911
3.0 (300)
500,000
0,6 ± 0,2
KSL0M211
1.3 (130)
500,000
0,5 ± 0,2
KSL0M311
1.3 (130)
1,000,000
0,5 ± 0,2
KSL0M411
3.0 (300)
100,000
0,6 ± 0,2
KSL0M511
5.0 (500)
100,000
0,7 ± 0,2
KSL0M911
3.0 (300)
500,000
0,6 ± 0,2
B
T
N
K
0
Button Style
K01 10 mm square snap-on
K02 ø8 mm round snap-on
K03 8,5 x 3,8 mm single floating
K04 18,5 x 3,8 mm double floating
K05 5 mm square
Button Color
10 Dark gray
20 Light gray
30 Yellow
40 Red
50 Green
60 Blue
70 Gray-blue
80 Ivory
90 Black
SWITCH
BUTTONS Buttons must be ordered separately and will be supplied in bulk.
K06 10 x 2,5 mm snap-on handle
K07 5 mm square
K08 9,9 x 5 mm rectangular
K09 ø6,2 mm round
*Note: “1” Ground terminal not compatible with “V” insertion
L
F
T
RoHS compliant and compatible.
Tin plated.


Similar Part No. - KSA0A411LFT

ManufacturerPart #DatasheetDescription
logo
C&K Components
KSA0A4-11-LFTR CK-COMPONENTS-KSA0A4-11-LFTR Datasheet
482Kb / 5P
   Sealed Tact Switch
2021
KSA0A43-1-LFTR CK-COMPONENTS-KSA0A43-1-LFTR Datasheet
482Kb / 5P
   Sealed Tact Switch
2021
More results

Similar Description - KSA0A411LFT

ManufacturerPart #DatasheetDescription
logo
C&K Components
KSA0M211 CK-COMPONENTS-KSA0M211 Datasheet
254Kb / 5P
   Sealed Tact Switch
KSA CK-COMPONENTS-KSA_V01 Datasheet
482Kb / 5P
   Sealed Tact Switch
2021
KSAKSL CK-COMPONENTS-KSAKSL Datasheet
481Kb / 5P
   Sealed Tact Switch
15 Oct 21
logo
Bourns Electronic Solut...
STXW BOURNS-STXW Datasheet
232Kb / 2P
   Sealed Tact Switch
logo
C&K Components
KSA0M212 CK-COMPONENTS-KSA0M212 Datasheet
198Kb / 2P
   High Performance Sealed Tact Switch
KSC241JLFS CK-COMPONENTS-KSC241JLFS Datasheet
312Kb / 6P
   Sealed Tact Switch for SMT
KSC343GLFG CK-COMPONENTS-KSC343GLFG Datasheet
312Kb / 6P
   Sealed Tact Switch for SMT
KSC243JLFG CK-COMPONENTS-KSC243JLFG Datasheet
312Kb / 6P
   Sealed Tact Switch for SMT
KSC341JLFS CK-COMPONENTS-KSC341JLFS Datasheet
312Kb / 6P
   Sealed Tact Switch for SMT
KSAKSLMKII CK-COMPONENTS-KSAKSLMKII Datasheet
186Kb / 2P
   High Performance Sealed Tact Switch
30 Jan 19
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com