Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

192900-0469 Datasheet(PDF) 7 Page - ITT Industries

Part # 192900-0469
Description  Cannon Trident Connector System Neptune Circular Connectors
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

192900-0469 Datasheet(HTML) 7 Page - ITT Industries

Back Button 192900-0469 Datasheet HTML 2Page - ITT Industries 192900-0469 Datasheet HTML 3Page - ITT Industries 192900-0469 Datasheet HTML 4Page - ITT Industries 192900-0469 Datasheet HTML 5Page - ITT Industries 192900-0469 Datasheet HTML 6Page - ITT Industries 192900-0469 Datasheet HTML 7Page - ITT Industries 192900-0469 Datasheet HTML 8Page - ITT Industries 192900-0469 Datasheet HTML 9Page - ITT Industries 192900-0469 Datasheet HTML 10Page - ITT Industries  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
34
Cannon Trident Connector System
Neptune Circular Connectors
www.ittcannon.com
Dimensions shown in mm (inch)
Specifications and dimensions subject to change
Sealed Cable Clamps For
Use With Neptune
Circular Connectors
For use with jacketed cables.
Provides Strain relief and wire
protection.
Provides sealing to IP67.
For assembly instructions, see page 57.
* For disassembly, add 9,00 (.354) for shell sizes 14 and 16 and add 10,60 (.417) for shell size 24.
Shell
ØA
C
Wire Sealing Diameter
Size
Part Number
Nomenclature
max.
B
max.
Minimum
Maximum
14
192900-0496
TNA 14 CCHC-00L
14,60 (.574)
22,80 (.897)
85,50 (3.366)
6,50 (.256)
12,40 (.488)
16
192900-0497
TNA 16 CCHC-00L
16,60 (.653)
24,70 (.972)
89,80 (3.535)
6,50 (.256)
12,40 (.488)
24
192900-0498
TNA 24 CCHC-00L
29,60 (1.165)
41,80 (1.645)
128,50 (5.059)
17,00 (.670)
26,50 (1.040)
* Assumes a uniformly cylindrical cable. Variations in the diameter could effect sealing.
Unsealed Cable Clamps
For Use With Neptune
Circular Connectors
Provides strain relief and wire
protection.
* For disassembly, add 9,00 (.354) for shell sizes 14 and 16 and add 10,60 (.417) for shell size 24.
Shell
ØA
ØC
E
Size
Part Number
Nomenclature
max.
B
max.
ØD
max.
14
192900-0286
TNA 14 CCSR-00L
27,00 (1.063)
6,40 (.251)
13,80 (.543)
27,00 (1.063)
67,10 (2.641)
16
192900-0343
TNA 16 CCSR-00L
30,10 (1.185)
6,40 (.251)
17,00 (.669)
30,20 (1.189)
67,10 (2.641)
24
192900-0344
TNA 24 CCSR-00L
41,80 (1.645)
8,20 (.322)
28,00 (1.102)
42,50 (1.673)
90,80 (3.574)
For use with discrete wires or
jacketed cables.
For assembly instructions, see page 59.


Similar Part No. - 192900-0469

ManufacturerPart #DatasheetDescription
logo
ITT Industries
192900-0411 ITT-192900-0411 Datasheet
291Kb / 6P
   Cannon Trident Connector System Snap Together-Rectangular
192900-0411 ITT-192900-0411 Datasheet
5Mb / 96P
   A historical Achievement of technology Leadership
192900-0412 ITT-192900-0412 Datasheet
291Kb / 6P
   Cannon Trident Connector System Snap Together-Rectangular
192900-0412 ITT-192900-0412 Datasheet
5Mb / 96P
   A historical Achievement of technology Leadership
192900-0413 ITT-192900-0413 Datasheet
291Kb / 6P
   Cannon Trident Connector System Snap Together-Rectangular
More results

Similar Description - 192900-0469

ManufacturerPart #DatasheetDescription
logo
ITT Industries
192990-0960 ITT-192990-0960 Datasheet
173Kb / 4P
   Cannon Trident Connector System Snap Together-Slimline
192990-0350 ITT-192990-0350 Datasheet
291Kb / 6P
   Cannon Trident Connector System Snap Together-Rectangular
192990-2490 ITT-192990-2490 Datasheet
5Mb / 96P
   Cannon Trident Series
TNM6S10-0004P1L ITT-TNM6S10-0004P1L Datasheet
5Mb / 96P
   CANNON TRIDENT SERIES
121586-5236 ITT-121586-5236 Datasheet
5Mb / 96P
   Cannon Trident Series
192993-0106 ITT-192993-0106 Datasheet
5Mb / 96P
   Cannon Trident Series
031-8717-021 ITT-031-8717-021 Datasheet
5Mb / 96P
   Cannon Trident Series
ZDE9P ITT-ZDE9P Datasheet
233Kb / 5P
   Cannon ZD Connectors
ZDE9P1AKN-146 ITT-ZDE9P1AKN-146 Datasheet
233Kb / 5P
   Cannon ZD Connectors
B0023382 ITT-B0023382 Datasheet
235Kb / 7P
   Cannon 75 Ohm Connectors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com