Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BGD702N Datasheet(PDF) 1 Page - NXP Semiconductors

Part # BGD702N
Description  750 MHz, 18.5 dB gain power doubler amplifier
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BGD702N Datasheet(HTML) 1 Page - NXP Semiconductors

  BGD702N Datasheet HTML 1Page - NXP Semiconductors BGD702N Datasheet HTML 2Page - NXP Semiconductors BGD702N Datasheet HTML 3Page - NXP Semiconductors BGD702N Datasheet HTML 4Page - NXP Semiconductors BGD702N Datasheet HTML 5Page - NXP Semiconductors BGD702N Datasheet HTML 6Page - NXP Semiconductors BGD702N Datasheet HTML 7Page - NXP Semiconductors BGD702N Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
DATA SHEET
Product specification
Supersedes data of 2001 Oct 25
2001 Nov 02
DISCRETE SEMICONDUCTORS
BGD702N
750 MHz, 18.5 dB gain power
doubler amplifier
book, halfpage
M3D252


Similar Part No. - BGD702N

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BGD702 PHILIPS-BGD702 Datasheet
64Kb / 12P
   CATV amplifier modules
2001 Nov 27
BGD702 PHILIPS-BGD702 Datasheet
59Kb / 12P
   750 MHz, 18.5 dB gain power doubler amplifier
2001 Nov 27
BGD702D PHILIPS-BGD702D Datasheet
70Kb / 8P
   CATV amplifier module
1997 Mar 25
logo
Quanzhou Jinmei Electro...
BGD702D JMNIC-BGD702D_15 Datasheet
57Kb / 8P
   CATV amplifier module
BGD702D_2015 JMNIC-BGD702D_2015 Datasheet
57Kb / 8P
   CATV amplifier module
More results

Similar Description - BGD702N

ManufacturerPart #DatasheetDescription
logo
Quanzhou Jinmei Electro...
BGD712_2015 JMNIC-BGD712_2015 Datasheet
64Kb / 8P
   750 MHz, 18.5 dB gain power doubler amplifier
logo
NXP Semiconductors
BGD712C NXP-BGD712C_10 Datasheet
208Kb / 8P
   750 MHz, 18.5 dB gain power doubler amplifier
Rev. 3-29 September 2010
logo
Quanzhou Jinmei Electro...
BGD702 JMNIC-BGD702_15 Datasheet
65Kb / 12P
   750 MHz, 18.5 dB gain power doubler amplifier
BGD702_2015 JMNIC-BGD702_2015 Datasheet
65Kb / 12P
   750 MHz, 18.5 dB gain power doubler amplifier
logo
NXP Semiconductors
BGD712C NXP-BGD712C Datasheet
47Kb / 7P
   750 MHz, 18.5 dB gain power doubler amplifier
Rev. 02-16 August 2007
logo
Quanzhou Jinmei Electro...
BGD712 JMNIC-BGD712_15 Datasheet
64Kb / 8P
   750 MHz, 18.5 dB gain power doubler amplifier
BGD712C JMNIC-BGD712C_15 Datasheet
54Kb / 7P
   750 MHz, 18.5 dB gain power doubler amplifier
BGD712C_2015 JMNIC-BGD712C_2015 Datasheet
54Kb / 7P
   750 MHz, 18.5 dB gain power doubler amplifier
logo
NXP Semiconductors
BGD702 PHILIPS-BGD702 Datasheet
59Kb / 12P
   750 MHz, 18.5 dB gain power doubler amplifier
2001 Nov 27
BGD902 NXP-BGD902 Datasheet
79Kb / 10P
   860 MHz, 18.5 dB gain power doubler amplifier
Rev. 08-7 June 2007
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com