Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RMDB1-21SH1L Datasheet(PDF) 5 Page - ITT Industries

Part # RMDB1-21SH1L
Description  Micro-D Plastic Shell - .050 Contact Spacing
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

RMDB1-21SH1L Datasheet(HTML) 5 Page - ITT Industries

  RMDB1-21SH1L Datasheet HTML 1Page - ITT Industries RMDB1-21SH1L Datasheet HTML 2Page - ITT Industries RMDB1-21SH1L Datasheet HTML 3Page - ITT Industries RMDB1-21SH1L Datasheet HTML 4Page - ITT Industries RMDB1-21SH1L Datasheet HTML 5Page - ITT Industries RMDB1-21SH1L Datasheet HTML 6Page - ITT Industries RMDB1-21SH1L Datasheet HTML 7Page - ITT Industries RMDB1-21SH1L Datasheet HTML 8Page - ITT Industries RMDB1-21SH1L Datasheet HTML 9Page - ITT Industries Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
32
www.ittcannon.com
Dimensions shown in inch (mm)
Micro-D Plastic Shell - .050" Contact Spacing
MDB Coaxial
MDB Coaxial Series with Screw Mounting Holes
MDB connectors with two coaxial and five MICRO-
PINTM /MICROSOCKETTM contacts. Crimp-type coaxial
contacts accommodate RG-178/U cables. A plastic
insertion/extraction tool is supplied with each connec-
tor assembly having removable coaxial assembly.
How to Order - MDB Coaxial
SERIES
MDB
1
-7
C2
*
*
* *
S
HK
SERIES
Micro-D Coaxial
No Letter - Coaxial assembly
installed and nonremovable
RO - coaxial assembly ordered
serparately
RA - Coaxial shipped assembled
but uninstalled
See Standard Wire Termination
Consult customer service
No letter - No hardware
* Not available with removalbe coax cable type
connectors RO and RA.
standard mounting. 091 (2.31) hole diameter
F - Float
K - Jackscrew (standard)
L - Jackscrew (low profile)
P - Jackpost
Code on page 29. Coaxial cable will be
RG-178U unless otherwise specified; length
will be same as wire modification.
P - Pin
S - Socket
L - Uninsulated, solid wire
H - Insulated, solid or stranded
S -Solder pot*
1 - .050 (1.27) centers
. . . . . . . . . . . . . . . . . . .7
. . . . . . . . . . . . . . . . . . . . . 2
SIGNAL CONTACT SPACING
TOTAL CONTACT CAVITIES
NUMBER OF COAXIALS
SIGNAL CONTACT SPACING
TOTAL CONTACT CAVITIES
NUMBER OF COAXIALS
COAXIAL TYPE
COAXIAL TYPE
SIGNAL CONTACT TYPE
SIGNAL CONTACT TYPE
SIGNAL CONTACT LEAD TYPE
SIGNAL CONTACT LEAD TYPE
SIGNAL CONTACT LEAD LENGTH
SIGNAL CONTACT LEAD LENGTH
MODIFICATION
HARDWARE
MODIFICATION
HARDWARE
RoHS COMPLIANCE
R
How to Order - Coaxial Cable Assemblies
SERIES
MD
CC
S
*
* * *
COAXIAL CABLE
CONTACT TYPE
CONTACT TYPE
COAXIAL CABLE TYPE
COAXIAL CABLE TYPE
COAXIAL CABLE LENGTH
COAXIAL CABLE LENGTH
SERIES
MD
P - Pin
(used with socket side connection)
S - Socket
(used with pin type connection)
See Standard Wire Termination
Codes on page 29. Coaxial cable will be
RG-178U unless otherwise specified; length
will be the same as wire modfication.
1 - RG178/U
COAXIAL CABLE
CC
RoHS COMPLIANCE
R


Similar Part No. - RMDB1-21SH1L

ManufacturerPart #DatasheetDescription
logo
Taiyo Yuden (U.S.A.), I...
RMD-10V102MG10U-R2 TAIYO-YUDEN-RMD-10V102MG10U-R2 Datasheet
250Kb / 2P
   VERTICAL CHIP TYPE ALUMINUM ELECTROLYTIC CAPACITORS[RMD]
RMD-10V102MG10UQ-R2 TAIYO-YUDEN-RMD-10V102MG10UQ-R2 Datasheet
250Kb / 2P
   FOR AUTOMOTIVE VERTICAL CHIP TYPE ALUMINUM ELECTROLYTIC CAPACITORS[RMD]
RMD-10V152MH10U-R2 TAIYO-YUDEN-RMD-10V152MH10U-R2 Datasheet
250Kb / 2P
   VERTICAL CHIP TYPE ALUMINUM ELECTROLYTIC CAPACITORS[RMD]
RMD-10V152MH10UQ-R2 TAIYO-YUDEN-RMD-10V152MH10UQ-R2 Datasheet
250Kb / 2P
   FOR AUTOMOTIVE VERTICAL CHIP TYPE ALUMINUM ELECTROLYTIC CAPACITORS[RMD]
RMD-16V102MH10U-R2 TAIYO-YUDEN-RMD-16V102MH10U-R2 Datasheet
250Kb / 2P
   VERTICAL CHIP TYPE ALUMINUM ELECTROLYTIC CAPACITORS[RMD]
More results

Similar Description - RMDB1-21SH1L

ManufacturerPart #DatasheetDescription
logo
ITT Industries
MDM-9PH009L ITT-MDM-9PH009L Datasheet
391Kb / 11P
   Micro-D Metal Shell - .050 Contact Spacing
MDM-9PH003B ITT-MDM-9PH003B Datasheet
391Kb / 11P
   Micro-D Metal Shell - .050" Contact Spacing
015-9516-002 ITT-015-9516-002 Datasheet
385Kb / 11P
   Micro-D Metal Shell - .050" Contact Spacing
MDM ITT-MDM Datasheet
321Kb / 8P
   Micro-D Metal Shell - .050 Contact Spacing
logo
List of Unclassifed Man...
MDM-25PH001L ETC2-MDM-25PH001L Datasheet
391Kb / 11P
   Micro-D Metal Shell - .050" Contact Spacing
logo
ITT Industries
MDM-9PL1P ITT-MDM-9PL1P Datasheet
391Kb / 11P
   Micro-D Metal Shell - .050 Contact Spacing
025-9524-000 ITT-025-9524-000 Datasheet
391Kb / 11P
   Micro-D Metal Shell - .050" Contact Spacing
logo
List of Unclassifed Man...
MDM-37PH003B ETC2-MDM-37PH003B Datasheet
391Kb / 11P
   Micro-D Metal Shell - .050" Contact Spacing
MDM-51PH001P ETC2-MDM-51PH001P Datasheet
391Kb / 11P
   Micro-D Metal Shell - .050" Contact Spacing
logo
Glenair, Inc.
MWDL-9P-4K1-18 GLENAIR-MWDL-9P-4K1-18 Datasheet
391Kb / 2P
   Micro-D Plastic Shell
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com