Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CT9157X0063D2 Datasheet(PDF) 4 Page - Vishay Siliconix

Part # CT9157X0063D2
Description  Wet Tantalum Capacitors with Glass to Tantalum Hermetic Seal, Sintered Anode TANTALEX Capacitors
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

CT9157X0063D2 Datasheet(HTML) 4 Page - Vishay Siliconix

  CT9157X0063D2 Datasheet HTML 1Page - Vishay Siliconix CT9157X0063D2 Datasheet HTML 2Page - Vishay Siliconix CT9157X0063D2 Datasheet HTML 3Page - Vishay Siliconix CT9157X0063D2 Datasheet HTML 4Page - Vishay Siliconix CT9157X0063D2 Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
www.vishay.com
65
738D, CT9 (CECC 30202-004)
Vishay Tansitor
Document Number: 40054
Revision 20-Oct-03
For technical questions, contact eurowettant@vishay.com
CT9 STANDARD RATINGS
68
A
CT9686X06R3A2
15
72
1
2
-40
+14
+16
270
B
CT9277X06R3B2
41
30
1
7
-44
+17.5
+20
560
C
CT9567X06R3C2
55
30
2
16
-64
+17.5
+20
1200
D
CT9128X06R3D2
94
24
4
16
-80
+25
+25
47
A
CT9476X0010A2
14
120
1
2
-36
+14
+16
180
B
CT9187X0010B2
29
48
1
7
-36
+14
+16
390
C
CT9397X0010C2
44
30
2
16
-64
+17.5
+20
820
D
CT9827X0010D2
65
28
4
16
-80
+25
+25
33
A
CT9 336X0016A2
10
108
1
2
-28
+14
+16
120
B
CT9127X0016B2
24
60
1
7
-28
+17.5
+20
270
C
CT9277X0016C2
45
36
2
16
-56
+17.5
+20
560
D
CT9567X0016D2
44
28
6
24
-80
+25
+25
22
A
CT9226X0025A2
7
168
1
2
-20
+10.5
+12
100
B
CT9107X0025B2
21
60
1
10
-28
+13
+15
180
C
CT9187X0025C2
29
39
2
18
-48
+13
+15
390
D
CT9397X0025D2
40
29
7
28
-70
+25
+25
12
A
CT9126X0040A2
6
234
1
2
-24
+ 8
+10
56
B
CT9566X0040B2
14
78
1
9
-28
+13
+15
100
C
CT9107X0040C2
18
48
2
17
-40
+13
+15
220
D
CT9227X0040D2
27
31
8
32
-55
+25
+25
8.2
A
CT9825X0063A2
4.5
330
1
2
-24
+ 8
+ 9
39
B
CT9396X0063B2
12
108
1
9
-28
+10.5
+12
68
C
CT9686X0063C2
13
60
2
16
-32
+10.5
+12
150
D
CT9157X0063D2
18
34
8
32
-40
+20
+20
6.8
A
CT9685X0080A2
5
360
1
2
-20
+ 8
+ 9
33
B
CT9336X0080B2
10
108
1
10
-24
+10.5
+15
56
C
CT9566X0080C2
11
72
2
17
-28
+10.5
+15
100
D
CT9107X0080D2
12
36
9
36
-35
+20
+20
4.7
A
CT9475X0100A2
3
600
1
2
-16
+ 7
+ 8
22
B
CT9226X0100B2
8
132
1
9
-16
+ 7
+ 8
47
C
CT9476X0100C2
8
84
2
17
-20
+ 7
+ 8
82
D
CT9826X0100D2
10
40
9
36
-25
+15
+15
3.9
A
CT9395X0125A2
3.5
720
1
2
-16
+ 7
+ 8
15
B
CT9156X0125B2
6
200
1
7
-16
+ 7
+8
27
C
CT9276X0125C2
6
106
2
13
-16
+ 7
+8
56
D
CT9566X0125D2
7
58
10
40
-25
+15
+15
+ 125
°C
+ 85
°C
Max. CAPACITANCE
CHANGE (%) at
+ 85
°C
+ 125
°C
+ 20
°C
Max. IMP.
at - 55
°C
100 KHz
(Ohms)
Max. DF
at + 20
°C
(%)
PART NUMBER*
CASE
CODE
CAPACITANCE
(
µF)
- 55
°C
Max. DCL (
µA) at
6.3 VDC at + 85
°C, 4 VDC at + 125°C, 3 VDC at + 175°C
10 VDC at + 85
°C, 6.3 VDC at + 125°C, 5 VDC at + 175°C
16 VDC at + 85
°C, 10 VDC at + 125°C, 8 VDC at + 175°C
25 VDC at + 85
°C, 16 VDC at + 125°C, 13 VDC at + 175°C
40 VDC at + 85
°C, 25 VDC at + 125°C, 20 VDC at + 175°C
63 VDC at + 85
°C, 40 VDC at + 125°C, 32 VDC at + 175°C
80 VDC at + 85
°C, 50 VDC at + 125°C, 40 VDC at + 175°C
100 VDC at + 85
°C, 63 VDC at + 125°C, 50 VDC at + 175°C
125 VDC at + 85
°C, 80 VDC at + 125°C, 63 VDC at + 175°C
Wet Tantalum Capacitors
with Glass to Tantalum Hermetic Seal,
Sintered Anode TANTALEX
® Capacitors


Similar Part No. - CT9157X0063D2

ManufacturerPart #DatasheetDescription
logo
Central Technologies
CT915AYF CT-CT915AYF Datasheet
496Kb / 1P
   Power Inductors - Shielded
More results

Similar Description - CT9157X0063D2

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
138D VISHAY-138D Datasheet
253Kb / 7P
   Wet Tantalum Capacitors Sintered Anode TANTALEX Capacitors Hermetically-Sealed with True Glass-to-Tantalum Seal
Revision 15-Oct-03
138D VISHAY-138D_08 Datasheet
122Kb / 8P
   Wet Tantalum Capacitors Sintered Anode TANTALEX® Capacitors Hermetically-Sealed with True Glass-to-Tantalum Seal
Revision: 17-Mar-08
DLA10011 VISHAY-DLA10011 Datasheet
89Kb / 5P
   Wet Tantalum Capacitors, Tantalum-Case with Glass-to-Tantalum Hermetic Seal
200D VISHAY-200D Datasheet
576Kb / 9P
   Wet Tantalum Capacitors Wet Sintered Anode TANTALEX TANTAPAK Capacitor Assemblies
Revision 25-Jun-04
T22 VISHAY-T22 Datasheet
158Kb / 10P
   Wet Tantalum SMD Capacitors, Tantalum Metal Case With Glass-to-Tantalum Hermetic Seal
Revision: 13-May-2020
STA VISHAY-STA Datasheet
67Kb / 3P
   Wet Tantalum Capacitors with Hermetic Seal
735D VISHAY-735D_08 Datasheet
112Kb / 10P
   Wet Tantalum Capacitors with Glass to Tantalum Hermetic Seal CECC 30202 Approved
Revision: 29-Jun-07
735D VISHAY-735D Datasheet
136Kb / 9P
   Wet Tantalum Capacitors with Glass to Tantalum Hermetic Seal CECC 30202 Approved
Revision 17-Oct-03
T18D108M075EZSS VISHAY-T18D108M075EZSS Datasheet
78Kb / 4P
   Wet Tantalum Capacitors, Ultra High Capacitance, Tantalum-Case with Glass-to-Tantalum Hermetic Seal
Revision: 11-Jan-16
ST250-75L2KI VISHAY-ST250-75L2KI Datasheet
98Kb / 6P
   SuperTan Wet Tantalum Capacitors with Hermetic Seal
Revision: 13-Oct-14
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com