Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

23TL4A Datasheet(PDF) 3 Page - ITT Industries

Part # 23TL4A
Description  Door Interlock Switches
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

23TL4A Datasheet(HTML) 3 Page - ITT Industries

  23TL4A Datasheet HTML 1Page - ITT Industries 23TL4A Datasheet HTML 2Page - ITT Industries 23TL4A Datasheet HTML 3Page - ITT Industries  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
K
K–52
Dimensions are shown: Inch (mm)
Specifications and dimensions subject to change
www.ittcannon.com
C&K TL Series
Door Interlock Switches
MODEL
PLUNGERS
TERMINATIONS
4
STAINLESS STEEL, TAPPED 4-40 x .375 (9,52) min. depth
2
STAINLESS STEEL, NOT TAPPED
4A
.250" QUICK CONNECT
40
.187" QUICK CONNECT
23TL
WITH TWO SWITCHES
60
SCREW TERMINALS
23TL602
SPDT


Similar Part No. - 23TL4A

ManufacturerPart #DatasheetDescription
logo
C&K Components
23TL4A-2 CK-COMPONENTS-23TL4A-2 Datasheet
508Kb / 3P
   Door Interlock Switches
23TL4A-3 CK-COMPONENTS-23TL4A-3 Datasheet
508Kb / 3P
   Door Interlock Switches
More results

Similar Description - 23TL4A

ManufacturerPart #DatasheetDescription
logo
C&K Components
11TL CK-COMPONENTS-11TL Datasheet
440Kb / 3P
   Door Interlock Switches
11TL602 CK-COMPONENTS-11TL602 Datasheet
238Kb / 3P
   Door Interlock Switches
TL CK-COMPONENTS-TL Datasheet
508Kb / 3P
   Door Interlock Switches
SL CK-COMPONENTS-SL Datasheet
1Mb / 4P
   Sealed Interlock Door Switches
8 Dec 21
logo
Omron Electronics LLC
D2D OMRON-D2D Datasheet
937Kb / 8P
   Door Interlock Switch
D2T OMRON-D2T_1 Datasheet
388Kb / 6P
   Door Interlock Switch
logo
C&K Components
DS-SERIES CK-COMPONENTS-DS-SERIES Datasheet
142Kb / 3P
   Interlock Pushbutton Switches
DSSNAP CK-COMPONENTS-DSSNAP Datasheet
229Kb / 3P
   Interlock Snap Switches
31 oct 16
DS CK-COMPONENTS-DS Datasheet
234Kb / 3P
   Interlock Snap Switches
31 oct 16
logo
List of Unclassifed Man...
KZ32 ETC2-KZ32 Datasheet
59Kb / 1P
   DOOR INTERLOCK PLATE FOR CAM SWITCH
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com