Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MBR20100C Datasheet(PDF) 3 Page - Unisonic Technologies

Part # MBR20100C
Description  SCHOTTKY BARRIER RECTIFIER
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

MBR20100C Datasheet(HTML) 3 Page - Unisonic Technologies

  MBR20100C Datasheet HTML 1Page - Unisonic Technologies MBR20100C Datasheet HTML 2Page - Unisonic Technologies MBR20100C Datasheet HTML 3Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
MBR20100C
DIODE
UNISONICTECHNOLOGIESCO.,LTD
3 of 3
www.unisonic.com.tw
QW-R601-016,A
TYPICAL CHARACTERISTICS
0.1
80
1.1
0.9
1.0
0.5
10
Instantaneous Forward Voltage, VF (V)
Forward Characteristics
0.3
0.7
100
5000
50
1.0
1000
Reverse Voltage, VR (V)
Junction Capacitance
0.1
10
1.3
TJ = 125℃
pulse width = 300μs
2% duty cycle
0.1
0.3
330
0
150
100
100
10
1
50
Max. Non-Repetitive Forward Surge
Current
Number of Cycle at 60Hz
0
25
150
100
50
0
20
5
Case Temperature, TC (℃)
Forward Current Derating Curve
10
15
Resistive or Inductive Load
8.3ms Single Half-Sine Wave
330
UTC assum es no responsibility for equipm ent failures that result from using products at v alues that
exceed, ev en m om entarily, rated v alues (such as m axim um ratings, operating condition ranges, or
other param eters) listed in products specifications of any and all UTC products described or contained
herein. UTC products are not designed for use in life support appliances, dev ices or system s where
m alfunction of these products can be reasonably expected to result in personal injury. Reproduction in
whole or in part is prohibited without the prior written consent of the copyright owner. The inform ation
presented in this docum ent does not form part of any quotation or contract, is believ ed to be accurate
and reliable and m ay be changed without notice.


Similar Part No. - MBR20100C

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
MBR20100C BCDSEMI-MBR20100C Datasheet
506Kb / 9P
   HIGH VOLTAGE POWER SCHOTTKY RECTIFIER
logo
Unisonic Technologies
MBR20100C UTC-MBR20100C Datasheet
148Kb / 3P
   SCHOTTKY BARRIER RECTIFIER
logo
Diodes Incorporated
MBR20100C DIODES-MBR20100C Datasheet
495Kb / 13P
   HIGH VOLTAGE POWER SCHOTTKY RECTIFIER
logo
Rectron Semiconductor
MBR20100C RECTRON-MBR20100C Datasheet
341Kb / 5P
   SCHOTTKY BARRIER RECTIFIER
logo
SHIKUES Electronics
MBR20100C-T SKTECHNOLGY-MBR20100C-T Datasheet
370Kb / 3P
   SCHOTTKY BARRIER RECTIFIERS
More results

Similar Description - MBR20100C

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
CRS14 TOSHIBA-CRS14 Datasheet
191Kb / 6P
   Schottky Barrier Rectifier Schottky Barrier Type
logo
Shenzhen Ping Sheng Ele...
SS12 PFS-SS12 Datasheet
559Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
logo
Sanken electric
FMW-2156 SANKEN-FMW-2156 Datasheet
209Kb / 4P
   Schottky Barrier Rectifier
logo
Micro Commercial Compon...
1N60 MCC-1N60 Datasheet
419Kb / 3P
   Schottky Barrier Rectifier
LL60 MCC-LL60 Datasheet
400Kb / 3P
   Schottky Barrier Rectifier
logo
Vishay Siliconix
1N5820 VISHAY-1N5820_09 Datasheet
68Kb / 4P
   Schottky Barrier Rectifier
Revision: 20-Oct-09
logo
Galaxy Semi-Conductor H...
S5817 BILIN-S5817 Datasheet
57Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
logo
Vishay Siliconix
SBL1030 VISHAY-SBL1030 Datasheet
142Kb / 5P
   Schottky Barrier Rectifier
Revision: 25-Apr-08
logo
Chenmko Enterprise Co. ...
MPL1035PT CHENMKO-MPL1035PT Datasheet
260Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
SPL270CTPT CHENMKO-SPL270CTPT Datasheet
161Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
SPL320LLPT CHENMKO-SPL320LLPT Datasheet
153Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com