Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

WMS128K8-100DEMA Datasheet(PDF) 5 Page - White Electronic Designs Corporation

Part # WMS128K8-100DEMA
Description  128Kx8 MONOLITHIC SRAM, SMD 5962-96691
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEDC [White Electronic Designs Corporation]
Direct Link  http://www.whiteedc.com
Logo WEDC - White Electronic Designs Corporation

WMS128K8-100DEMA Datasheet(HTML) 5 Page - White Electronic Designs Corporation

  WMS128K8-100DEMA Datasheet HTML 1Page - White Electronic Designs Corporation WMS128K8-100DEMA Datasheet HTML 2Page - White Electronic Designs Corporation WMS128K8-100DEMA Datasheet HTML 3Page - White Electronic Designs Corporation WMS128K8-100DEMA Datasheet HTML 4Page - White Electronic Designs Corporation WMS128K8-100DEMA Datasheet HTML 5Page - White Electronic Designs Corporation WMS128K8-100DEMA Datasheet HTML 6Page - White Electronic Designs Corporation WMS128K8-100DEMA Datasheet HTML 7Page - White Electronic Designs Corporation WMS128K8-100DEMA Datasheet HTML 8Page - White Electronic Designs Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
5
5
5
5
5
White Electronic Designs Corporation • (602) 437-1520 • www.whiteedc.com
White Electronic Designs
WMS128K8-XXX
ALL LINEAR DIMENSIONS ARE MILLIMETERS AND PARENTHETICALLY IN INCHES
PACKAGE 101: 32 LEAD, CERAMIC SOJ
PACKAGE 206: 32 LEAD, CERAMIC FLAT PACK
ALL LINEAR DIMENSIONS ARE MILLIMETERS AND PARENTHETICALLY IN INCHES
1.27 (0.050) TYP
21.1 (0.830) ± 0.25 (0.010)
19.1 (0.750) TYP
11.3 (0.446)
± 0.2 (0.009)
3.96 (0.156) MAX
0.2 (0.008)
± 0.05 (0.002)
9.55 (0.376) ± 0.25 (0.010)
1.27 (0.050) ± 0.25 (0.010)
0.89 (0.035)
Radius TYP
10.41 (0.410)
± 0.13 (0.005)
3.18 (0.125) MAX
0.127 (0.005)
+ 0.05 (0.002)
– 0.025 (0.001)
PIN 1
IDENTIFIER
1.27 (0.050) TYP
7.87 (0.310)
± 0.13 (0.005)
19.05 (0.750) TYP
6.35 (0.250)
MIN
0.43 (0.017)
± 0.05 (0.002)
20.83 (0.820)
± 0.25 (0.010)


Similar Part No. - WMS128K8-100DEMA

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
WMS128K8V-15CC ETC1-WMS128K8V-15CC Datasheet
223Kb / 8P
   128Kx8 3.3V MONOLITHIC SRAM
WMS128K8V-15CCA ETC1-WMS128K8V-15CCA Datasheet
223Kb / 8P
   128Kx8 3.3V MONOLITHIC SRAM
WMS128K8V-15CI ETC1-WMS128K8V-15CI Datasheet
223Kb / 8P
   128Kx8 3.3V MONOLITHIC SRAM
WMS128K8V-15CIA ETC1-WMS128K8V-15CIA Datasheet
223Kb / 8P
   128Kx8 3.3V MONOLITHIC SRAM
WMS128K8V-15CLC ETC1-WMS128K8V-15CLC Datasheet
223Kb / 8P
   128Kx8 3.3V MONOLITHIC SRAM
More results

Similar Description - WMS128K8-100DEMA

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
EDI88128C WEDC-EDI88128C Datasheet
387Kb / 8P
   128Kx8 MONOLITHIC SRAM, SMD 5962-89598
EDI88130CS WEDC-EDI88130CS Datasheet
499Kb / 9P
   128Kx8 Monolithic SRAM, SMD 5962-89598
EDI88128CS WEDC-EDI88128CS Datasheet
464Kb / 9P
   128Kx8 Monolithic SRAM, SMD 5962-89598
logo
List of Unclassifed Man...
WMF128K8 ETC1-WMF128K8 Datasheet
142Kb / 14P
   128Kx8 MONOLITHIC FLASH, SMD 5962-96690
logo
White Electronic Design...
WMF128K8-XXX5 WEDC-WMF128K8-XXX5 Datasheet
458Kb / 14P
   128Kx8 MONOLITHIC FLASH, SMD 5962-96690
WME128K8-XXX WEDC-WME128K8-XXX Datasheet
378Kb / 11P
   128Kx8 CMOS MONOLITHIC EEPROM, SMD 5962-96796
EDI816256CA WEDC-EDI816256CA Datasheet
269Kb / 7P
   256Kx16 MONOLITHIC SRAM, SMD 5962-96795
WMS256K16-XXX WEDC-WMS256K16-XXX Datasheet
252Kb / 7P
   256Kx16 MONOLITHIC SRAM, SMD 5962-96902
EDI88512CA WEDC-EDI88512CA Datasheet
183Kb / 9P
   512Kx8 Monolithic SRAM, SMD 5962-95600
WMS512K8-XXX WEDC-WMS512K8-XXX Datasheet
288Kb / 10P
   512Kx8 MONOLITHIC SRAM, SMD 5962-95613
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com