Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

E211J1AV2B22 Datasheet(PDF) 3 Page - ITT Industries

Part # E211J1AV2B22
Description  Sealed Miniature Rocker and Lever Handle Switches
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

E211J1AV2B22 Datasheet(HTML) 3 Page - ITT Industries

  E211J1AV2B22 Datasheet HTML 1Page - ITT Industries E211J1AV2B22 Datasheet HTML 2Page - ITT Industries E211J1AV2B22 Datasheet HTML 3Page - ITT Industries E211J1AV2B22 Datasheet HTML 4Page - ITT Industries E211J1AV2B22 Datasheet HTML 5Page - ITT Industries E211J1AV2B22 Datasheet HTML 6Page - ITT Industries E211J1AV2B22 Datasheet HTML 7Page - ITT Industries E211J1AV2B22 Datasheet HTML 8Page - ITT Industries E211J1AV2B22 Datasheet HTML 9Page - ITT Industries Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
C&K E Series
Sealed Miniature Rocker and Lever Handle Switches
SWITCH FUNCTION
ACTUATOR–PANEL REAR MOUNT
PANEL MOUNTING
J1 & J2 Actuators
3PDT
2-1,5-4,8-7
N/A
2-3,5-6,8-9
ON
NONE
ON
E301
3P
SCHEMATIC
CONNECTED TERMINALS
POS. 1
POS. 2
POS. 3
SWITCH FUNCTION
POS. 1
POS. 2
POS. 3
MODEL
NO.
NO.
POLES
3PDT
C&K marking on opposite side
C&K marking on opposite side
Part number shown: E301J1ZBE2
All models
with all options when ordered with G, L, M or Q contact material.
MOM. = Momentary
** Wiring for 3-way switch, see Technical Data section of this catalog.
Terminal Nos.
For Reference Only
Finish: Matte. Other colors, custom actuator mark-
ings and legends available, consult Customer
Service Center.
NOTE: Hardware: two each—mounting screws,
nuts, lockwashers and standoffs for 1/8 inch thick
panel are supplied standard on switches with panel
mounting bracket. Internal o-ring actuator seal
standard. Actuators available separately, see
page H-37. Hardware available seperately, see
Technical Data section of this catalog. J1, J2 actua-
tors available with C, Z or Z3 terminations.
2
BLACK
3
RED
ACTUATOR
COLOR
OPTION
CODE
J1
LEVER
J2
LEVER
ACTUATOR COLOR
ACTUATOR
Dimensions are shown: Inch (mm)
Specifications and dimensions subject to change
www.ittcannon.com
H
H–28


Similar Part No. - E211J1AV2B22

ManufacturerPart #DatasheetDescription
logo
Gilway Technical Lamp
E211 GILWAY-E211 Datasheet
85Kb / 2P
   T-1 3/4 Bi-Color LEDs (Very Bright)
logo
MicroPower Direct, LLC
E211 MPD-E211 Datasheet
175Kb / 2P
   Isolated, Single Output Ultra-Miniature, 2W SIP DC/DC Converters
logo
C&K Components
E211 CK-COMPONENTS-E211 Datasheet
610Kb / 8P
   Sealed Miniature Toggle Switches
E211 CK-COMPONENTS-E211 Datasheet
621Kb / 8P
   Sealed Miniature Toggle Switches
E211 CK-COMPONENTS-E211 Datasheet
972Kb / 14P
   Sealed Miniature Rocker and Lever Handle Switches
More results

Similar Description - E211J1AV2B22

ManufacturerPart #DatasheetDescription
logo
C&K Components
E CK-COMPONENTS-E Datasheet
2Mb / 14P
   Sealed Miniature Rocker and Lever Handle Switches
15 Jan 21
E101J1ABE222 CK-COMPONENTS-E101J1ABE222 Datasheet
784Kb / 14P
   Sealed Miniature Rocker and Lever Handle Switches
E105J1ABE2 CK-COMPONENTS-E105J1ABE2 Datasheet
972Kb / 14P
   Sealed Miniature Rocker and Lever Handle Switches
E101J1V3BE2 CK-COMPONENTS-E101J1V3BE2 Datasheet
972Kb / 14P
   Sealed Miniature Rocker and Lever Handle Switches
7000 CK-COMPONENTS-7000_V01 Datasheet
3Mb / 22P
   Miniature Rocker & Lever Handle Switches
2021
U411J37ZGE22 CK-COMPONENTS-U411J37ZGE22 Datasheet
1Mb / 22P
   Miniature Rocker Lever Handle Switches
7201J1A3QE2 CK-COMPONENTS-7201J1A3QE2 Datasheet
1Mb / 22P
   Miniature Rocker & Lever Handle Switches
U15J51ZQE12 CK-COMPONENTS-U15J51ZQE12 Datasheet
1Mb / 22P
   Miniature Rocker & Lever Handle Switches
U11J26ZQE22 CK-COMPONENTS-U11J26ZQE22 Datasheet
1Mb / 22P
   Miniature Rocker Lever Handle Switches
7000ROCKER CK-COMPONENTS-7000ROCKER Datasheet
3Mb / 22P
   Miniature Rocker & Lever Handle Switches
15 Jan 21
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com