Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

VRS51L580-40-Q-G Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # VRS51L580-40-Q-G
Description  Versa 8051 MCUs with 32/64KB
Download  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

VRS51L580-40-Q-G Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  VRS51L580-40-Q-G Datasheet HTML 1Page - List of Unclassifed Manufacturers VRS51L580-40-Q-G Datasheet HTML 2Page - List of Unclassifed Manufacturers VRS51L580-40-Q-G Datasheet HTML 3Page - List of Unclassifed Manufacturers VRS51L580-40-Q-G Datasheet HTML 4Page - List of Unclassifed Manufacturers VRS51L580-40-Q-G Datasheet HTML 5Page - List of Unclassifed Manufacturers VRS51L580-40-Q-G Datasheet HTML 6Page - List of Unclassifed Manufacturers VRS51L580-40-Q-G Datasheet HTML 7Page - List of Unclassifed Manufacturers VRS51L580-40-Q-G Datasheet HTML 8Page - List of Unclassifed Manufacturers VRS51L580-40-Q-G Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 49 page
background image
Ramtron International Corporation
?
http://www.ramtron.com
1850 Ramtron Drive Colorado Springs
?
MCU customer service: 1-800-943-4625, 1-514-871-2447, ext. 208
Colorado, USA, 80921
?
1-800-545-FRAM, 1-719-481-7000
page 1 of 49
VRS51x570/580
Datasheet
Rev 1.2
Versa 8051 MCUs with 32/64KB
Overview
The VRS51x570 and the VRS51x580 are low cost 8-bit
microcontrollers
based
on
the
standard
80C51
microcontroller family architecture.
They are pin
compatible and drop-in replacements for most 8051
MCUs.
Ideal for a wide range of applications requiring large
amounts
of
program/data
memory,
coupled
with
comprehensive peripheral support, the VRS51x570/580
devices
include
32KB/64KB
of
Flash
memory,
respectively, and 1KB of SRAM, 5 PWM output
channels, a UART, three 16-bit timers, a Watch Dog
timer and power down features.
These devices also include a fifth, 4-bit, I/O port mapped
into the “no connect” pins of the standard 8051/52
package. This provides a total of 36 I/Os while
maintaining compatibility with standard 80C51/52 pin
outs.
The VRS51x570 and VRS51x580 are available in
PLCC-44, QFP-44 and DIP-40 packages in the Industrial
temperature
range.
The
Flash
memory
can
be
programmed using programmers from Ramtron or other
3
rd party commercial programmer suppliers.
FIGURE 1: VRS51X570 / VRS51X580 FUNCTIONAL DIAGRAM
PORT 0
8051
PROCESSOR
PORT 3
PORT 2
PORT 1
PWM
PORT 4
64KB
FLASH
2 INTERRUPT
INPUTS
UART
1024 Bytes of
RAM
RESET
TIMER 0
TIMER 2
TIMER 1
POWER
CONTROL
WATCHDOG
TIMER
ADDRESS/
DATA BUS
8
8
8
8
4
5
Feature Set
80C51/80C52 pin compatible
12 clock periods per machine cycle
32KB / 64KB on-chip Flash memory
1024 Bytes on-chip data RAM
36 I/O lines: P0-P3 = 8-bit, P4 = 4-bit
5-Channel PWM on P1.3 to P1.7
Full duplex serial port (UART)
Three 16-bit Timers/Counters
Watch Dog Timer
8-bit Unsigned Division / Multiply
BCD arithmetic
Direct and Indirect Addressing
Two levels of interrupt priority and nested interrupts
Power saving modes
Code protection function
Operates at a clock frequency of up to 40MHz
Low EMI (inhibit ALE)
Programming voltage: 12V
Industrial Temperature range (-40°C to +85°C)
5V and 3V versions available (see Ordering information.)
FIGURE 2: VRS51X570 / VRS51X580 PLCC AND QFP PINOUT DIAGRAMS
PWM3/P1.6
PWM2/P1.5
RESET
PWM4/P1.7
P4.3
RXD/P3.0
#INT0/P3.2
TXD/P3.1
T0/P3.4
#INT1/P3.3
T1/P3.5
P2.6/A14
P2.5/A13
#PSEN
P2.7/A15
P4.1
ALE
P0.7/AD7
#EA
P0.5/AD5
P0.6/AD6
P0.4/AD4
1
VRS51x570/580
PLCC-44
6
7
17
18
28
29
39
40
1
44
11
12
22
23
33
34
VRS51x570/580
QFP-44
#RD/P3.7
#WR/P3.6
XTAL1
XTAL2
P4.0
VSS
P2.1/A9
P2.0/A8
P2.3/A11
P2.2/A10
P2.4/A12
PWM0/P1.3
PWM1/P1.4
T2EX/P1.1
P1.2
P4.2
T2/P1.0
P0.0/AD0
VDD
P0.2/AD2
P0.1/AD1
P0.3/AD3


Similar Part No. - VRS51L580-40-Q-G

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
VRS51L540-25-L ETC1-VRS51L540-25-L Datasheet
1Mb / 40P
   Versa 8051 MCU with 4KB Flash
VRS51L540-25-L-G ETC1-VRS51L540-25-L-G Datasheet
1Mb / 40P
   Versa 8051 MCU with 4KB Flash
VRS51L540-25-LG ETC1-VRS51L540-25-LG Datasheet
1Mb / 40P
   Versa 8051 MCU with 4KB Flash
VRS51L540-25-P ETC1-VRS51L540-25-P Datasheet
1Mb / 40P
   Versa 8051 MCU with 4KB Flash
VRS51L540-25-P-G ETC1-VRS51L540-25-P-G Datasheet
1Mb / 40P
   Versa 8051 MCU with 4KB Flash
More results

Similar Description - VRS51L580-40-Q-G

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
VRS51X550 ETC1-VRS51X550 Datasheet
1Mb / 40P
   Versa 8051 MCUs with 8/16KB Flash
logo
Ramtron International C...
VRS51C1000 RAMTRON-VRS51C1000 Datasheet
474Kb / 48P
   Versa 8051 MCU with 64KB of IAP/ISP Flash
VRS51L1050 RAMTRON-VRS51L1050 Datasheet
504Kb / 49P
   Versa 8051 3.3V MCU with 64KB of IAP/ISP Flash
logo
List of Unclassifed Man...
VRS51X540 ETC1-VRS51X540 Datasheet
1Mb / 40P
   Versa 8051 MCU with 4KB Flash
logo
Ramtron International C...
VRS51L2070 RAMTRON-VRS51L2070 Datasheet
3Mb / 99P
   High-Performance Versa 8051 MCU
logo
List of Unclassifed Man...
VMX1C1016 ETC1-VMX1C1016 Datasheet
3Mb / 76P
   Versa Mix 8051 Mixed-Signal MCU
VMX51C900 ETC1-VMX51C900 Datasheet
2Mb / 55P
   Versa Mix 8051 MCU with LCD Controller and ADC
VMX1C1020 ETC1-VMX1C1020 Datasheet
3Mb / 80P
   Versa Mix 8051 Mixed-Signal MCU
VRS51C1100 ETC1-VRS51C1100 Datasheet
2Mb / 50P
   Versa 8051 MCU with 128KB of IAP/ISP Flash
logo
Fujitsu Component Limit...
MB9BF500 FUJITSU-MB9BF500 Datasheet
784Kb / 4P
   32-bit MCUs with ARM Cortex-M3 Core
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com