Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OM6103ST Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # OM6103ST
Description  POWER MOSFET IN HERMETIC ISOLATED JEDEC TO-257AA PACKAGE
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

OM6103ST Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  OM6103ST Datasheet HTML 1Page - List of Unclassifed Manufacturers OM6103ST Datasheet HTML 2Page - List of Unclassifed Manufacturers OM6103ST Datasheet HTML 3Page - List of Unclassifed Manufacturers OM6103ST Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
OM6001ST - OM6104ST
3.1
205 Crawford Street, Leominster, MA 01453 USA (508) 534-5776 FAX (508) 537-4246
ABSOLUTE MAXIMUM RATINGS (TC = 25°C unless otherwise noted)
Parameter
OM6001ST OM6002ST OM6003ST OM6004ST
Units
OM6101ST OM6102ST OM6103ST OM6104ST
V
DS
Drain-Source Voltage
100
200
400
500
V
V
DGR
Drain-Gate Voltage (R
GS = 1 M )
100
200
400
500
V
I
D @ TC = 25°C
Continuous Drain Current2
±14
±9
±5.5
±4.5
A
I
D @ TC = 100°C
Continuous Drain Current2
±9
±6
±3.5
±3
A
I
DM
Pulsed Drain Current1
±56
±36
±22
±18
A
P
D @ TC = 25°C
Maximum Power Dissipation
50
50
50
50
W
P
D @ TC = 100°C
Maximum Power Dissipation
20
20
20
20
W
Junction To Case
Linear Derating Factor
0.4
0.4
0.4
0.4
W/°C
Junction To Ambient
Linear Derating Factor
.015
.015
.015
.015
W/°C
T
J
Operating and
T
stg
Storage Temperature Range
-55 to 150
-55 to 150
-55 to 150
-55 to 150
°C
Lead Temperature
(1/16" from case for 10 secs.)
300
300
300
300
°C
1 Pulse Test: Pulse width 300 µsec. Duty Cycle 2%.
2 Package Pin Limitations = 16 amps
THERMAL RESISTANCE (MAXIMUM) at TA = 25°C
R
thJC
Junction-to-Case
2.5
°C/W
R
thJA
Junction-to-Ambient
65
°C/W Free Air Operation
90
75
60
45
30
15
0
0
25
50
75 100 125 150 175
TC - CASE TEMPERATURE (C°)
R
θ
JC = 2.5° C/W
.430
.410
.200
.190
.038 MAX.
.005
.120 TYP.
.537
.527
.665
.645
.420
.410
.150
.140
.750
.500
.100 TYP.
.035
.025
.045
.035
POWER DERATING
MECHANICAL OUTLINE
WITH PIN CONNECTION
12 3
Pin 1: Drain
Pin 2: Source
Pin 3: Gate
Note: MOSFETs are also available in Z-Tab, dual and quad pak styles. Duals and quads available in non-gate versions only.
Please call the factory for more information.
PACKAGE OPTIONS
MOD PAK
Z-TAB
6 PIN SIP


Similar Part No. - OM6103ST

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
OM6103ST ETC2-OM6103ST Datasheet
49Kb / 4P
   POWER MOSFET IN HERMETIC ISOLATED JEDEC TO 257AA PACKAGE
More results

Similar Description - OM6103ST

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
OM6101ST ETC2-OM6101ST Datasheet
49Kb / 4P
   POWER MOSFET IN HERMETIC ISOLATED JEDEC TO 257AA PACKAGE
OM1N100SA ETC2-OM1N100SA Datasheet
44Kb / 4P
   POWER MOSFET IN HERMETIC ISOLATED JEDEC PACKAGE
OMY140 ETC-OMY140 Datasheet
39Kb / 4P
   POWER MOSFETS IN HERMETIC ISOLATED TO-257AA PACKAGE
OM6005SC ETC2-OM6005SC Datasheet
50Kb / 4P
   POWER MOSFET IN HERMETIC ISOLATED JEDEC TO-258AA PACKAGE
logo
International Rectifier
OM7662SC IRF-OM7662SC_15 Datasheet
40Kb / 4P
   Isolated Hermetic Package. JEDEC TO-258AA Outline
logo
List of Unclassifed Man...
OM6017SA ETC-OM6017SA Datasheet
44Kb / 4P
   POWER MOSFET IN HERMETIC ISOLATED TO-254AA PACKAGE
OM7604ST ETC-OM7604ST Datasheet
44Kb / 4P
   ISOLATED HERMETIC TO-257AA ADJUSTABLE VOLTAGE REGULATOR
OM7805AIHP ETC2-OM7805AIHP Datasheet
45Kb / 4P
   ISOLATED HERMETIC TO-257AA FIXED VOLTAGE REGULATORS
OM7602 ETC-OM7602 Datasheet
35Kb / 4P
   ISOLATED HERMETIC TO-257AA ADJUSTABLE VOLTAGE REGULATOR
logo
International Rectifier
OM7800IH IRF-OM7800IH Datasheet
39Kb / 4P
   ISOLATED HERMETIC TO-257AA FIXED VOLTAGE REGULATORS
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com