Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AH312-RFID Datasheet(PDF) 5 Page - WJ Communication. Inc.

Part # AH312-RFID
Description  2 Watt, High Linearity InGaP HBT Amplifier
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WJCI [WJ Communication. Inc.]
Direct Link  http://www.wj.com
Logo WJCI - WJ Communication. Inc.

AH312-RFID Datasheet(HTML) 5 Page - WJ Communication. Inc.

  AH312-RFID Datasheet HTML 1Page - WJ Communication. Inc. AH312-RFID Datasheet HTML 2Page - WJ Communication. Inc. AH312-RFID Datasheet HTML 3Page - WJ Communication. Inc. AH312-RFID Datasheet HTML 4Page - WJ Communication. Inc. AH312-RFID Datasheet HTML 5Page - WJ Communication. Inc. AH312-RFID Datasheet HTML 6Page - WJ Communication. Inc. AH312-RFID Datasheet HTML 7Page - WJ Communication. Inc. AH312-RFID Datasheet HTML 8Page - WJ Communication. Inc. AH312-RFID Datasheet HTML 9Page - WJ Communication. Inc.  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
Specifications and information are subject to change without notice.
WJ Communications, Inc
• Phone 1-800-WJ1-4401 • FAX: 408-577-6621 • e-mail: sales@wj.com • Web site: www.wj.com
Page 5 of 9 June 2005
AH312 / ECP200G
2 Watt, High Linearity InGaP HBT Amplifier
Product Information
2140 MHz Application Circuit (AH312-S8PCB2140)
Typical RF Performance at 25
°°°°C
Frequency
2140 MHz
S21 – Gain
10 dB
S11 – Input Return Loss
-20 dB
S22 – Output Return Loss
-6.8 dB
Output P1dB
+33.2 dBm
Output IP3
(+17 dBm / tone, 1 MHz spacing)
+48 dBm
W-CDMA Channel Power
(@ -45 dBc ACLR)
+25.3 dBm
Noise Figure
7.7 dB
Device / Supply Voltage
+5 V
Quiescent Current (1)
800 mA
1. This corresponds to the quiescent current or operating current under
small-signal conditions into pins 6, 7, and 8.
S21vs. Frequency
7
8
9
10
11
12
2110 2120 2130 2140 2150 2160 2170
Frequency(MHz)
+25°C
-40°C
+85°C
S11vs. Frequency
-30
-25
-20
-15
-10
-5
0
2110 2120 2130 2140 2150 2160 2170
Frequency (MHz)
+25°C
-40°C
+85°C
S22vs. Frequency
-20
-15
-10
-5
0
2110 2120 2130 2140 2150 2160 2170
Frequency (MHz)
+25°C
-40°C
+85°C
NoiseFigurevs. Frequency
0
2
4
6
8
10
2110
2120
2130
2140
2150
2160
2170
Frequency(MHz)
-40°C
+25°C
+85°C
P1dBvs. Frequency
Circuit boardsareoptimizedat 2140 MHz
26
28
30
32
34
36
2110
2120
2130
2140
2150
2160
2170
Frequency(MHz)
-40°C
+25°C
+85°C
ACPRvs. Channel Power
3GPPW-CDMA, Test Model 1+64DPCH, ±5MHz offset, 2140MHz
-60
-55
-50
-45
-40
-35
22
23
24
25
26
27
Output Channel Power (dBm)
-40C
+25C
+85C
OIP3vs. Frequency
+25° C, +17 dBm/tone
35
40
45
50
55
2110
2120
2130
2140
2150
2160
2170
Frequency(MHz)
OIP3vs. Temperature
freq. =2140MHz, 2141MHz, +17dBm/tone
35
40
45
50
55
-40
-15
10
35
60
85
Temperature(°C)
OIP3vs. Output Power
freq. =2140MHz, 2141 MHz, +25° C
35
40
45
50
55
12
14
16
18
20
22
Output Power (dBm)


Similar Part No. - AH312-RFID

ManufacturerPart #DatasheetDescription
logo
WJ Communication. Inc.
AH312-S8G WJCI-AH312-S8G Datasheet
356Kb / 7P
   2 Watt, High Linearity InGaP HBT Amplifier
AH312-S8PCB1960 WJCI-AH312-S8PCB1960 Datasheet
356Kb / 7P
   2 Watt, High Linearity InGaP HBT Amplifier
AH312-S8PCB2140 WJCI-AH312-S8PCB2140 Datasheet
356Kb / 7P
   2 Watt, High Linearity InGaP HBT Amplifier
AH312-S8PCB900 WJCI-AH312-S8PCB900 Datasheet
356Kb / 7P
   2 Watt, High Linearity InGaP HBT Amplifier
More results

Similar Description - AH312-RFID

ManufacturerPart #DatasheetDescription
logo
WJ Communication. Inc.
AH312 WJCI-AH312 Datasheet
356Kb / 7P
   2 Watt, High Linearity InGaP HBT Amplifier
ECP203 WJCI-ECP203 Datasheet
194Kb / 3P
   2 Watt, High Linearity InGaP HBT Amplifier
ECP200D WJCI-ECP200D Datasheet
319Kb / 6P
   2 Watt, High Linearity InGaP HBT Amplifier
logo
TriQuint Semiconductor
AH118 TRIQUINT-AH118_15 Datasheet
843Kb / 14P
   Watt, High Linearity InGaP HBT Amplifier
logo
WJ Communication. Inc.
AH116-RFID WJCI-AH116-RFID Datasheet
709Kb / 6P
   1/2 Watt, High Linearity InGaP HBT Amplifier
logo
TriQuint Semiconductor
EC1089 TRIQUINT-EC1089_15 Datasheet
411Kb / 5P
   Watt, High Linearity InGaP HBT Amplifier
logo
WJ Communication. Inc.
ECP050D WJCI-ECP050D Datasheet
489Kb / 5P
   1/2 Watt, High Linearity InGaP HBT Amplifier
logo
List of Unclassifed Man...
AH115 ETC-AH115 Datasheet
577Kb / 7P
   1/2 Watt, High Linearity InGaP HBT Amplifier
logo
WJ Communication. Inc.
ECP052 WJCI-ECP052 Datasheet
225Kb / 5P
   1/2 Watt, High Linearity InGaP HBT Amplifier
ECP053 WJCI-ECP053 Datasheet
146Kb / 3P
   1/2 Watt, High Linearity InGaP HBT Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com