Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IDT72T51553 Datasheet(PDF) 8 Page - Integrated Device Technology

Part # IDT72T51553
Description  2.5V MULTI-QUEUE FLOW-CONTROL DEVICES (32 QUEUES) 18 BIT WIDE CONFIGURATION
Download  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT72T51553 Datasheet(HTML) 8 Page - Integrated Device Technology

Back Button IDT72T51553 Datasheet HTML 4Page - Integrated Device Technology IDT72T51553 Datasheet HTML 5Page - Integrated Device Technology IDT72T51553 Datasheet HTML 6Page - Integrated Device Technology IDT72T51553 Datasheet HTML 7Page - Integrated Device Technology IDT72T51553 Datasheet HTML 8Page - Integrated Device Technology IDT72T51553 Datasheet HTML 9Page - Integrated Device Technology IDT72T51553 Datasheet HTML 10Page - Integrated Device Technology IDT72T51553 Datasheet HTML 11Page - Integrated Device Technology IDT72T51553 Datasheet HTML 12Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 57 page
background image
8
COMMERCIALANDINDUSTRIAL
TEMPERATURERANGES
IDT72T51543/72T51553 2.5V, MULTI-QUEUE FLOW-CONTROL DEVICES
(32 QUEUES) 18 BIT WIDE CONFIGURATION 1,179,648 and 2,359,296 bits
PIN DESCRIPTIONS (CONTINUED)
Symbol &
Name
I/O TYPE
Description
Pin No.
FSTR
PAFn Flag Bus
LVTTL
If direct operation of the
PAFnbushasbeenselected,theFSTRinputisusedinconjunctionwithWCLK
(R4)
Strobe
INPUT
and the WRADD bus to select a quadrant of queues to be placed on to the
PAFnbusoutputs.Aquadrant
addressed via the WRADD bus is selected on the rising edge of WCLK provided that FSTR is HIGH. If
Polled operations has been selected, FSTR should be tied inactive, LOW.
FSYNC
PAFn Bus Sync
LVTTL
FSYNC is an output from the multi-queue device that provides a synchronizing pulse for the
PAFnbus
(R3)
OUTPUT
during Polled operation of the
PAFn bus. During Polled operation each quadrant of queue status flags
is loaded on to the
PAFn bus outputs sequentially based on WCLK. The first WCLK rising edge loads
quadrant 1 on to
PAFn,thesecondWCLKrisingedgeloadsquadrant2andsoon.ThefifthWCLKrising
edge will again load quadrant 1. During the WCLK cycle that quadrant 1 of a selected device is placed
on to the
PAFn bus, the FSYNC output will be HIGH. For all other quadrants of that device, the FSYNC
output will be LOW.
FXI
PAFn Bus
LVTTL
The FXI input is used when multi-queue devices are connected in expansion mode and Polled
PAFn
(T2)
Expansion In
INPUT
bus operation has been selected. FXI of device ‘N’ connects directly to FXO of device ‘N-1’. The FXI
receives a token from the previous device in a chain. In single device mode the FXI input must be tied
LOW if the
PAFnbusisoperatedindirectmode.IfthePAFnbusisoperatedinpolledmodetheFXIinput
must be connected to the FXO output of the same device. In expansion mode the FXI of the first device
should be tied LOW, when direct mode is selected.
FXO
PAFn Bus
LVTTL
FXO is an output that is used when multi-queue devices are connected in expansion mode and Polled
(T3)
Expansion Out
OUTPUT
PAFnbusoperationhasbeenselected.FXOofdevice‘N’connectsdirectlytoFXIofdevice‘N+1’.This
pin pulses when device N has placed its final (4th) quadrant on to the
PAFn bus with respect to WCLK.
This pulse (token) is then passed on to the next device in the chain ‘N+1’ and on the next WCLK rising
edge the first quadrant of device N+1 will be loaded on to the
PAFnbus.Thiscontinuesthroughthechain
andFXOofthelastdeviceisthenloopedbacktoFXIofthefirstdevice.TheFSYNCoutputofeachdevice
in the chain provides synchronization to the user of this looping event.
ID[2:0](1)
Device ID Pins
LVTTL
Forthe32Qmulti-queuedevicetheWRADDandRDADDaddressbussesare8bitswide.Whenaqueue
(ID2-C9
INPUT
selection takes place the 3 MSb’s of this 8 bit address bus are used to address the specific device (the
ID1-A10
5 LSb’s are used to address the queue within that device). During write/read operations the 3 MSb’s
ID0-B10)
of the address are compared to the device ID pins. The first device in a chain of multi-queue’s (connected
in expansion mode), may be setup as ‘000’, the second as ‘001’ and so on through to device 8 which
is‘111’,howevertheIDdoesnothavetomatchthedeviceorder.Insingledevicemodethesepinsshould
be setup as ‘000’ and the 3 MSb’s of the WRADD and RDADD address busses should be tied LOW. The
ID[2:0] inputs setup a respective devices ID during master reset. These ID pins must not toggle during
any device operation. Note, the device selected as the ‘Master’ does not have to have the ID of ‘000’.
IOSEL
IO Select
LVTTL
This pin is used to select either HSTL or 2.5V LVTTL operation for the I/O. If HSTL or eHSTL I/O are
(C8)
INPUT
required then IOSEL should be tied LOW. If LVTTL I/O are required then it should be tied HIGH.
IW(1)
InputWidth
LVTTL
IW selects the bus width for the data input bus. If IW is LOW during a Master Reset then the bus width
(L15)
INPUT
is x18, if HIGH then it is x9.
MAST(1)
Master Device
LVTTL
ThestateofthisinputatMasterResetdetermineswhetheragivendevice(withinachainofdevices),isthe
(K15)
INPUT
MasterdeviceoraSlave.IfthispinisHIGH,thedeviceisthemasterifitisLOWthenitisaSlave.Themaster
deviceisthefirsttotakecontrolofalloutputsafteramasterreset,allslavedevicesgotoHigh-Impedance,
preventing bus contention. If a multi-queue device is being used in single device mode, this pin must
be set HIGH.
MRS
Master Reset
LVTTL
Amasterresetisperformedbytaking
MRSfromHIGHtoLOW,toHIGH.Deviceprogrammingisrequired
(T9)
INPUT
aftermasterreset.
NULL-Q
Null Queue
HSTL-LVTTL This pin is used on the read port when a Null-Q is required, it is used in conjunction with the RDADD
(J2)
Select
INPUT
address bus to address the Null-Q.
OE
OutputEnable
LVTTL
TheOutputenablesignalisanAsynchronoussignalusedtoprovidethree-statecontrolofthemulti-queue
(M14)
INPUT
data output bus, Qout. If a device has been configured as a “Master” device, the Qout data outputs will
be in a Low Impedance condition if the
OEinputisLOW.IfOEisHIGHthentheQoutdataoutputswillbe
in High Impedance. If a device is configured a “Slave” device, then the Qout data outputs will always be


Similar Part No. - IDT72T51553

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT72T51556 IDT-IDT72T51556 Datasheet
610Kb / 64P
   2.5V MULTI-QUEUE FLOW-CONTROL DEVICES (32 QUEUES) 36 BIT WIDE CONFIGURATION 1,179,648 bits and 2,359,296 bits
IDT72T51556L5BB IDT-IDT72T51556L5BB Datasheet
610Kb / 64P
   2.5V MULTI-QUEUE FLOW-CONTROL DEVICES (32 QUEUES) 36 BIT WIDE CONFIGURATION 1,179,648 bits and 2,359,296 bits
IDT72T51556L5BBI IDT-IDT72T51556L5BBI Datasheet
610Kb / 64P
   2.5V MULTI-QUEUE FLOW-CONTROL DEVICES (32 QUEUES) 36 BIT WIDE CONFIGURATION 1,179,648 bits and 2,359,296 bits
IDT72T51556L6BB IDT-IDT72T51556L6BB Datasheet
610Kb / 64P
   2.5V MULTI-QUEUE FLOW-CONTROL DEVICES (32 QUEUES) 36 BIT WIDE CONFIGURATION 1,179,648 bits and 2,359,296 bits
IDT72T51556L6BBI IDT-IDT72T51556L6BBI Datasheet
610Kb / 64P
   2.5V MULTI-QUEUE FLOW-CONTROL DEVICES (32 QUEUES) 36 BIT WIDE CONFIGURATION 1,179,648 bits and 2,359,296 bits
More results

Similar Description - IDT72T51553

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
IDT72V51433 RENESAS-IDT72V51433 Datasheet
594Kb / 51P
   3.3V MULTI-QUEUE FLOW-CONTROL DEVICES (16 QUEUES) 18 BIT WIDE CONFIGURATION
JUNE 2003
IDT72V51233 RENESAS-IDT72V51233 Datasheet
662Kb / 51P
   3.3V MULTI-QUEUE FLOW-CONTROL DEVICES (4 QUEUES) 18 BIT WIDE CONFIGURATION
FEBRUARY 2009
logo
Integrated Device Techn...
IDT72V51233 IDT-IDT72V51233 Datasheet
464Kb / 50P
   3.3V MULTI-QUEUE FLOW-CONTROL DEVICES (4 QUEUES) 18 BIT WIDE CONFIGURATION
logo
Renesas Technology Corp
IDT72V51236 RENESAS-IDT72V51236 Datasheet
650Kb / 57P
   3.3V MULTI-QUEUE FLOW-CONTROL DEVICES (4 QUEUES) 36 BIT WIDE CONFIGURATION
JUNE 2003
logo
Integrated Device Techn...
IDT72T51233 IDT-IDT72T51233 Datasheet
532Kb / 55P
   2.5V MULTI-QUEUE FLOW-CONTROL DEVICES (32 QUEUES) 36 BIT WIDE CONFIGURATION 1,179,648 bits and 2,359,296 bits
IDT72T51546 IDT-IDT72T51546 Datasheet
610Kb / 64P
   2.5V MULTI-QUEUE FLOW-CONTROL DEVICES (32 QUEUES) 36 BIT WIDE CONFIGURATION 1,179,648 bits and 2,359,296 bits
logo
Renesas Technology Corp
IDT72V51436 RENESAS-IDT72V51436 Datasheet
673Kb / 58P
   3.3V MULTI-QUEUE FLOW-CONTROL DEVICES (16 QUEUES) 36 BIT WIDE CONFIGURATION
JUNE 2003
logo
Integrated Device Techn...
IDT72T51236 IDT-IDT72T51236 Datasheet
606Kb / 62P
   2.5V MULTI-QUEUE FLOW-CONTROL DEVICES (4 QUEUES) 36 BIT WIDE CONFIGURATION 589,824 bits, 1,179,648 bits and 2,359,296 bits
IDT72T51333 IDT-IDT72T51333 Datasheet
524Kb / 55P
   2.5V MULTI-QUEUE FLOW-CONTROL DEVICES (4 QUEUES) 36 BIT WIDE CONFIGURATION 589,824 bits, 1,179,648 bits and 2,359,296 bits
IDT72T6360 IDT-IDT72T6360 Datasheet
483Kb / 51P
   2.5V SEQUENTIAL FLOW-CONTROL DEVICE 36 BIT WIDE CONFIGURATION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com