Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HBAT-5400-BLK Datasheet(PDF) 7 Page - Agilent(Hewlett-Packard)

Part # HBAT-5400-BLK
Description  High Performance Schottky Diode for Transient Suppression
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HBAT-5400-BLK Datasheet(HTML) 7 Page - Agilent(Hewlett-Packard)

  HBAT-5400-BLK Datasheet HTML 1Page - Agilent(Hewlett-Packard) HBAT-5400-BLK Datasheet HTML 2Page - Agilent(Hewlett-Packard) HBAT-5400-BLK Datasheet HTML 3Page - Agilent(Hewlett-Packard) HBAT-5400-BLK Datasheet HTML 4Page - Agilent(Hewlett-Packard) HBAT-5400-BLK Datasheet HTML 5Page - Agilent(Hewlett-Packard) HBAT-5400-BLK Datasheet HTML 6Page - Agilent(Hewlett-Packard) HBAT-5400-BLK Datasheet HTML 7Page - Agilent(Hewlett-Packard) HBAT-5400-BLK Datasheet HTML 8Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
7
VF – FORWARD VOLTAGE (V)
.01
10
1
.1
300
100
0
0.1
0.3
0.2
0.5
0.4
0.6
HSMS-270x
HBAT-540x
Figure 7. Forward Current vs.
Forward Voltage at 25
°C.
Because the automatic, pick-and-
place equipment used to assemble
these products selects dice from
adjacent sites on the wafer, the
two diodes which go into the
HBAT-5402 or HBAT-540C (series
pair) are closely matched —
without the added expense of
testing and binning.
Current Handling in Clipping/
Clamping Circuits
The purpose of a clipping/clamp-
ing diode is to handle high cur-
rents, protecting delicate circuits
downstream of the diode. Current
handling capacity is determined
by two sets of characteristics,
those of the chip or device itself
and those of the package into
which it is mounted.
current
limiting
pull-down
(or pull-up)
long cross-site cable
noisy data-spikes
Vs
0V
voltage limited to
Vs + Vd
0V – Vd
Figure 8. Two Schottky Diodes
Are Used for Clipping/Clamping in
a Circuit.
Consider the circuit shown in
Figure 8, in which two Schottky
diodes are used to protect a
circuit from noise spikes on a
stream of digital data. The ability
of the diodes to limit the voltage
spikes is related to their ability to
sink the associated current spikes.
The importance of current
handling capacity is shown in
Figure 9, where the forward
voltage generated by a forward
current is compared in two
diodes. The first is a conventional
Schottky diode of the type gener-
ally used in RF circuits, with an RS
of 7.7
Ω. The second is a Schottky
diode of identical characteristics,
save the RS of 1.0
Ω. For the
conventional diode, the relatively
high value of RS causes the
voltage across the diode’s termi-
nals to rise as current increases.
The power dissipated in the diode
heats the junction, causing RS to
climb, giving rise to a runaway
thermal condition. In the second
diode with low RS , such heating
does not take place and the
voltage across the diode terminals
is maintained at a low limit even
at high values of current.
Maximum reliability is obtained in
a Schottky diode when the steady
state junction temperature is
maintained at or below 150
°C,
although brief excursions to
higher junction temperatures can
be tolerated with no significant
impact upon mean-time-to-failure,
MTTF. In order to compute the
junction temperature, Equations
(1) and (3) below must be simulta-
neously solved.
IF = IS e
–1
11600 ( V F – IFRS)
nT J
(1)
IS = I0
e
T J
298
2
n
1
T J
1
298
– 4060
(2)
TJ = VF IF
θJC + TA
(3)
where:
IF = forward current
IS = saturation current
VF = forward voltage
RS = series resistance
TJ = junction temperature
IO = saturation current at 25
°C
n = diode ideality factor
θ
JC = thermal resistance from
junction to case (diode lead)
=
θpackage + θchip
TA = ambient (diode lead)
temperature
Equation (1) describes the for-
ward V-I curve of a Schottky
diode. Equation (2) provides the
value for the diode’s saturation
current, which value is plugged
into (1). Equation (3) gives the
value of junction temperature as a
function of power dissipated in
the diode and ambient (lead)
temperature.
0
0.1
0.2
0.3
0.5
0.4
IF – FORWARD CURRENT (mA)
0
3
2
1
6
4
5
Rs = 7.7 Ω
Rs = 1.0 Ω
Figure 9. Comparison of Two
Diodes.


Similar Part No. - HBAT-5400-BLK

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HBAT-5400-BLKG AVAGO-HBAT-5400-BLKG Datasheet
199Kb / 8P
   High Performance Schottky Diode for Transient Suppression
More results

Similar Description - HBAT-5400-BLK

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HSMS-2700 AVAGO-HSMS-2700 Datasheet
150Kb / 9P
   High Performance Schottky Diode for Transient Suppression
HBAT-5400 AVAGO-HBAT-5400 Datasheet
199Kb / 8P
   High Performance Schottky Diode for Transient Suppression
logo
Agilent(Hewlett-Packard...
HSMS-2700 HP-HSMS-2700 Datasheet
120Kb / 8P
   High Performance Schottky Diode for Transient Suppression
logo
WALSIN TECHNOLOGY CORPO...
SR241K10DS20CNEEN WALSIN-SR241K10DS20CNEEN Datasheet
1Mb / 24P
   High performance transient voltage suppression
logo
Jinan Jing Heng Electro...
ESD5C5V01V-13P JINGHENG-ESD5C5V01V-13P Datasheet
312Kb / 4P
   Transient Voltage Suppression Diode
ESD3C12V01L JINGHENG-ESD3C12V01L Datasheet
390Kb / 4P
   Transient Voltage Suppression Diode
ESD5A12V01V JINGHENG-ESD5A12V01V Datasheet
462Kb / 4P
   Transient Voltage Suppression Diode
ESD5A24V01V35 JINGHENG-ESD5A24V01V35 Datasheet
359Kb / 4P
   Transient Voltage Suppression Diode
ESD3C12V01V JINGHENG-ESD3C12V01V Datasheet
486Kb / 4P
   Transient Voltage Suppression Diode
ESD3C3V01L JINGHENG-ESD3C3V01L Datasheet
390Kb / 4P
   Transient Voltage Suppression Diode
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com