Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC1488 Datasheet(PDF) 1 Page - Motorola, Inc

Part # MC1488
Description  RS-232C QUAD LINE DRIVER
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC1488 Datasheet(HTML) 1 Page - Motorola, Inc

  MC1488 Datasheet HTML 1Page - Motorola, Inc MC1488 Datasheet HTML 2Page - Motorola, Inc MC1488 Datasheet HTML 3Page - Motorola, Inc MC1488 Datasheet HTML 4Page - Motorola, Inc MC1488 Datasheet HTML 5Page - Motorola, Inc MC1488 Datasheet HTML 6Page - Motorola, Inc MC1488 Datasheet HTML 7Page - Motorola, Inc MC1488 Datasheet HTML 8Page - Motorola, Inc MC1488 Datasheet HTML 9Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
1/12
August 2003
s
CURRENT LIMITED OUTPUT ±10mA TYP.
s
POWER-OFF SOURCE IMPEDANCE 300
MIN.
s
SIMPLE SLEW RATE CONTROL WITH
EXTERNAL CAPACITOR
s
FLEXIBLE OPERATING SUPPLY RANGE
s
INPUTS ARE TTL AND µP COMPATIBLE
DESCRIPTION
The MC1488 is a monolithic quad line driver
designed to interface data terminal equipment
with
data
communications
equipment
in
conformance
with
the
specifications
of
EIA
Standard No. RS232C.
LOGIC DIAGRAM
MC1488
RS-232C QUAD LINE DRIVER
DIP
SOP


Similar Part No. - MC1488

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC1488 ONSEMI-MC1488 Datasheet
157Kb / 8P
   QUAD MDTL LINE DRIVER EIA-232D
1996 REV 3
logo
STMicroelectronics
MC1488 STMICROELECTRONICS-MC1488 Datasheet
323Kb / 12P
   RS232C QUAD LINE DRIVER
logo
Texas Instruments
MC1488 TI-MC1488 Datasheet
133Kb / 8P
[Old version datasheet]   QUADRUPLE LINE DRIVERS
MC1488 TI-MC1488 Datasheet
531Kb / 15P
[Old version datasheet]   QUADRUPLE LINE DRIVERS
logo
ON Semiconductor
MC1488 ONSEMI-MC1488 Datasheet
179Kb / 11P
   Quad Line EIA??32D Driver
October, 2006 ??Rev. 8
More results

Similar Description - MC1488

ManufacturerPart #DatasheetDescription
logo
Advanced Micro Devices
AM2617 AMD-AM2617 Datasheet
192Kb / 4P
   Quad RS-232C Line Receiver
logo
STMicroelectronics
MC1488 STMICROELECTRONICS-MC1488_06 Datasheet
558Kb / 17P
   RS-232 quad line driver
logo
Sony Corporation
SRP-X351P SONY-SRP-X351P Datasheet
90Kb / 4P
   RS-232C Protocol
logo
Exar Corporation
ST34C87 EXAR-ST34C87 Datasheet
72Kb / 8P
   QUAD RS-422 CMOS Differential Line Driver
logo
Peregrine Semiconductor...
PE926C31 PEREGRINE-PE926C31 Datasheet
127Kb / 7P
   Quad RS-422 Differential Line Driver Radiation Hardened
PE926C32 PEREGRINE-PE926C32 Datasheet
137Kb / 6P
   Quad RS-422 Differential Line Driver Radiation Hardened
logo
Contec Co., Ltd
CPS-MC341-DS11-111 CONTEC-CPS-MC341-DS11-111 Datasheet
270Kb / 3P
   Digital Input/Output , RS-232C Model
logo
Advanced Micro Devices
AM26LS29 AMD-AM26LS29 Datasheet
382Kb / 6P
   QUAD THREE-STATE SINGLE ENDED RS-423 LINE DRIVER
logo
Sipex Corporation
SP26LV431 SIPEX-SP26LV431 Datasheet
138Kb / 13P
   High Speed, 3.3V Quad RS-422 Differential Line Driver
SP431 SIPEX-SP431 Datasheet
367Kb / 15P
   High Speed, 3.3V Quad RS-422 Differential Line Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com