Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

VRS51C580-40-PG Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # VRS51C580-40-PG
Description  Versa 8051 MCUs with 32/64KB
Download  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

VRS51C580-40-PG Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button VRS51C580-40-PG Datasheet HTML 3Page - List of Unclassifed Manufacturers VRS51C580-40-PG Datasheet HTML 4Page - List of Unclassifed Manufacturers VRS51C580-40-PG Datasheet HTML 5Page - List of Unclassifed Manufacturers VRS51C580-40-PG Datasheet HTML 6Page - List of Unclassifed Manufacturers VRS51C580-40-PG Datasheet HTML 7Page - List of Unclassifed Manufacturers VRS51C580-40-PG Datasheet HTML 8Page - List of Unclassifed Manufacturers VRS51C580-40-PG Datasheet HTML 9Page - List of Unclassifed Manufacturers VRS51C580-40-PG Datasheet HTML 10Page - List of Unclassifed Manufacturers VRS51C580-40-PG Datasheet HTML 11Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 49 page
background image
VRS51x570/580
______________________________________________________________________________________________
www.ramtron.com
page 7 of 49
Program Memory Structure
Program Memory
The VRS51x580 includes 64KB of on-chip Flash that
can be used as general program memory. The Flash
memory size of the VRS51x570 is 32KB.
FIGURE 3: VRS51X580 / VRS51X570 INTERNAL PROGRAM MEMORY
VRS570
Flash Memory
(32K Bytes)
0000h
FFFFh
VRS580
Flash Memory
(64K Bytes)
0000h
7FFFh
Program Status Word Register
The PSW register is a bit addressable that contains
the status flags (CY, AC, OV, P), user flag (F0) and
register bank select bits (RS1, RS0) of the 8051
processor.
TABLE 7: PROGRAM STATUS WORD REGISTER (PSW) - SFR DOH
7
6
5
4
3
2
1
0
CY
AC
F0
RS1
RS0
OV
-
P
Bit
Mnemonic
Description
7
CY
Carry Bit
6
AC
Auxiliary Carry Bit from bit 3 to 4.
5
F0
User definer flag
4
RS1
R0-R7 Registers bank select bit 0
3
RS0
R0-R7 Registers bank select bit 1
2
OV
Overflow flag
1
-
-
0
P
Parity flag
RS1
RS0
Active Bank
Address
0
0
0
00h-07h
0
1
1
08h-0Fh
1
0
2
10h-17h
1
1
3
18-1Fh
Data Pointer
The VRS51x570 and VRS51x580 have one 16-bit data
pointer (DPTR). The DPTR is accessed via two SFR
addresses: DPL located at address 82h and DPH
located at address 83h.
Data Memory
The VRS51x580 and VRS51x570 have a total of 1KB of
on-chip RAM with a 256 byte subset of this block
mapped as the internal memory structure of a standard
8052.
The remaining 768 byte sub-block can be
accessed using external memory addressing via MOVX
instruction.
FIGURE 4: VRS51X570 /VRS51X580 RAM MEMORY
Upper 128 bytes
(Indirect addressing only)
Lower 128 bytes
(Can be accessed in indirect and
direct addressing mode)
SFR
(Direct addressing only)
Externally mapped
768 bytes RAM
(Can by accessed by
direct external addressing
mode, using the MOVX
instruction)
(XRAME=1)
02FF
0000
FF
80
7F
00
By default, after reset, the externally mapped block of
768 bytes of RAM is disabled and can be enabled by
setting the XRAME bit of the SYSCON register located
at address BFh in the SFR space.
Lower 128 bytes (00h to 7Fh, Bank 0 & Bank 1)
The lower 128 bytes of data memory (from 00h to 7Fh)
is summarized as follows:
• Address range 00h to 7Fh can be accessed in
direct and indirect addressing modes.
• Address range 00h to 1Fh includes R0-R7
registers area.
• Address range 20h to 2Fh is bit addressable.
• Address range 30h to 7Fh is not bit addressable
and can be used as general-purpose storage.


Similar Part No. - VRS51C580-40-PG

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
VRS51C540-25-L ETC1-VRS51C540-25-L Datasheet
1Mb / 40P
   Versa 8051 MCU with 4KB Flash
VRS51C540-25-L-G ETC1-VRS51C540-25-L-G Datasheet
1Mb / 40P
   Versa 8051 MCU with 4KB Flash
VRS51C540-25-P ETC1-VRS51C540-25-P Datasheet
1Mb / 40P
   Versa 8051 MCU with 4KB Flash
VRS51C540-25-P-G ETC1-VRS51C540-25-P-G Datasheet
1Mb / 40P
   Versa 8051 MCU with 4KB Flash
VRS51C540-25-Q ETC1-VRS51C540-25-Q Datasheet
1Mb / 40P
   Versa 8051 MCU with 4KB Flash
More results

Similar Description - VRS51C580-40-PG

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
VRS51X550 ETC1-VRS51X550 Datasheet
1Mb / 40P
   Versa 8051 MCUs with 8/16KB Flash
logo
Ramtron International C...
VRS51C1000 RAMTRON-VRS51C1000 Datasheet
474Kb / 48P
   Versa 8051 MCU with 64KB of IAP/ISP Flash
VRS51L1050 RAMTRON-VRS51L1050 Datasheet
504Kb / 49P
   Versa 8051 3.3V MCU with 64KB of IAP/ISP Flash
logo
List of Unclassifed Man...
VRS51X540 ETC1-VRS51X540 Datasheet
1Mb / 40P
   Versa 8051 MCU with 4KB Flash
logo
Ramtron International C...
VRS51L2070 RAMTRON-VRS51L2070 Datasheet
3Mb / 99P
   High-Performance Versa 8051 MCU
logo
List of Unclassifed Man...
VMX1C1016 ETC1-VMX1C1016 Datasheet
3Mb / 76P
   Versa Mix 8051 Mixed-Signal MCU
VMX51C900 ETC1-VMX51C900 Datasheet
2Mb / 55P
   Versa Mix 8051 MCU with LCD Controller and ADC
VMX1C1020 ETC1-VMX1C1020 Datasheet
3Mb / 80P
   Versa Mix 8051 Mixed-Signal MCU
VRS51C1100 ETC1-VRS51C1100 Datasheet
2Mb / 50P
   Versa 8051 MCU with 128KB of IAP/ISP Flash
logo
Fujitsu Component Limit...
MB9BF500 FUJITSU-MB9BF500 Datasheet
784Kb / 4P
   32-bit MCUs with ARM Cortex-M3 Core
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL