Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AND8009 Datasheet(PDF) 5 Page - ON Semiconductor

Part # AND8009
Description  ECLinPS Plus SPICE Modeling Kit
Download  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

AND8009 Datasheet(HTML) 5 Page - ON Semiconductor

  AND8009 Datasheet HTML 1Page - ON Semiconductor AND8009 Datasheet HTML 2Page - ON Semiconductor AND8009 Datasheet HTML 3Page - ON Semiconductor AND8009 Datasheet HTML 4Page - ON Semiconductor AND8009 Datasheet HTML 5Page - ON Semiconductor AND8009 Datasheet HTML 6Page - ON Semiconductor AND8009 Datasheet HTML 7Page - ON Semiconductor AND8009 Datasheet HTML 8Page - ON Semiconductor AND8009 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 67 page
background image
AND8009/D
http://onsemi.com
5
Table 4. ECLinPS Plus Input/Output Selection Table (continued)
LVEP11
8−lead SO
8−lead TSSOP
IN_ESD
TYPICAL INBUF
OBUF08
OUT_ESD
LVEP14
20−lead TSSOP
N/A
IN_ESD
TYPICAL INBUF
OBUF03
OUT_ESD
LVEP16
8−lead SO
8−lead TSSOP
IN_ESD
TYPICAL INBUF
OBUF08
OUT_ESD
LVEP17
20−lead TSSOP
24−lead QFN
IN_ESD
TYPICAL INBUF
OBUF03
OUT_ESD
LVEP34
16−lead SO*
16−lead TSSOP*
IN_ESD
TYPICAL INBUF
OBUF03
OUT_ESD
LVEP56
20−lead TSSOP
24−lead QFN
IN_ESD
TYPICAL INBUF
OBUF01
OUT_ESD
LVEP111
32−lead LQFP
N/A
IN_ESD
TYPICAL INBUF
OBUF03
OUT_ESD
LVEP210
32−lead LQFP
N/A
IN_ESD
TYPICAL INBUF
OBUF03
OUT_ESD
LVEP221
52−lead LQFP
N/A
IN_ESD
TYPICAL INBUF
OBUF03
OUT_ESD
LVEP222
52−lead LQFP
N/A
IN_ESD
TYPICAL INBUF
OBUF03
OUT_ESD
LVEP224
64−lead LQFP
N/A
IN_ESD
TYPICAL INBUF
OBUF03
OUT_ESD
*For package model, please consult manufacturer at www.onsemi.com (Tech Support).


Similar Part No. - AND8009

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
AND8001 ONSEMI-AND8001 Datasheet
68Kb / 8P
   ODD NUMBER DIVIDE BY COUNTERS WITH 50% OUTPUTS AND SYNCHRONOUS CLOCKS
October, 1999 ??Rev. 0
AND8001D ONSEMI-AND8001D Datasheet
68Kb / 8P
   ODD NUMBER DIVIDE BY COUNTERS WITH 50% OUTPUTS AND SYNCHRONOUS CLOCKS
October, 1999 ??Rev. 0
AND8001D ONSEMI-AND8001D Datasheet
156Kb / 11P
   3.3V / 5V ECL 2-Input Differential XOR/XNOR
September, 2012 ??Rev. 6
AND8002 ONSEMI-AND8002 Datasheet
149Kb / 16P
   ECLinPS, ECLinPS Lite, ECLinPS Plus ECLinPS MAX, and GigaComm Marking and Ordering Information Guide
November, 2004 ??Rev. 5
AND8002D ONSEMI-AND8002D Datasheet
149Kb / 16P
   ECLinPS, ECLinPS Lite, ECLinPS Plus ECLinPS MAX, and GigaComm Marking and Ordering Information Guide
November, 2004 ??Rev. 5
More results

Similar Description - AND8009

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
AND8002 ONSEMI-AND8002 Datasheet
149Kb / 16P
   ECLinPS, ECLinPS Lite, ECLinPS Plus ECLinPS MAX, and GigaComm Marking and Ordering Information Guide
November, 2004 ??Rev. 5
AND8066 ONSEMI-AND8066 Datasheet
69Kb / 8P
   Interfacing with ECLinPS
May, 2002 ??Rev. 2
logo
Keysight Technologies
W2344EP KEYSIGHT-W2344EP Datasheet
901Kb / 10P
   3D Electromagnetic Modeling
W8533EP KEYSIGHT-W8533EP Datasheet
1Mb / 13P
   IC-CAP Device Modeling Software
logo
Voltage Multipliers Inc...
Z50FF5 VMI-Z50FF5 Datasheet
39Kb / 1P
   Spice Model
Z100UF VMI-Z100UF Datasheet
28Kb / 1P
   Spice Model
M160FF3 VMI-M160FF3 Datasheet
125Kb / 1P
   Spice Model
M160SG VMI-M160SG Datasheet
124Kb / 1P
   Spice Model
M160UFG VMI-M160UFG Datasheet
125Kb / 1P
   Spice Model
1N6521 VMI-1N6521 Datasheet
132Kb / 1P
   Spice Model
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com