Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

WF512K64-70G4WM5 Datasheet(PDF) 4 Page - White Electronic Designs Corporation

Part # WF512K64-70G4WM5
Description  512Kx64 5V FLASH MODULE
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEDC [White Electronic Designs Corporation]
Direct Link  http://www.whiteedc.com
Logo WEDC - White Electronic Designs Corporation

WF512K64-70G4WM5 Datasheet(HTML) 4 Page - White Electronic Designs Corporation

  WF512K64-70G4WM5 Datasheet HTML 1Page - White Electronic Designs Corporation WF512K64-70G4WM5 Datasheet HTML 2Page - White Electronic Designs Corporation WF512K64-70G4WM5 Datasheet HTML 3Page - White Electronic Designs Corporation WF512K64-70G4WM5 Datasheet HTML 4Page - White Electronic Designs Corporation WF512K64-70G4WM5 Datasheet HTML 5Page - White Electronic Designs Corporation WF512K64-70G4WM5 Datasheet HTML 6Page - White Electronic Designs Corporation WF512K64-70G4WM5 Datasheet HTML 7Page - White Electronic Designs Corporation WF512K64-70G4WM5 Datasheet HTML 8Page - White Electronic Designs Corporation WF512K64-70G4WM5 Datasheet HTML 9Page - White Electronic Designs Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
4
White Electronic Designs Corporation • Phoenix, AZ • (602) 437-1520
AC CHARACTERISTICS – WRITE/ERASE/PROGRAM OPERATIONS, WE CONTROLLED
(VCC = 5.0V, TA = -55°C to +125°C)
AC CHARACTERISTICS – READ ONLY OPERATIONS
(VCC = 5.0V, TA = -55°C to +125°C)
Parameter
Symbol
-70
-90
-120
-150
Unit
Min
Max
Min
Max
Min
Max
Min
Max
Read Cycle Time
tAVAV
tRC
70
90
120
150
ns
Address Access Time
tAVQV
tACC
70
90
120
150
ns
Chip Select Access Time
tELQV
tCE
70
90
120
150
ns
Output Enable to Output Valid
tGLQV
tOE
35
35
50
55
ns
Chip Select to Output High Z (1)
tEHQZ
tDF
20
20
30
35
ns
Output Enable High to Output High Z (1)
tGHQZ
tDF
20
20
30
35
ns
Output Hold from Address, CS or OE Change,
tAXQX
tOH
0000
ns
whichever is First
1. Guaranteed by design, but not tested
Parameter
Symbol
-70
-90
-120
-150
Unit
Min
Max
Min
Max
Min
Max
Min
Max
Write Cycle Time
tAVAV
tWC
70
90
120
150
ns
Chip Select Setup Time
tELWL
tCS
0000
ns
Write Enable Pulse Width
tWLWH
tWP
45
45
50
50
ns
Address Setup Time
tAVWH
tAS
0000
ns
Data Setup Time
tDVWH
tDS
45
45
50
50
ns
Data Hold Time
tWHDX
tDH
0000
ns
Address Hold Time
tWHAX
tAH
45
45
50
50
ns
Write Enable Pulse Width High
tWHWL
tWPH
20
20
20
20
ns
Duration of Byte Programming Operation (1)
tWHWH1
300
300
300
300
µs
Sector Erase Time (2)
tWHWH2
15
15
15
15
sec
Read Recovery Time before Write
tGHWL
0000
ns
VCC Set-up Time
tVCS
50
50
50
50
µs
Chip Programming Time
11
11
11
11
sec
Output Enable Setup Time
tOES
0000
ns
Output Enable Hold Time (4)
tOEH
10
10
10
10
ns
Chip Erase Time (3)
64
64
64
64
sec
NOTES:
1. Typical value for tWHWH1 is 7µs.
2. Typical value for tWHWH1 is 1sec.
3. Typical value for Chip Erase Time is 8sec.
4. For Toggle and Data Polling.
WF512K64-XG4WX5


Similar Part No. - WF512K64-70G4WM5

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
WF512K16-120G4WC5 ETC1-WF512K16-120G4WC5 Datasheet
35Kb / 1P
   128Kx64 5V FLASH MODULE
WF512K16-120G4WI5 ETC1-WF512K16-120G4WI5 Datasheet
35Kb / 1P
   128Kx64 5V FLASH MODULE
WF512K16-120G4WM5 ETC1-WF512K16-120G4WM5 Datasheet
35Kb / 1P
   128Kx64 5V FLASH MODULE
WF512K16-150G4WC5 ETC1-WF512K16-150G4WC5 Datasheet
35Kb / 1P
   128Kx64 5V FLASH MODULE
WF512K16-150G4WI5 ETC1-WF512K16-150G4WI5 Datasheet
35Kb / 1P
   128Kx64 5V FLASH MODULE
More results

Similar Description - WF512K64-70G4WM5

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
WF128K16 ETC1-WF128K16 Datasheet
189Kb / 11P
   5V FLASH MODULE
logo
White Electronic Design...
WF2M32-XXX5 WEDC-WF2M32-XXX5 Datasheet
749Kb / 15P
   2Mx32 5V Flash Module
WEDF1M32B-XXX5 WEDC-WEDF1M32B-XXX5 Datasheet
341Kb / 8P
   1Mx32 5V Flash Module
WF4M16-XDTX5 WEDC-WF4M16-XDTX5 Datasheet
126Kb / 11P
   2x2Mx16 5V FLASH MODULE
WF8M32-XG4DX5 WEDC-WF8M32-XG4DX5 Datasheet
350Kb / 10P
   8Mx32 5V FLASH MODULE
logo
List of Unclassifed Man...
WF128K64-XG4WX5 ETC1-WF128K64-XG4WX5 Datasheet
35Kb / 1P
   128Kx64 5V FLASH MODULE
logo
White Electronic Design...
WF4M32-XXX5 WEDC-WF4M32-XXX5 Datasheet
309Kb / 15P
   4Mx32 5V FLASH MODULE
WF128K32-XXX5 WEDC-WF128K32-XXX5 Datasheet
420Kb / 15P
   128KX32 5V FLASH MODULE, SMD 5962-94716
WF512K32-XXX5 WEDC-WF512K32-XXX5 Datasheet
502Kb / 16P
   512Kx32 5V FLASH MODULE, SMD 5962-94612
logo
List of Unclassifed Man...
WF512K32 ETC1-WF512K32 Datasheet
159Kb / 15P
   512Kx32 5V FLASH MODULE, SMD 5962-94612
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com