Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

WED8L24257V15BC Datasheet(PDF) 1 Page - White Electronic Designs Corporation

Part # WED8L24257V15BC
Description  Asynchronous SRAM, 3.3V, 256Kx24
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEDC [White Electronic Designs Corporation]
Direct Link  http://www.whiteedc.com
Logo WEDC - White Electronic Designs Corporation

WED8L24257V15BC Datasheet(HTML) 1 Page - White Electronic Designs Corporation

  WED8L24257V15BC Datasheet HTML 1Page - White Electronic Designs Corporation WED8L24257V15BC Datasheet HTML 2Page - White Electronic Designs Corporation WED8L24257V15BC Datasheet HTML 3Page - White Electronic Designs Corporation WED8L24257V15BC Datasheet HTML 4Page - White Electronic Designs Corporation WED8L24257V15BC Datasheet HTML 5Page - White Electronic Designs Corporation WED8L24257V15BC Datasheet HTML 6Page - White Electronic Designs Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
1
White Electronic Designs Corporation • (508) 366-5151 • www.whiteedc.com
July 2002 Rev. 1A
ECO #15432
WED8L24257V
FIG. 1
PIN NAMES
BLOCK DIAGRAM
PIN SYMBOLS
PIN CONFIGURATION
Asynchronous SRAM, 3.3V, 256Kx24
FEATURES
n 256Kx24 bit CMOS Static
n Random Access Memory Array
• Fast Access Times: 10, 12, and 15ns
• Master Output Enable and Write Control
• TTL Compatible Inputs and Outputs
• Fully Static, No Clocks
n Surface Mount Package
• 119 Lead BGA (JEDEC MO-163), No. 391
• Small Footprint, 14mmx22mm
• Multiple Ground Pins for Maximum Noise Immunity
n Single +3.3V (±5%) Supply Operation
n DSP Memory Solution
• Motorola DSP5630x
• Analog Devices SHARCTM
DESCRIPTION
The WED8L24257VxxBC is a 3.3V, twelve megabit SRAM con-
structed with three 256Kx8 die mounted on a multi-layer laminate
substrate. With 10 to 15ns access times, x24 width and a 3.3V
operatingvoltage,theWED8L24257Visidealforcreatingasinglechip
memory solution for the Motorola DSP5630x (Figure 8) or a two chip
solution for the Analog Devices SHARCTM DSP (Figure 9).
The single or dual chip memory solutions offer improved system
performance by reducing the length of board traces and the number
of board connections compared to using multiple monolithic devices.
The JEDEC Standard 119 lead BGA provides a 69% space savings
over using six 256Kx4, 300 mil wide SOJs and the BGA package
has a maximum height of 110 mils compared to 148 mils for the SOJ
packages. The BGA package also allows the use of the same
manufacturingandinspectiontechniquesastheMotorolaDSP,which
is also in a BGA package.
A0-17
Address Inputs
E
Chip Enable
W
Master Write Enable
G
Master Output Enable
DQ0-23
Common Data Input/Output
VCC
Power (3.3V ±5%)
GND
Ground
NC
No Connection
1
234
56
7
A
NC
AO
A1A2
A3A4
NC
B
NC
A5
A6
E
A7
A8
NC
C
I/012
NC
NC
NC
NC
NC
I/00
D
I/013
VCC
GND
GND
GND
VCC
I/01
E
I/014
GND
VCC
GND
VCC
GND
I/02
F
I/015
VCC
GND
GND
GND
VCC
I/03
G
I/016
GND
VCC
GND
VCC
GND
I/04
H
I/017
VCC
GND
GND
GND
VCC
I/05
J
NC
GND
VCC
GND
VCC
GND
NC
K
I/018
VCC
GND
GND
GND
VCC
I/06
L
I/019
GND
VCC
GND
VCC
GND
I/07
M
I/020
VCC
GND
GND
GND
VCC
I/08
N
I/021
GND
VCC
GND
VCC
GND
I/09
P
I/022
VCC
GND
GND
GND
VCC
I/010
R
I/023
NC
NC
NC
NC
A17
I/011
T
NC
A9
A10
W
A11
A12
NC
UNC
A13
A14
G
A15
A16
NC
256K x 24
Memory
Array
18
A0-A17
G
W
E
DQ0-7
DQ8-15
DQ16-23


Similar Part No. - WED8L24257V15BC

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
WED8L24258V WEDC-WED8L24258V Datasheet
443Kb / 5P
   Asynchronous SRAM, 3.3V, 256Kx24
WED8L24258V10BC WEDC-WED8L24258V10BC Datasheet
443Kb / 5P
   Asynchronous SRAM, 3.3V, 256Kx24
WED8L24258V12BC WEDC-WED8L24258V12BC Datasheet
443Kb / 5P
   Asynchronous SRAM, 3.3V, 256Kx24
WED8L24258V12BI WEDC-WED8L24258V12BI Datasheet
443Kb / 5P
   Asynchronous SRAM, 3.3V, 256Kx24
WED8L24258V15BC WEDC-WED8L24258V15BC Datasheet
443Kb / 5P
   Asynchronous SRAM, 3.3V, 256Kx24
More results

Similar Description - WED8L24257V15BC

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
WED8L24258V WEDC-WED8L24258V Datasheet
443Kb / 5P
   Asynchronous SRAM, 3.3V, 256Kx24
WED8L24514V WEDC-WED8L24514V Datasheet
612Kb / 5P
   Asynchronous SRAM, 3.3V, 512Kx24
WED8L24513V WEDC-WED8L24513V Datasheet
364Kb / 6P
   Asynchronous SRAM, 3.3V, 512Kx24
logo
GSI Technology
GS73024AB GSI-GS73024AB Datasheet
613Kb / 12P
   Asynchronous SRAM
logo
List of Unclassifed Man...
GS71116ATP ETC1-GS71116ATP Datasheet
398Kb / 16P
   1Mb Asynchronous SRAM
GS71116TP ETC1-GS71116TP Datasheet
220Kb / 15P
   1Mb Asynchronous SRAM
logo
White Electronic Design...
EDI8L24128C WEDC-EDI8L24128C Datasheet
300Kb / 5P
   128Kx24 Asynchronous SRAM, 5V
logo
Integrated Device Techn...
IDT71V546S IDT-IDT71V546S_08 Datasheet
164Kb / 21P
   3.3V Synchronous SRAM
logo
GSI Technology
GS74116TP GSI-GS74116TP Datasheet
137Kb / 14P
   256K x 16 4Mb Asynchronous SRAM
GS74104TP GSI-GS74104TP Datasheet
410Kb / 12P
   1M x 4 4Mb Asynchronous SRAM
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com