Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD7356YRUZ Datasheet(PDF) 9 Page - Analog Devices

Part # AD7356YRUZ
Description  Differential Input, Dual, 5 MSPS, 12-Bit, SAR ADC
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7356YRUZ Datasheet(HTML) 9 Page - Analog Devices

Back Button AD7356YRUZ Datasheet HTML 5Page - Analog Devices AD7356YRUZ Datasheet HTML 6Page - Analog Devices AD7356YRUZ Datasheet HTML 7Page - Analog Devices AD7356YRUZ Datasheet HTML 8Page - Analog Devices AD7356YRUZ Datasheet HTML 9Page - Analog Devices AD7356YRUZ Datasheet HTML 10Page - Analog Devices AD7356YRUZ Datasheet HTML 11Page - Analog Devices AD7356YRUZ Datasheet HTML 12Page - Analog Devices AD7356YRUZ Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
Preliminary Technical Data
AD7356
Rev. PrC | Page 9 of 18
TERMINOLOGY
Integral Nonlinearity (INL)
The maximum deviation from a straight line passing through
the endpoints of the ADC transfer function. The endpoints of
the transfer function are zero scale, 1 LSB below the first code
transition, and full scale, 1 LSB above the last code transition.
Differential Nonlinearity (DNL)
The difference between the measured and the ideal 1 LSB
change between any two adjacent codes in the ADC.
Offset Error
The deviation of the first code transition (00 . . .000) to (00 . . .
001) from the ideal (that is, AGND + 1 LSB).
Offset Error Match
This is the difference in offset error between the two ADCs.
Gain Error
The deviation of the last code transition (111 . . .110) to (111 . . .
111) from the ideal (that is, VREF – 1 LSB) after the offset error
has been adjusted out.
Gain Error Match
The difference in gain error between the two ADCs.
Channel-to-Channel Isolation
Channel-to-channel isolation is a measure of the level of
crosstalk between channels. It is measured by applying a full-
scale sine wave signal to one of the two channels and applying a
50 kHz signal to the other channel. The channel-to-channel
isolation is defined as the ratio of the power of the 50 kHz
signal on the converted channel to the power of the noise signal
on the other channel that appears in the FFT of this channel.
The noise frequency on the unselected channel varies from
40 kHz to 740 kHz. The noise amplitude is at 2 × VREF, while the
signal amplitude is at 1 × VREF. See Figure 6.
Power Supply Rejection Ratio (PSRR)
PSRR is defined as the ratio of the power in the ADC output at
full-scale frequency, f, to the power of a 100 mV p-p sine wave
applied to the ADC VDD supply of frequency fS. The frequency
of the input varies from 1 kHz to 1 MHz.
PSRR (dB) = 10log(Pf/PfS)
where:
Pf is the power at frequency f in the ADC output.
PfS is the power at frequency fS in the ADC output.
Common-Mode Rejection Ratio (CMRR)
CMRR is defined as the ratio of the power in the ADC output at
full-scale frequency, f, to the power of a 100 mV p-p sine wave
applied to the common-mode voltage of VIN+ and VIN− of
frequency fS as
CMRR (dB) = 10log (Pf/PfS)
where:
Pf is the power at frequency f in the ADC output.
PfS is the power at frequency fS in the ADC output.
Track-and-Hold Acquisition Time
The track-and-hold amplifier returns to track mode at the end
of conversion. The track-and-hold acquisition time is the time
required for the output of the track-and-hold amplifier to reach
its final value, within ±1/2 LSB, after the end of conversion.
Signal-to-(Noise + Distortion) Ratio (SINAD)
This is the measured ratio of signal-to-noise and distortion at
the output of the ADC. The signal is the rms amplitude of the
fundamental. Noise is the sum of all nonfundamental signals up
to half the sampling frequency (fS/2), excluding dc. The ratio is
dependent on the number of quantization levels in the
digitization process; the more levels, the smaller the
quantization noise.
The theoretical signal-to-noise and distortion ratio for an ideal
N-bit converter with a sine wave input is given by
SINAD = (6.02 N + 1.76) dB
Thus, for a 12-bit converter, this is 74 dB and for a 14 bit
converter, this is 86dB.
Total Harmonic Distortion (THD)
THD is the ratio of the rms sum of harmonics to the
fundamental. For the AD7356, it is defined as
()
1
6
5
4
3
2
V
V
V
V
V
V
THD
2
2
2
2
2
20log
dB
+
+
+
+
=
where:
V1 is the rms amplitude of the fundamental.
V2, V3, V4, V5, and V6 are the rms amplitudes of the second
through the sixth harmonics.


Similar Part No. - AD7356YRUZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7356YRUZ AD-AD7356YRUZ Datasheet
531Kb / 20P
   Differential Input, Dual, Simultaneous Sampling, 5 MSPS, 12-Bit, SAR ADC
REV. 0
AD7356YRUZ AD-AD7356YRUZ Datasheet
606Kb / 21P
   Differential Input, Dual, Simultaneous Sampling
AD7356YRUZ-500RL7 AD-AD7356YRUZ-500RL7 Datasheet
531Kb / 20P
   Differential Input, Dual, Simultaneous Sampling, 5 MSPS, 12-Bit, SAR ADC
REV. 0
AD7356YRUZ-500RL7 AD-AD7356YRUZ-500RL7 Datasheet
606Kb / 21P
   Differential Input, Dual, Simultaneous Sampling
AD7356YRUZ-RL AD-AD7356YRUZ-RL Datasheet
531Kb / 20P
   Differential Input, Dual, Simultaneous Sampling, 5 MSPS, 12-Bit, SAR ADC
REV. 0
More results

Similar Description - AD7356YRUZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7356 AD-AD7356_08 Datasheet
531Kb / 20P
   Differential Input, Dual, Simultaneous Sampling, 5 MSPS, 12-Bit, SAR ADC
REV. 0
AD7356 AD-AD7356_15 Datasheet
636Kb / 21P
   Differential Input, Dual, Simultaneous Sampling, 5 MSPS, 12-Bit, SAR ADC
REV. A
AD7352 AD-AD7352_17 Datasheet
515Kb / 21P
   Differential Input, Dual, Simultaneous ampling, 3 MSPS, 12-Bit, SAR ADC
AD7352 AD-AD7352 Datasheet
518Kb / 20P
   Differential Input, Dual, Simultaneous Sampling, 3 MSPS, 12-Bit, SAR ADC
REV. 0
AD7265 AD-AD7265 Datasheet
706Kb / 16P
   Differential Input, Dual 1 MSPS, 12-Bit, 3-Channel SAR ADC
Rev. PrA
AD7266 AD-AD7266 Datasheet
752Kb / 17P
   Differential Input, Dual 2 MSPS, 12-Bit, 3-Channel SAR ADC
Rev. PrG
AD7352 AD-AD7352_15 Datasheet
623Kb / 21P
   Differential Input, Dual, Simultaneous Sampling, 3 MSPS, 12-Bit, SAR ADC
REV. A
logo
Intersil Corporation
ISL267817IBZ INTERSIL-ISL267817IBZ Datasheet
661Kb / 18P
   12-Bit Differential Input 200kSPS SAR ADC
April 19, 2012
logo
Analog Devices
AD7265 AD-AD7265_15 Datasheet
812Kb / 29P
   Differential/Single-Ended Input, Dual 1 MSPS, 12-Bit, 3-Channel SAR ADC
REV. A
AD7265BCPZ AD-AD7265BCPZ Datasheet
690Kb / 28P
   Differential/Single-Ended Input, Dual 1 MSPS, 12-Bit, 3-Channel SAR ADC
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com