Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

VMX51C900-25-L Datasheet(PDF) 9 Page - List of Unclassifed Manufacturers

Part # VMX51C900-25-L
Description  Versa Mix 8051 MCU with LCD Controller and ADC
Download  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

VMX51C900-25-L Datasheet(HTML) 9 Page - List of Unclassifed Manufacturers

Back Button VMX51C900-25-L Datasheet HTML 5Page - List of Unclassifed Manufacturers VMX51C900-25-L Datasheet HTML 6Page - List of Unclassifed Manufacturers VMX51C900-25-L Datasheet HTML 7Page - List of Unclassifed Manufacturers VMX51C900-25-L Datasheet HTML 8Page - List of Unclassifed Manufacturers VMX51C900-25-L Datasheet HTML 9Page - List of Unclassifed Manufacturers VMX51C900-25-L Datasheet HTML 10Page - List of Unclassifed Manufacturers VMX51C900-25-L Datasheet HTML 11Page - List of Unclassifed Manufacturers VMX51C900-25-L Datasheet HTML 12Page - List of Unclassifed Manufacturers VMX51C900-25-L Datasheet HTML 13Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 55 page
background image
VMX51C900
______________________________________________________________________________________________
www.ramtron.com
page 9 of 55
The SP’s default value at reset is 07h. The SP can be
programmed to point anywhere in the 00h to FFh RAM
memory range.
Each time a function call is performed or an interrupt is
serviced, the 16-bit return address (2 bytes) is stored
onto the stack. Data can also be placed manually on
the stack by using the PUSH and POP instructions.
Description of Power Control Register
The VMX51C900 provides two power saving modes:
Idle and Power Down, which are controlled by the
PDOWN and IDLE bits of the PCON register at
address 87h.
TABLE 9: POWER CONTROL REGISTER (PCON) - SFR 87H
7
6:4
3
2
1
0
SMOD
GF1
GF0
PDOWN
IDLE
Bit
Mnemonic
Description
7
SMOD
1: Double the baud rate of the serial port
frequency that was generated by Timer 1.
0: Normal serial port baud rate generated by
Timer 1.
6
5
4
3
GF1
General Purpose Flag
2
GF0
General Purpose Flag
1
PDOWN
Power Down mode control bit
0
IDLE
Idle mode control bit
The Idle mode is useful in applications that require
reduced power consumption. When in Idle mode, the
processor clock is stopped, but the peripherals
continue running. The contents of the RAM, I/O state
and SFR registers are maintained and the timer,
external interrupts and UARTs are left operational.
Since only the processor clock stops, normal operating
power will be cut to about half.
The processor will
awaken if an external event triggering an interrupt
occurs.
In Power Down mode, the VMX51C900 oscillator and
peripherals,
including
the
watchdog
timer,
are
disabled.
The contents of the RAM and the SFR
registers, however, are maintained.
When in Power Down mode, the VMX51C900 current
consumption drops to about 100uA. The only way to
exit a Power Down mode is to perform a hardware
reset.
The SMOD bit of the PCON register controls the
oscillator divisor applied to Timer1 when used as a
baud rate generator for the UART. Setting this bit to 1
doubles the frequency of the UART’s baud rate
generator.


Similar Part No. - VMX51C900-25-L

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
VMX51C1016-14-QC ETC1-VMX51C1016-14-QC Datasheet
3Mb / 76P
   Versa Mix 8051 Mixed-Signal MCU
VMX51C1016-14-QCG ETC1-VMX51C1016-14-QCG Datasheet
3Mb / 76P
   Versa Mix 8051 Mixed-Signal MCU
VMX51C1020-14-Q-C ETC1-VMX51C1020-14-Q-C Datasheet
3Mb / 80P
   Versa Mix 8051 Mixed-Signal MCU
VMX51C1020-14-Q-C-G ETC1-VMX51C1020-14-Q-C-G Datasheet
3Mb / 80P
   Versa Mix 8051 Mixed-Signal MCU
VMX51C1020-14-Q-C-X ETC1-VMX51C1020-14-Q-C-X Datasheet
3Mb / 80P
   Versa Mix 8051 Mixed-Signal MCU
More results

Similar Description - VMX51C900-25-L

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
VMX1C1016 ETC1-VMX1C1016 Datasheet
3Mb / 76P
   Versa Mix 8051 Mixed-Signal MCU
VMX1C1020 ETC1-VMX1C1020 Datasheet
3Mb / 80P
   Versa Mix 8051 Mixed-Signal MCU
VRS51X540 ETC1-VRS51X540 Datasheet
1Mb / 40P
   Versa 8051 MCU with 4KB Flash
logo
Ramtron International C...
VRS51L2070 RAMTRON-VRS51L2070 Datasheet
3Mb / 99P
   High-Performance Versa 8051 MCU
VRS51C1000 RAMTRON-VRS51C1000 Datasheet
474Kb / 48P
   Versa 8051 MCU with 64KB of IAP/ISP Flash
logo
List of Unclassifed Man...
VRS51C1100 ETC1-VRS51C1100 Datasheet
2Mb / 50P
   Versa 8051 MCU with 128KB of IAP/ISP Flash
logo
SINOWEALTH Electronic L...
SH79F3252 SINOWEALTH-SH79F3252 Datasheet
1Mb / 112P
   Enhanced 8051 Microcontroller with 10bit ADC and LCD
V2.0
logo
Ramtron International C...
VRS51L1050 RAMTRON-VRS51L1050 Datasheet
504Kb / 49P
   Versa 8051 3.3V MCU with 64KB of IAP/ISP Flash
logo
List of Unclassifed Man...
JA32050 ETC-JA32050 Datasheet
305Kb / 19P
   8-Bit MCU,ADC,LCD Controller
VRS51X570 ETC1-VRS51X570 Datasheet
2Mb / 49P
   Versa 8051 MCUs with 32/64KB
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com