Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADS1230 Datasheet(PDF) 4 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation. Click here to check the latest version.
Part # ADS1230
Description  20-Bit Analog-to-Digital Converter For Bridge Sensors
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

ADS1230 Datasheet(HTML) 4 Page - Burr-Brown (TI)

  ADS1230 Datasheet HTML 1Page - Burr-Brown (TI) ADS1230 Datasheet HTML 2Page - Burr-Brown (TI) ADS1230 Datasheet HTML 3Page - Burr-Brown (TI) ADS1230 Datasheet HTML 4Page - Burr-Brown (TI) ADS1230 Datasheet HTML 5Page - Burr-Brown (TI) ADS1230 Datasheet HTML 6Page - Burr-Brown (TI) ADS1230 Datasheet HTML 7Page - Burr-Brown (TI) ADS1230 Datasheet HTML 8Page - Burr-Brown (TI) ADS1230 Datasheet HTML 9Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 25 page
background image
www.ti.com
ADS1230
SBAS366 – OCTOBER 2006
ELECTRICAL CHARACTERISTICS (continued)
All specifications at TA = –40°C to +85°C, AVDD = DVDD = REFP = +5V, REFN = AGND, and Gain = 64, unless otherwise noted.
ADS1230
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNIT
Power Supply
Power-Supply Voltage (AVDD, DVDD)
2.7
5.3
V
Normal Mode, AVDD = 3V
900
1400
µA
Normal Mode, AVDD = 5V
900
1400
µA
Analog Supply Current
Standby Mode
0.1
1
µA
Power-Down
0.1
1
µA
Normal Mode, DVDD = 3V
60
100
µA
Normal mode, DVDD = 5V
95
140
µA
Digital Supply Current
Standby Mode, SCLK = High, DVDD = 3V
45
65
µA
Standby Mode, SCLK = High, DVDD = 5V
65
80
µA
Power-Down
0.2
µA
Normal Mode, AVDD = DVDD = 3V
2.9
4.5
mW
Power Dissipation, Total
Normal Mode, AVDD = DVDD = 5V
5.0
7.7
mW
Standby Mode, AVDD = DVDD = 5V
0.3
0.4
mW
4
Submit Documentation Feedback


Similar Part No. - ADS1230

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS1230 TI1-ADS1230 Datasheet
588Kb / 29P
[Old version datasheet]   20-Bit Analog-to-Digital Converter For Bridge Sensors
JULY2007
ADS1230 TI1-ADS1230 Datasheet
1Mb / 30P
[Old version datasheet]   20-Bit Analog-to-Digital Converter For Bridge Sensors
ADS1230IPW TI1-ADS1230IPW Datasheet
588Kb / 29P
[Old version datasheet]   20-Bit Analog-to-Digital Converter For Bridge Sensors
JULY2007
ADS1230IPW TI1-ADS1230IPW Datasheet
1Mb / 30P
[Old version datasheet]   20-Bit Analog-to-Digital Converter For Bridge Sensors
ADS1230IPWG4 TI1-ADS1230IPWG4 Datasheet
588Kb / 29P
[Old version datasheet]   20-Bit Analog-to-Digital Converter For Bridge Sensors
JULY2007
More results

Similar Description - ADS1230

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS1230 TI1-ADS1230_17 Datasheet
1Mb / 30P
[Old version datasheet]   20-Bit Analog-to-Digital Converter For Bridge Sensors
ADS1230 TI1-ADS1230_07 Datasheet
588Kb / 29P
[Old version datasheet]   20-Bit Analog-to-Digital Converter For Bridge Sensors
JULY2007
ADS1130 TI1-ADS1130_13 Datasheet
820Kb / 17P
[Old version datasheet]   18-Bit Analog-to-Digital Converter For Bridge Sensors
ADS1131 TI1-ADS1131_12 Datasheet
600Kb / 20P
[Old version datasheet]   18-Bit Analog-to-Digital Converter for Bridge Sensors
ADS1232 TI1-ADS1232 Datasheet
653Kb / 34P
[Old version datasheet]   24-Bit Analog-to-Digital Converter For Bridge Sensors
FEBRUARY 2008
ADS1231 TI1-ADS1231 Datasheet
478Kb / 22P
[Old version datasheet]   24-Bit Analog-to-Digital Converter for Bridge Sensors
DECEMBER2010
ADS1231 TI1-ADS1231_14 Datasheet
466Kb / 23P
[Old version datasheet]   24-Bit Analog-to-Digital Converter for Bridge Sensors
ADS1131 TI1-ADS1131_14 Datasheet
844Kb / 21P
[Old version datasheet]   18-Bit Analog-to-Digital Converter for Bridge Sensors
ADS1232 TI1-ADS1232_14 Datasheet
952Kb / 40P
[Old version datasheet]   24-Bit Analog-to-Digital Converter For Bridge Sensors
ADS1130 TI1-ADS1130 Datasheet
780Kb / 16P
[Old version datasheet]   18-Bit Analog-to-Digital Converter For Bridge Sensors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com