Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

738D567X06R3C2 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # 738D567X06R3C2
Description  Wet Tantalum Capacitors with Glass to Tantalum Hermetic Seal, Sintered Anode TANTALEX Capacitors
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

738D567X06R3C2 Datasheet(HTML) 2 Page - Vishay Siliconix

  738D567X06R3C2 Datasheet HTML 1Page - Vishay Siliconix 738D567X06R3C2 Datasheet HTML 2Page - Vishay Siliconix 738D567X06R3C2 Datasheet HTML 3Page - Vishay Siliconix 738D567X06R3C2 Datasheet HTML 4Page - Vishay Siliconix 738D567X06R3C2 Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
www.vishay.com
63
738D, CT9 (CECC 30202-004)
Vishay Tansitor
Document Number: 40054
Revision 20-Oct-03
For technical questions, contact eurowettant@vishay.com
738D STANDARD RATINGS
DIMENSIONS in inches [millimeters]
D
L
Weld
0.180 [4.57]
Max.
0.0253
± 0.002
[0.64
± 0.05] Dia.
(No. 22 AWG)
Tinned Solderable Leads
BARE CASE
CASE
CODE
A
B
C
D
D
0.187 ± 0.015
[4.75 ± 0.38]
0.281 ± 0.015
[7.14 ± 0.38]
0.375 ± 0.015
[9.53 ± 0.38]
0.375 ± 0.015
[9.53 ± 0.38]
Max. WEIGHT
(Ounces/Grams)
0.07
[2.0]
0.18
[5.1]
0.36
[10.2]
0.49
[13.9]
LEAD
LENGTH
1.500 ± 0.250
[38.10 ± 6.35]
2.250 ± 0.250
[57.15 ± 6.35]
2.250 ± 0.250
[57.15 ± 6.35]
2.250 ± 0.250
[57.15 ± 6.35]
WITH OUTER
PLASTIC - FILM INSULATION
L (Max.)
0.515
[13.08]
0.704
[17.88]
0.828
[21.03]
1.126
[28.60]
D (Max.)
0.219
[5.56]
0.312
[7.92]
0.406
[10.31]
0.406
[10.31]
L
0.453 + 0.031 - 0.015
[11.51 + 0.79 - 0.38]
0.641 + 0.031 - 0.015
[16.28 + 0.79 - 0.38]
0.765 + 0.031 - 0.015
[19.43 + 0.79 - 0.38]
1.063 + 0.031 - 0.015
[27.00 + 0.79 - 0.38]
Tantalum
68
A
738D686X06R3A2
17.1
10
1.0
1
2
-40
+10.5
+17.5
270
B
738D277X06R3B2
67.8
10
1.0
1
7
-44
+17.5
+20
560
C
738D567X06R3C2
151.9
10
1.0
2
13
-64
+17.5
+20
1000
D
738D108X06R3D2
100.5
10
1.0
3
14
-80
+25
+25
1200
D
738D128X06R3D2
120.6
10
1.0
3
14
-80
+25
+25
56
A
738D566X0008A2
14.1
10
1.0
1
2
-40
+10.5
+16
220
B
738D227X0008B2
55.2
10
1.0
1
7
-44
+17.5
+20
470
C
738D477X0008C2
82.6
10
1.0
2
14
-64
+17.5
+20
820
D
738D827X0008D2
51.5
10
1.0
4
16
-80
+25
+25
39
A
738D396X0010A2
15.1
10
1.0
1
2
-36
+12
+16
47
A
738D476X0010A2
15.1
10
1.0
1
2
-36
+14
+16
150
B
738D157X0010B2
28.2
10
1.0
1
6
-36
+14
+16
180
B
738D187X0010B2
45.2
10
1.0
1
7
-36
+14
+16
330
C
738D337X0010C2
51.9
10
1.0
2
16
-60
+17.5
+20
390
C
738D397X0010C2
73.5
10
1.0
2
16
-64
+17.5
+20
680
D
738D687X0010D2
42.7
10
1.0
4
16
-80
+25
+25
27
A
738D276X0016A2
10.3
10
1.0
1
2
-28
+10.5
+16
33
A
738D336X0016A2
10.3
10
1.0
1
2
-28
+14
+16
120
B
738D127X0016B2
30.2
10
1.0
1
7
-28
+17.5
+20
220
C
738D227X0016C2
34.5
10
1.0
2
16
-50
+17.5
+18
270
C
738D277X0016C2
50.8
10
1.0
2
16
-56
+17.5
+20
470
D
738D477X0016D2
35.4
10
1.0
6
24
-80
+25
+25
560
D
738D567X0016D2
42.2
10
1.0
6
24
-80
+25
+25
+ 125
°C
+ 85
°C
Max. CAPACITANCE
CHANGE (%) at
+ 85
°C
+ 125
°C
+ 20
°C
Max. IMP.
at - 55
°C
100 KHz
(Ohms)
Max. DF
at + 20
°C
(%)
PART NUMBER*
CASE
CODE
CAPACITANCE
(
µF)
- 55
°C
Max. DCL (
µA) at
Max. IMP.
at + 20
°C
100 KHz
(Ohms)
6.3 VDC at + 85
°C, 4 VDC at + 125°C, 3 VDC at + 175°C
8 VDC at + 85
°C, 5 VDC at + 125°C, 4 VDC at + 175°C
10 VDC at + 85
°C, 6.3 VDC at + 125°C, 5 VDC at + 175°C
16 VDC at + 85
°C, 10 VDC at + 125°C, 8 VDC at + 175°C
Wet Tantalum Capacitors
with Glass to Tantalum Hermetic Seal,
Sintered Anode TANTALEX
® Capacitors


Similar Part No. - 738D567X06R3C2

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
738 ETC2-738 Datasheet
362Kb / 1P
   GROMMETS , BUSHINGS
logo
Oscilent Corporation
738-455-AW OSCILENT-738-455-AW Datasheet
139Kb / 2P
   455 KHz 6 Element
738-455-AW OSCILENT-738-455-AW Datasheet
139Kb / 2P
   455 KHz 6 Element
738-455-BW OSCILENT-738-455-BW Datasheet
139Kb / 2P
   455 KHz 6 Element
738-455-BW OSCILENT-738-455-BW Datasheet
139Kb / 2P
   455 KHz 6 Element
More results

Similar Description - 738D567X06R3C2

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
138D VISHAY-138D Datasheet
253Kb / 7P
   Wet Tantalum Capacitors Sintered Anode TANTALEX Capacitors Hermetically-Sealed with True Glass-to-Tantalum Seal
Revision 15-Oct-03
138D VISHAY-138D_08 Datasheet
122Kb / 8P
   Wet Tantalum Capacitors Sintered Anode TANTALEX® Capacitors Hermetically-Sealed with True Glass-to-Tantalum Seal
Revision: 17-Mar-08
DLA10011 VISHAY-DLA10011 Datasheet
89Kb / 5P
   Wet Tantalum Capacitors, Tantalum-Case with Glass-to-Tantalum Hermetic Seal
200D VISHAY-200D Datasheet
576Kb / 9P
   Wet Tantalum Capacitors Wet Sintered Anode TANTALEX TANTAPAK Capacitor Assemblies
Revision 25-Jun-04
T22 VISHAY-T22 Datasheet
158Kb / 10P
   Wet Tantalum SMD Capacitors, Tantalum Metal Case With Glass-to-Tantalum Hermetic Seal
Revision: 13-May-2020
STA VISHAY-STA Datasheet
67Kb / 3P
   Wet Tantalum Capacitors with Hermetic Seal
735D VISHAY-735D_08 Datasheet
112Kb / 10P
   Wet Tantalum Capacitors with Glass to Tantalum Hermetic Seal CECC 30202 Approved
Revision: 29-Jun-07
735D VISHAY-735D Datasheet
136Kb / 9P
   Wet Tantalum Capacitors with Glass to Tantalum Hermetic Seal CECC 30202 Approved
Revision 17-Oct-03
T18D108M075EZSS VISHAY-T18D108M075EZSS Datasheet
78Kb / 4P
   Wet Tantalum Capacitors, Ultra High Capacitance, Tantalum-Case with Glass-to-Tantalum Hermetic Seal
Revision: 11-Jan-16
ST250-75L2KI VISHAY-ST250-75L2KI Datasheet
98Kb / 6P
   SuperTan Wet Tantalum Capacitors with Hermetic Seal
Revision: 13-Oct-14
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com