Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IRS20954STRPBF Datasheet(PDF) 11 Page - International Rectifier

Part # IRS20954STRPBF
Description  Protected Digital Audio Driver
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRS20954STRPBF Datasheet(HTML) 11 Page - International Rectifier

Back Button IRS20954STRPBF Datasheet HTML 7Page - International Rectifier IRS20954STRPBF Datasheet HTML 8Page - International Rectifier IRS20954STRPBF Datasheet HTML 9Page - International Rectifier IRS20954STRPBF Datasheet HTML 10Page - International Rectifier IRS20954STRPBF Datasheet HTML 11Page - International Rectifier IRS20954STRPBF Datasheet HTML 12Page - International Rectifier IRS20954STRPBF Datasheet HTML 13Page - International Rectifier IRS20954STRPBF Datasheet HTML 14Page - International Rectifier IRS20954STRPBF Datasheet HTML 15Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 25 page
background image
IRS20954S
www.irf.com
11
Self Reset Protection
By simply putting a capacitor between the CSD and VSS, the OCP in the IRS20954 acts as a self.
VB
VDD
IN
CSD
VSS
COM
OCSET
LO
VCC
HO
VS
DT
CSH
NC
NC
VREF
Ct
Figure 8: Self-Reset Protection Configuration
Designing Ct
Timing capacitor Ct programs the protection resume interval timing tPR given as:
CSD
DD
PR
I
V
Ct
t
= 1
.
1
[sec]
or
DD
CSD
PR
V
I
t
Ct
=
1
.
1
[F]
For example, tPR is 1.2 s with a 10 µF capacitor for VDD=10.8 V. The start-up time tSU, from power-up to
shutdown release, is given as:
CSD
DD
SU
I
V
Ct
t
= 7
.
0
[sec]
or
DD
CSD
SU
V
I
t
Ct
=
7
.
0
[F]
where ICSD is charge/discharge current in CSD pin, 100 µA.
VDD is supply voltage respect to VSS.
Protection-resume timing tPR should be long enough to avoid over heating and failure of the MOSFET from
the repetitive sequences of shutdown and resume when the load is in continuous short circuit. In most of
applications, the minimum recommended protection-resume timing tPR is 0.1 s.
Shutdown Input
By externally discharging Ct down to below Vth2, for example with a transistor shown in Fig. 9, the IRS20954 enters
shutdown mode. The operation resumes when the voltage of CSD pin comes back and cross the upper threshold of
CSD, Vth1, by its charging process.


Similar Part No. - IRS20954STRPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRS20955 IRF-IRS20955 Datasheet
1Mb / 44P
   120 W x 2 Channel Class D Audio Power Amplifier
IRS20955PBF IRF-IRS20955PBF Datasheet
543Kb / 21P
   PROTECTED DIGITAL AUDIO DRIVER
IRS20955SPBF IRF-IRS20955SPBF Datasheet
543Kb / 21P
   PROTECTED DIGITAL AUDIO DRIVER
IRS20957S IRF-IRS20957S Datasheet
303Kb / 16P
   Protected Digital Audio Driver
logo
Infineon Technologies A...
IRS20957S INFINEON-IRS20957S Datasheet
463Kb / 18P
   Protected Digital Audio Driver
Sept 19, 2016 Datasheet No-PD
More results

Similar Description - IRS20954STRPBF

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IRS20957S INFINEON-IRS20957S Datasheet
463Kb / 18P
   Protected Digital Audio Driver
Sept 19, 2016 Datasheet No-PD
logo
International Rectifier
IRS20957SPBF IRF-IRS20957SPBF Datasheet
303Kb / 16P
   Protected Digital Audio Driver
IRS20957SPBF IRF-IRS20957SPBF_15 Datasheet
303Kb / 16P
   Protected Digital Audio Driver
IRS20955PBF IRF-IRS20955PBF Datasheet
543Kb / 21P
   PROTECTED DIGITAL AUDIO DRIVER
IRS2092 IRF-IRS2092_15 Datasheet
459Kb / 17P
   PROTECTED DIGITAL AUDIO AMPLIFIER
IRS2092 IRF-IRS2092_10 Datasheet
414Kb / 18P
   PROTECTED DIGITAL AUDIO AMPLIFIER
IRS2092 IRF-IRS2092 Datasheet
370Kb / 18P
   PROTECTED DIGITAL AUDIO AMPLIFIER
logo
Infineon Technologies A...
IRS2092 INFINEON-IRS2092 Datasheet
459Kb / 17P
   PROTECTED DIGITAL AUDIO AMPLIFIER
October 24, 2013
logo
Rohm
BA3578FS ROHM-BA3578FS Datasheet
227Kb / 11P
   Headphone driver for digital audio
logo
International Rectifier
IRAUDAMP7D IRF-IRAUDAMP7D Datasheet
649Kb / 43P
   25W-500W Scalable Output Power Class D Audio Power Amplifier Reference Design Using the IRS2092 Protected Digital Audio Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com