Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IRS20954STRPBF Datasheet(PDF) 4 Page - International Rectifier

Part # IRS20954STRPBF
Description  Protected Digital Audio Driver
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRS20954STRPBF Datasheet(HTML) 4 Page - International Rectifier

  IRS20954STRPBF Datasheet HTML 1Page - International Rectifier IRS20954STRPBF Datasheet HTML 2Page - International Rectifier IRS20954STRPBF Datasheet HTML 3Page - International Rectifier IRS20954STRPBF Datasheet HTML 4Page - International Rectifier IRS20954STRPBF Datasheet HTML 5Page - International Rectifier IRS20954STRPBF Datasheet HTML 6Page - International Rectifier IRS20954STRPBF Datasheet HTML 7Page - International Rectifier IRS20954STRPBF Datasheet HTML 8Page - International Rectifier IRS20954STRPBF Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 25 page
background image
IRS20954S
www.irf.com
4
Electrical Characteristics (cont.)
Symbol
Definition
Min.
Typ.
Max.
Units
Test Conditions
Floating PWM Input
VIH
Logic high input threshold voltage
2.3
-
-
VIL
Logic low input threshold voltage
-
-
1.5
V
IIN+
Logic “1” input bias current
-
-
40
VIN =3.3 V
IIN-
Logic “0” input bias current
-
-
5
µA
VIN = VSS
Protection
VREF
Reference output voltage
4.6
5.1
5.6
IOREF =0.5 mA
Vth,OCL
Low-side OC threshold in Vs
1.0
1.2
1.4
OCSET=1.2 V,
Fig. 13
Vth,OCH
High-side OC threshold in VCSH
1.0+ Vs
1.2+ Vs
1.4+ Vs
Vs=200 V,
Fig. 14
Vth,1
CSD pin shutdown release threshold
0.62 x VDD
0.70 x VDD
0.78 x VDD
Vth,2
CSD pin self reset threshold
0.26 x VDD
0.30 x VDD
0.34 x VDD
V
VSS =0 V
ICSD+
CSD pin discharge current
50
100
150
ICSD-
CSD pin charge current
50
100
150
µA
VSD = VSS +5 V
tSD
Shutdown propagation delay from
VCSD > VSS + VthOCH to shutdown
-
-
1
Fig. 2
tOCH
Propagation delay time from VCSH >
VthOCH to shutdown
-
-
1
Fig. 3
tOCL
Propagation delay time from Vs>
VthOCL to shutdown
-
-
1
µs
Fig. 4
Gate Driver (Fig.5)
Io+
Output high short circuit current
(source)
0.8
1.0
-
Vo=0 V, PW<10 µs
Io-
Output low short circuit current (sink)
1.0
1.2
-
A
Vo=12 V, PW<10 µs
VOL
Low level output voltage
LO – COM, HO - VS
-
-
0.1
VOH
High level output voltage
VCC – LO, VB - HO
-
-
1.4
V
Io=0 A
tr
Turn-on rise time
-
15
-
tf
Turn-off fall time
-
10
-
ton_1
High- and low-side turn-on propagation
delay, floating inputs
-
105
-
toff_1
High- and low-side turn-off propagation
delay, floating inputs
-
90
-
ton_2
High- and low-side turn-on propagation
delay, non-floating inputs
-
105
-
toff_2
High- and low-side turn-off propagation
delay, non-floating inputs
-
90
-
VDT = VCC,
VS = 100 V,
VSS = COM
DT1
Deadtime: LO turn-off to HO turn-on
(DTLO-HO) & HO turn-off to LO turn-on
(DTHO-LO)
8
15
22
VDT>VDT1,
VSS = COM
DT2
Deadtime: LO turn-off to HO turn-on
(DTLO-HO) & HO turn-off to LO turn-on
(DTHO-LO)
15
25
35
VDT1>VDT> VDT2,
VSS = COM
DT3
Deadtime: LO turn-off to HO turn-on
(DTLO-HO) & HO turn-off to LO turn-on
(DTHO-LO)
20
35
50
VDT2>VDT> VDT3,
VSS = COM
DT4
Deadtime: LO turn-off to HO turn-on
(DTLO-HO) & HO turn-off to LO turn-on
(DTHO-LO)VDT= VDT4
25
45
60
ns
VDT3>VDT> VDT4,
VSS = COM


Similar Part No. - IRS20954STRPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRS20955 IRF-IRS20955 Datasheet
1Mb / 44P
   120 W x 2 Channel Class D Audio Power Amplifier
IRS20955PBF IRF-IRS20955PBF Datasheet
543Kb / 21P
   PROTECTED DIGITAL AUDIO DRIVER
IRS20955SPBF IRF-IRS20955SPBF Datasheet
543Kb / 21P
   PROTECTED DIGITAL AUDIO DRIVER
IRS20957S IRF-IRS20957S Datasheet
303Kb / 16P
   Protected Digital Audio Driver
logo
Infineon Technologies A...
IRS20957S INFINEON-IRS20957S Datasheet
463Kb / 18P
   Protected Digital Audio Driver
Sept 19, 2016 Datasheet No-PD
More results

Similar Description - IRS20954STRPBF

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IRS20957S INFINEON-IRS20957S Datasheet
463Kb / 18P
   Protected Digital Audio Driver
Sept 19, 2016 Datasheet No-PD
logo
International Rectifier
IRS20957SPBF IRF-IRS20957SPBF Datasheet
303Kb / 16P
   Protected Digital Audio Driver
IRS20957SPBF IRF-IRS20957SPBF_15 Datasheet
303Kb / 16P
   Protected Digital Audio Driver
IRS20955PBF IRF-IRS20955PBF Datasheet
543Kb / 21P
   PROTECTED DIGITAL AUDIO DRIVER
IRS2092 IRF-IRS2092_15 Datasheet
459Kb / 17P
   PROTECTED DIGITAL AUDIO AMPLIFIER
IRS2092 IRF-IRS2092_10 Datasheet
414Kb / 18P
   PROTECTED DIGITAL AUDIO AMPLIFIER
IRS2092 IRF-IRS2092 Datasheet
370Kb / 18P
   PROTECTED DIGITAL AUDIO AMPLIFIER
logo
Infineon Technologies A...
IRS2092 INFINEON-IRS2092 Datasheet
459Kb / 17P
   PROTECTED DIGITAL AUDIO AMPLIFIER
October 24, 2013
logo
Rohm
BA3578FS ROHM-BA3578FS Datasheet
227Kb / 11P
   Headphone driver for digital audio
logo
International Rectifier
IRAUDAMP7D IRF-IRAUDAMP7D Datasheet
649Kb / 43P
   25W-500W Scalable Output Power Class D Audio Power Amplifier Reference Design Using the IRS2092 Protected Digital Audio Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com