Electronic Components Datasheet Search |
|
HBS2KCB6SA055C Datasheet(PDF) 3 Page - ITT Industries |
|
HBS2KCB6SA055C Datasheet(HTML) 3 Page - ITT Industries |
3 / 7 page K K–39 Dimensions are shown: Inch (mm) Specifications and dimensions subject to change www.ittcannon.com C&K HB Series Single Pole Standard Precision Snap-acting Switches OPERATING FORCE ELECTRICAL RATING .070 26 740 PB .040 20 570 KH .020 13 370 KC .010 9 255 KA .010 4 115 GF .020 18 510 KG STANDARD CONTACT SEPARATION (inch) MAXIMUM OPERATING FORCE (OZ./GRAMS) OPTION CODE 7 9 13 14 20 26 30 .010 .020 .040 .070 OUNCES OPERATING FORCE SPECIFICATION LIMITS FOR VARIOUS CONTACT SEPARATIONS CONTACT SEPARATION 4 18 STANDARD RANGE MAXIMUM LIMITS AVAILABLE NOTE: All listed differential travel characteristics are based on standard operating force andcontact separation. For any other force or contact separation, consult Customer Service Center. Operating force varies with actuator option, see ACTUATOR option section. First number represents resistive rating; second number represents inductive (motor) rating. 10(3) Cycles over 50,000 at rated current. 50E3 Maximum rated use temperature. T_ _ Alternating current. ~ Microgap construction (less than 4 mm). m EUROPEAN SYMBOLS All models with all options, also available. Consult Customer Service center for availability and delivery of nonstandard ratings. * Low Level=conditions where no arcing occurs during switching, i.e., 0.4 VA max. @ 20 V AC or DC max. 20 AMPS @ 125, 250, 480 V AC; 0.25 AMP @ 250 V DC, 0.5 AMP @ 125 V DC (UL/CSA); 15 (10) AMPS @ 380 V~ T85 50E3 m (VDE). Fine silver welded to copper base. Fine silver. X3 22 AMPS @ 125 & 277 V AC; 15 AMPS @ 480 V AC; 1/4 HP @ 125 V AC; 1/2 HP @ 250 V AC; 277 V AC (UL/CSA). Fine silver welded to copper base. Fine silver. F9 Low level* to 1 AMP @ 125 V AC; 1 AMP @ 30 V DC (UL/CSA). Gold alloy. Gold alloy. F5 20 AMPS @ 125, 250 & 480 V AC; 0.25 AMPS @ 250 V DC; 0.5 AMPS @ 125 V DC (UL/CSA). 5 AMPS @ 125 & 250 V AC (UL/CSA). 20 AMPS @ 125, 250 & 480 V AC; 0.25 AMP @ 250 V DC; 0.5 AMP @ 125 V DC; 3/4 HP @ 125 V AC; 1 1/2 HP @ 250 V AC (UL/CSA). Fine silver welded to copper base. Precious metal alloy. Fine silver. Precious metal alloy. B4 A2 B6 ELECTRICALRATING MOVABLE CONTACT OPTION CODE STATIONARY CONTACT RoHS COMPLIANT* RoHS COMPATIBLE* Yes Yes Yes Yes Yes Yes Yes Yes Yes Yes Yes Yes X3 F9 F5 B6 B4 A2 OPERATING FORCE (oz.) ELECTRICAL RATING •AVAILABLE x NOT AVAILABLE AVAILABLE COMBINATIONS 4 9 13 18 20 26 GF KA KC KG KH PB • • • • • • x x x • • • x x x • • • x • • • • • x x • • • • x • • • • • * Note: See Technical Data section of this catalog for RoHS compliant and compatible definition and specifications. |
Similar Part No. - HBS2KCB6SA055C |
|
Similar Description - HBS2KCB6SA055C |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |