Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AH215-S8PCB1960 Datasheet(PDF) 8 Page - WJ Communication. Inc.

Part # AH215-S8PCB1960
Description  1 Watt, High Gain HBT Amplifier
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WJCI [WJ Communication. Inc.]
Direct Link  http://www.wj.com
Logo WJCI - WJ Communication. Inc.

AH215-S8PCB1960 Datasheet(HTML) 8 Page - WJ Communication. Inc.

  AH215-S8PCB1960 Datasheet HTML 1Page - WJ Communication. Inc. AH215-S8PCB1960 Datasheet HTML 2Page - WJ Communication. Inc. AH215-S8PCB1960 Datasheet HTML 3Page - WJ Communication. Inc. AH215-S8PCB1960 Datasheet HTML 4Page - WJ Communication. Inc. AH215-S8PCB1960 Datasheet HTML 5Page - WJ Communication. Inc. AH215-S8PCB1960 Datasheet HTML 6Page - WJ Communication. Inc. AH215-S8PCB1960 Datasheet HTML 7Page - WJ Communication. Inc. AH215-S8PCB1960 Datasheet HTML 8Page - WJ Communication. Inc. AH215-S8PCB1960 Datasheet HTML 9Page - WJ Communication. Inc.  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
Specifications and information are subject to change without notice.
WJ Communications, Inc
• Phone 1-800-WJ1-4401 • FAX: 408-577-6621 • e-mail: sales@wj.com • Web site: www.wj.com
Page 8 of 9 June 2005
AH215 / ECP100G
1 Watt, High Gain HBT Amplifier
Product Information
AH215-S8G (Lead-Free Package) Mechanical Information
This package is lead-free/green/RoHS-compliant. The plating material on the leads is NiPdAu. It is compatible with both lead-free
(maximum 260
°C reflow temperature) and lead (maximum 245°C reflow temperature) soldering processes.
Outline Drawing
Mounting Configuration / Land Pattern
Thermal Specifications
Parameter
Rating
Operating Case Temperature
-40 to +85
° C
Thermal Resistance (1), Rth
33
° C / W
Junction Temperature (2), Tjc
159
° C
Notes:
1. The thermal resistance is referenced from the junction-to-
case at a case temperature of 85
° C. Tjc is a function of
the voltage at pins 6 and 7 and the current applied to pins
6, 7, and 8 and can be calculated by:
Tjc = Tcase + Rth * Vcc * Icc
2. This corresponds to the typical biasing condition of +5V,
450 mA at an 85
° C case temperature. A minimum
MTTF of 1 million hours is achieved for junction
temperatures below 247
° C.
Product Marking
The component will be marked with an
“AH215-S8G” designator with an alphanumeric
lot code on the top surface of the package.
Tape and reel specifications for this part are
located on the website in the “Application
Notes” section.
ESD / MSL Information
ESD Rating: Class 1B
Value:
Passes
/500V to <1000V
Test:
Human Body Model (HBM)
Standard:
JEDEC Standard JESD22-A114
MSL Rating: Level 2 at +260
° C convection reflow
Standard:
JEDEC Standard J-STD-020
Mounting Config. Notes
1. A heatsink underneath the area of the PCB for the mounted device
is strictly required for proper thermal operation. Damage to the
device can occur without the use of one.
2. Ground / thermal vias are critical for the proper performance of this
device. Vias should use a .35mm (#80 / .0135”) diameter drill and
have a final plated thru diameter of .25 mm (.010”).
3. Add as much copper as possible to inner and outer layers near the
part to ensure optimal thermal performance.
4. Mounting screws can be added near the part to fasten the board to a
heatsink. Ensure that the ground / thermal via region contacts the
heatsink.
5. Do not put solder mask on the backside of the PC board in the
region where the board contacts the heatsink.
6. RF trace width depends upon the PC board material and
construction.
7. Use 1 oz. Copper minimum.
8. All dimensions are in millimeters (inches). Angles are in degrees.
MTTF vs. GND Tab Temperature
100
1000
10000
100000
1000000
50
60
70
80
90
100
Tab temperature (° C)


Similar Part No. - AH215-S8PCB1960

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AH215-S8PCB1960 ETC1-AH215-S8PCB1960 Datasheet
251Kb / 6P
   1 Watt, High Linearity HBT Amplifier
logo
WJ Communication. Inc.
AH215-S8PCB1960 WJCI-AH215-S8PCB1960 Datasheet
330Kb / 7P
   1 Watt, High Linearity InGaP HBT Amplifier
More results

Similar Description - AH215-S8PCB1960

ManufacturerPart #DatasheetDescription
logo
WJ Communication. Inc.
AH212 WJCI-AH212 Datasheet
656Kb / 12P
   1 Watt High Linearity, High Gain InGaP HBT Amplifier
logo
List of Unclassifed Man...
AH212 ETC1-AH212 Datasheet
370Kb / 5P
   1 Watt High Linearity, High Gain InGaP HBT Amplifier
AH215 ETC1-AH215 Datasheet
251Kb / 6P
   1 Watt, High Linearity HBT Amplifier
logo
Aeroflex Circuit Techno...
MMA707 AEROFLEX-MMA707 Datasheet
851Kb / 8P
   1 Watt InGaP HBT Amplifier
logo
WJ Communication. Inc.
ECP103 WJCI-ECP103 Datasheet
382Kb / 5P
   1 Watt, High Linearity InGaP HBT Amplifier
ECP100D WJCI-ECP100D Datasheet
537Kb / 7P
   1 Watt, High Linearity InGaP HBT Amplifier
logo
Analog Devices
HMC461LP3 AD-HMC461LP3 Datasheet
474Kb / 8P
   InGaP HBT 1 Watt High IP3 AMPLIFIER
logo
WJ Communication. Inc.
AH215 WJCI-AH215 Datasheet
330Kb / 7P
   1 Watt, High Linearity InGaP HBT Amplifier
logo
Analog Devices
HMC452ST89 AD-HMC452ST89 Datasheet
1Mb / 22P
   InGaP HBT 1 WATT POWER AMPLIFIER
HMC452QS16G AD-HMC452QS16G Datasheet
1Mb / 22P
   InGaP HBT 1 WATT POWER AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com