Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AG503-86G Datasheet(PDF) 3 Page - WJ Communication. Inc.

Part # AG503-86G
Description  InGaP HBT Gain Block
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WJCI [WJ Communication. Inc.]
Direct Link  http://www.wj.com
Logo WJCI - WJ Communication. Inc.

AG503-86G Datasheet(HTML) 3 Page - WJ Communication. Inc.

  AG503-86G Datasheet HTML 1Page - WJ Communication. Inc. AG503-86G Datasheet HTML 2Page - WJ Communication. Inc. AG503-86G Datasheet HTML 3Page - WJ Communication. Inc. AG503-86G Datasheet HTML 4Page - WJ Communication. Inc. AG503-86G Datasheet HTML 5Page - WJ Communication. Inc. AG503-86G Datasheet HTML 6Page - WJ Communication. Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Specifications and information are subject to change without notice
WJ Communications, Inc
• Phone 1-800-WJ1-4401 • FAX: 408-577-6621 • e-mail: sales@wj.com • Web site: www.wj.com
Page 3 of 6 July 2005
AG503-86
InGaP HBT Gain Block
Product Information
The Communications Edge
TM
Typical Device RF Performance
Supply Bias = +8 V, Rbias = 44
Ω, Icc = 45 mA
Gain vs. Frequency
12
14
16
18
20
22
01
2
3
4
Frequency (GHz)
-40 C
+25 C
+85 C
Output IP3 vs. Frequency
15
20
25
30
35
00.5
11.522.5
33.5
Frequency(GHz)
-40 C
+25C
+85C
Output IP2 vs. Frequency
25
30
35
40
45
0
200
400
600
800
1000
Frequency(MHz)
-40 C
+25 C
+85 C
P1dBvs. Frequency
0
5
10
15
20
00.511.522.5
3
3.5
4
Frequency (GHz)
-40 C
+25C
+85C
Noise Figure vs. Frequency
0
1
2
3
4
5
0
0.5
1
1.5
2
2.5
3
Frequency (GHz)
-40 C
+25C
+85C
Application Circuit
Recommended Component Values
Reference
Frequency (MHz)
Designator
50
500
900
1900
2200
2500
3500
L1
820 nH
220 nH
68 nH
27 nH
22 nH
18 nH
15 nH
C1, C2, C4
.018 µF
1000 pF
100 pF
68 pF
68 pF
56 pF
39 pF
1. The proper values for the components are dependent upon the intended frequency of operation.
2. The following values are contained on the evaluation board to achieve optimal broadband performance:
Ref. Desig.
Value / Type
Size
L1
39 nH wirewound inductor
0603
C1, C2
56 pF chip capacitor
0603
C3
0.018
μF chip capacitor
0603
C4
Do Not Place
R1
22.1
Ω 1% tolerance
0805
Recommended Bias Resistor Values
Supply
Voltage
R1 value
S ize
6 V
22.2 ohms
0603
7 V
44.4 ohms
0805
8 V
67 ohms
1206
9 V
89 ohms
1210
10 V
111 ohms
1210
12 V
156 ohms
2010
The proper value for R1 is dependent upon the supply
voltage and allows for bias stability over temperature.
WJ recommends a minimum supply bias of +6 V. A
1% tolerance resistor is recommended.
C1
Blocking
Capacitor
RF OUT
L1
RF Choke
C3
0.018 µF
R1
Bias
Resistor
RF IN
C4
Bypass
Capacitor
C2
Blocking
Capacitor
Vcc
Icc = 45 mA
AG503-86


Similar Part No. - AG503-86G

ManufacturerPart #DatasheetDescription
logo
WJ Communication. Inc.
AG503-86G WJCI-AG503-86G Datasheet
486Kb / 6P
   InGaP HBT Gain Block
logo
TriQuint Semiconductor
AG503-86G TRIQUINT-AG503-86G Datasheet
208Kb / 5P
   Lead-free/green/RoHS-compliant SOT-86 package
More results

Similar Description - AG503-86G

ManufacturerPart #DatasheetDescription
logo
WJ Communication. Inc.
AG201-86 WJCI-AG201-86 Datasheet
452Kb / 6P
   InGaP HBT Gain Block
AG604-89 WJCI-AG604-89 Datasheet
295Kb / 5P
   InGaP HBT Gain Block
logo
TriQuint Semiconductor
AG201-63 TRIQUINT-AG201-63_15 Datasheet
500Kb / 5P
   InGaP HBT Gain Block
logo
WJ Communication. Inc.
AG201-63 WJCI-AG201-63 Datasheet
504Kb / 6P
   InGaP HBT Gain Block
ECG040 WJCI-ECG040 Datasheet
161Kb / 4P
   InGaP HBT Gain Block
AG402-86 WJCI-AG402-86 Datasheet
430Kb / 6P
   InGaP HBT Gain Block
AG503-89-RFID WJCI-AG503-89-RFID Datasheet
509Kb / 6P
   InGaP HBT Gain Block
AG302-86 WJCI-AG302-86 Datasheet
456Kb / 6P
   InGaP HBT Gain Block
AG402-86 WJCI-AG402-86_06 Datasheet
198Kb / 5P
   InGaP HBT Gain Block
logo
List of Unclassifed Man...
ECG006 ETC-ECG006 Datasheet
377Kb / 8P
   InGaP HBT Gain Block
ECG003 ETC-ECG003 Datasheet
192Kb / 5P
   InGaP HBT Gain Block
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com