Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FLT2UOATB01BM Datasheet(PDF) 4 Page - ITT Industries

Part # FLT2UOATB01BM
Description  Pushbutton Switches
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

FLT2UOATB01BM Datasheet(HTML) 4 Page - ITT Industries

  FLT2UOATB01BM Datasheet HTML 1Page - ITT Industries FLT2UOATB01BM Datasheet HTML 2Page - ITT Industries FLT2UOATB01BM Datasheet HTML 3Page - ITT Industries FLT2UOATB01BM Datasheet HTML 4Page - ITT Industries FLT2UOATB01BM Datasheet HTML 5Page - ITT Industries FLT2UOATB01BM Datasheet HTML 6Page - ITT Industries FLT2UOATB01BM Datasheet HTML 7Page - ITT Industries FLT2UOATB01BM Datasheet HTML 8Page - ITT Industries FLT2UOATB01BM Datasheet HTML 9Page - ITT Industries Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
A–92
Dimensions are shown: Inches (mm)
Specifications and dimensions subject to change
www.ittcannon.com
Third Angle
Projection
C&K F Series
Pushbutton Switches
DESIGNATION
CONTACT ARRANGEMENT
MECHANICAL FUNCTION
TERMINAL SEALING
PC MOUNTING
TB
TOP & BOTTOM
(NONE)
NO SEAL
F2UEE shown in example above.
NOTE: Available for North America only
Momentary
Alternate (push-push)
Interlock
OA
EE
GR
FUNCTION
OPTION CODE
Momentary
Alternate (push-push)
Interlock
Central release
Momentary with lockout
Interlock with lockout
OA
EE
GR
AOR
OASP
GRSP
FUNCTION
OPTION CODE
2X
3X
4X
5X
2PDT
4PDT
6PDT
8PDT
10PDT
2U
4U
6U
8U
10U
SCHEMATIC
NO. OF POLES
OPTION CODE
North America
Designation, North America
F
F Series
FLT Light touch F series
ZF
Central mounted F series
Designation, Europe
SF
F Series
ZF
Central mounted F series
Europe
A


Similar Part No. - FLT2UOATB01BM

ManufacturerPart #DatasheetDescription
logo
C&K Components
FLT2UOATB01BMAUB CK-COMPONENTS-FLT2UOATB01BMAUB Datasheet
1Mb / 9P
   Pushbutton Switches
29 may 19
FLT2UOATB01BMAUC CK-COMPONENTS-FLT2UOATB01BMAUC Datasheet
1Mb / 9P
   Pushbutton Switches
29 may 19
More results

Similar Description - FLT2UOATB01BM

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
R13-502MA ETC2-R13-502MA Datasheet
107Kb / 4P
   Pushbutton Switches
logo
Copal Electronics
MSP COPAL-MSP Datasheet
607Kb / 1P
   Pushbutton Switches
logo
E-SWITCH
5500 E-SWITCH-5500 Datasheet
288Kb / 3P
   PUSHBUTTON SWITCHES
LC1257EENP E-SWITCH-LC1257EENP Datasheet
287Kb / 3P
   PUSHBUTTON SWITCHES
logo
Copal Electronics
FP_SERIES COPAL-FP_SERIES Datasheet
765Kb / 3P
   Pushbutton Switches
logo
C&K Components
F CK-COMPONENTS-F Datasheet
1Mb / 9P
   Pushbutton Switches
29 may 19
PS-12G CK-COMPONENTS-PS-12G_V01 Datasheet
888Kb / 8P
   Pushbutton Switches
28 Nov 22
logo
E-SWITCH
5500 E-SWITCH-5500_1 Datasheet
323Kb / 3P
   PUSHBUTTON SWITCHES
700A E-SWITCH-700A Datasheet
570Kb / 3P
   PUSHBUTTON SWITCHES
TA10UOAEAUPSTA12BLU E-SWITCH-TA10UOAEAUPSTA12BLU Datasheet
526Kb / 5P
   PUSHBUTTON SWITCHES
logo
C&K Components
SF4UEE CK-COMPONENTS-SF4UEE Datasheet
440Kb / 10P
   Pushbutton Switches
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com