Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DPX2NE-67MSAW8P33B-23 Datasheet(PDF) 1 Page - ITT Industries

Part # DPX2NE-67MSAW8P33B-23
Description  Rack and Panel Connectors
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

DPX2NE-67MSAW8P33B-23 Datasheet(HTML) 1 Page - ITT Industries

  DPX2NE-67MSAW8P33B-23 Datasheet HTML 1Page - ITT Industries DPX2NE-67MSAW8P33B-23 Datasheet HTML 2Page - ITT Industries DPX2NE-67MSAW8P33B-23 Datasheet HTML 3Page - ITT Industries DPX2NE-67MSAW8P33B-23 Datasheet HTML 4Page - ITT Industries DPX2NE-67MSAW8P33B-23 Datasheet HTML 5Page - ITT Industries DPX2NE-67MSAW8P33B-23 Datasheet HTML 6Page - ITT Industries DPX2NE-67MSAW8P33B-23 Datasheet HTML 7Page - ITT Industries DPX2NE-67MSAW8P33B-23 Datasheet HTML 8Page - ITT Industries DPX2NE-67MSAW8P33B-23 Datasheet HTML 9Page - ITT Industries Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
MIL-C-81659
DPXNA/DPXNE
How to Order
Cannon's DPXNA (non-environmental, Type IV) and
DPXNE (environmental, Types II and III) rack and
panel connectors are designed to meet or exceed
the requirements of MIL-C-81659, Revision B. They
are used in military and aerospace applications and
computer periphery equipment requirements, and
are designed to operate in temperatures ranging
from - 65˚C to + 125˚C. DPXNA/NE connectors
are available in single, 2, 3, and 4 gang config-
urations, with a total of 12 contact arrangements
accommodation contact sizes 12, 16, 20 and 22,
and combination standard and coaxial contacts.
Contact retention of these crimp snap-in contacts is
provided by the LITTLE CAESAR® rear release
contact retention assembly. Environmental sealing
is accomplished by wire sealing grommets and
interfacial seals.
SERIES PREFIX
DPX - ITT Cannon Designation
SHEL STYLE
B - ARINC 'B' Shell
CLASS (MIL-C-81659B, Class 1)....
NA - Non - Environmental (MIL-C-81659B, Type IV)
NE - Environmental (Mil-C-81659B, Types II and
III)
In the 3 and 4 gang assemblies, the insert desig-
nation number represents cumulative (total) con-
tacts. The charts on page 26 denote shell cavity
location by layout. (If desired arrangement location
is not defined, please consult or local sales
engineering office.)
See page 31
- 00
- 01
- 02
- 03
- 17
- 22
- 23
- 29
- 30
- 33
- 37
- 39
'33' for Plug; '34' for Receptacle
'P' for Pin (Standard on '34' receptacle except
A106 layout which has reversed contact sex)
'S' for Socket (Standard on '33' plug except A106
layout which has reversed contact sex)
Standard
Standard with clinch nuts in the mounting
holes (34 only).
Standard with tabs for attaching junction
shells.
Standard with mounting holes .120 dia.
countersunk 100˚ to . 230 dia. (33. only).
Combination of 01** and 02** (clinch
nuts in mounting holes - 34 only and tabs
for attaching junction shells).
Standard with clinch nuts (.33 only).
Standard with standard floating eyelets.
Standard except less grommet (NE, pin
only).
Same as - 29** except with tabs for
attaching junction shells.
Same as - 29** except with clinch nuts.
Same as - 29** except with clinch nuts
and tabs for attacting
junction shells.
Standard with standard floating eyelets
and tabs for attaching junction shells.
NOTE: For additional modification codes please consult the
factory
NOTE: On 3 & 4 gang assemblies, combination layouts, the contact type designator of the A106 layout. If applicable, precedes the
designator for standard contact sex layouts. See three (3) gang nomenclature breakdown above for 240M example (67MS, 67 MS,
A106P).
Single Gang
Two (2) Gang
DPX
B
NE
A106
33
P
00
DPX
DPX
DPX
4
NE
104M
34
P
00
3
NE
240M
33
PS
00
2
-
-
-
-
-
B
NE
67M
AW8
34
P
P
00
Three (3) Gang
Four (4) Gang
INSERT DESIGNATOR
SERIES PREFIX
SHELL STYLE
CLASS
CONTACT ARRANGEMENT
SHELL TYPE
CONTACT TYPE
MODIFICATION
SERIES PREFIX
TWO (2) GANG SHELL
CLASS
CONTACT ARRANGEMENT (Side A)
CONTACT TYPE
CONTACT ARRANGEMENT (Side B)
CONTACT TYPE
SHELL TYPE
SHELL STYLE
MODIFICATION
SERIES PREFIX
THREE (3) GANG SHELL
CLASS
INSERT DESIGNATOR
SHELL TYPE
CONTACT TYPE
MODIFCATION
SERIES PREFIX
FOUR (4) GANG SHELL
CLASS
INSERT DESIGNATOR
SHELL TYPE
CONTACT TYPE
MODIFICATION
CONTACT ARRANGEMENT
SHELL TYPE
CONTACT TYPE
MODIFICATION CODES
-
-
-
-
-
-
www.ittcannon.com
25
Dimensions are shown in inches (millimeters).
Dimensions subject to change.


Similar Part No. - DPX2NE-67MSAW8P33B-23

ManufacturerPart #DatasheetDescription
logo
ITT Industries
DPX2NE-67MSA106P-34B-29 ITT-DPX2NE-67MSA106P-34B-29 Datasheet
2Mb / 120P
   Cannon Rack & Panel Connectors
More results

Similar Description - DPX2NE-67MSAW8P33B-23

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MM22 VISHAY-MM22_08 Datasheet
261Kb / 8P
   Rack and Panel Connectors
Revision: 15-Feb-07
A20 VISHAY-A20 Datasheet
106Kb / 3P
   Rack and Panel Connectors
Revision: 08-Feb-07
MM22MM24 VISHAY-MM22MM24 Datasheet
209Kb / 6P
   Rack and Panel Connectors
Revision 22-Aug-00
logo
ITT Industries
BKAD3-A653-30001 ITT-BKAD3-A653-30001 Datasheet
2Mb / 120P
   Cannon Rack and Panel Connectors
TDPX ITT-TDPX Datasheet
353Kb / 9P
   Rack and Panel Filter Connectors
logo
Vishay Siliconix
G16P-AB VISHAY-G16P-AB Datasheet
375Kb / 2P
   Rack and Panel Connectors Side Mount
Revision: 08-Feb-07
SM20 VISHAY-SM20 Datasheet
216Kb / 5P
   Rack and Panel Connectors Subminiature Rectangular
Revision: 15-Feb-07
SM20 VISHAY-SM20_09 Datasheet
850Kb / 5P
   Rack and Panel Connectors Subminiature Rectangular
Revision: 05-May-09
SM20 VISHAY-SM20_V01 Datasheet
856Kb / 5P
   Rack and Panel Connectors Subminiature Rectangular
01-Jan-2022
A20 VISHAY-A20_V01 Datasheet
459Kb / 3P
   Rack and Panel Connectors Side Mount
01-Jan-2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com