Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EP21RD1CKE Datasheet(PDF) 1 Page - ITT Industries

Part # EP21RD1CKE
Description  Sealed Tiny Pushbutton Switches
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

EP21RD1CKE Datasheet(HTML) 1 Page - ITT Industries

  EP21RD1CKE Datasheet HTML 1Page - ITT Industries EP21RD1CKE Datasheet HTML 2Page - ITT Industries EP21RD1CKE Datasheet HTML 3Page - ITT Industries EP21RD1CKE Datasheet HTML 4Page - ITT Industries EP21RD1CKE Datasheet HTML 5Page - ITT Industries EP21RD1CKE Datasheet HTML 6Page - ITT Industries  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
A–7
Dimensions are shown: Inches (mm)
Specifications and dimensions subject to change
www.ittcannon.com
A
C&K EP Series
Sealed Tiny Pushbutton Switches
Features/Benefits
Sealed against solder &
cleaning processes
Thru-hole and surface mount models
Snap-fitting actuator accepts
standard caps
Tape & reel packaging available
RoHS compliant models available
Typical Applications
Telecommunications and
networking equipment
Computers and peripherals
Instrumentation and controls
Specifications
CONTACT RATING: B contact material: 0.4 VA max. @
20 V AC or DC max. See page A-11 for additional ratings.
ELECTRICAL LIFE: EP11, EP21 models: 60,000 make-and-break
cycles at full load. EP12 models: 30,000 cycles.
CONTACT RESISTANCE: Below 20 m
Ω typ. initial @
2-4 V DC, 100 mA, for both silver and gold plated contacts.
INSULATION RESISTANCE: 109
Ω min.
DIELECTRIC STRENGTH: 1000 Vrms min. @ sea level.
OPERATING TEMPERATURE: –30ºC to 85ºC.
SOLDERABILITY: Per MIL-STD-202F method 208D, or
EIA RS-186E method 9 (1 hour steam aging).
DEGREE OF PROTECTION: IP57; Protection against harmful dust
deposit, full-scale voltage protection, temporary immersion.
PACKAGING: Surface mount switches standard in anti-static
tape and reel packaging per EIA 481-3, see page A-12 for
drawings and reel information. Tape and cover strip are
conductive for use near statically sensitive components,
consult Customer Service Center.
Materials
CASE & BUSHING: Glass filled nylon 6/6, flame retardant, heat
stabilized (UL 94V-0). SA surface mount: High temperature
material, glass filled nylon 4/6, flame retardant, heat
stabilized (UL 94V-0).
PLUNGER: Thermoplastic polyester or glass filled nylon (UL 94V-0),
with internal o-ring seal. SA surface mount: High temperature
material, glass filled nylon 4/6, flame retardant, heat stabilized
(UL 94V-0).
SWITCH SUPPORT: Brass, matte-tin plated.
CONTACTS & TERMINALS: B contact material: Copper alloy,
with gold plate over nickel plate. See page A-11 for additional
contact materials.
TERMINAL SEAL: Epoxy.
NOTE: Any models supplied with Q, B, P, S, R or G contact material are RoHS compliant. For
the latest information regarding RoHS compliance, please go to: www.ittcannon.com/rohs.
NOTE: Specifications and materials listed above are for switches with standard options.
For information on specific and custom switches, consult Customer Service Center.
CAUTION: PC mounting layouts and pads as shown are designed to be compatible with the
latest equipment and reflow techniques. Care should be taken in the design and location of
PC lands to suit individual needs. Orientation relative to reflow direction may significantly
impact solder joint integrity.
Build-A-Switch
To order, simply select desired option from each category and place in the appropriate box. Available options are shown
and described on pages A-8 thru A-11. For additional options not shown in catalog, consult Customer Service Center. All
models are process sealed to withstand machine soldering temperatures and pressure wash cleaning methods.
Switch Function
EP11 SPST Off-Mom.
EP12 SPDT On-Mom.
EP21 DPST Off-Mom.
Plunger
S
.215" high
S1 .110" high
S2 .465" high
FP Flush
R
Snap-fitting, .215 high
Bushing
D1 Unthreaded
Contact Material
B Gold
K Gold, tin-lead
P Gold, matte-tin
Q Silver
M Silver, tin-lead
S Silver, matte-tin
G Gold over silver
L Gold over silver, tin-lead
R Gold over silver, matte tin
Seal
E Epoxy
Models Available
Terminations
A
Right angle, PC thru-hole
C
PC Thru-hole
AV Vertical right angle, PC thru-hole
AV3 Vertical right angle, snap-in, PC thru-hole
SA Right angle, surface mount
SA1 Right angle, surface mount rear facing
V3
Vertical mount, v-bracket
V31 Vertical mount, v-bracket, snap-in
(EP11 & EP12 only)
W
Wire wrap


Similar Part No. - EP21RD1CKE

ManufacturerPart #DatasheetDescription
logo
Power-One
EP2101-7R POWER-ONE-EP2101-7R Datasheet
72Kb / 5P
   120...195 Watt DC-DC Converters
logo
C&K Components
EP21SD1CBE CK-COMPONENTS-EP21SD1CBE Datasheet
439Kb / 6P
   EP Series Sealed Tiny Pushbutton Switches
More results

Similar Description - EP21RD1CKE

ManufacturerPart #DatasheetDescription
logo
C&K Components
5802 CK-COMPONENTS-5802 Datasheet
439Kb / 6P
   Sealed Tiny Pushbutton Switches
EP CK-COMPONENTS-EP Datasheet
990Kb / 6P
   Sealed Tiny Pushbutton Switches
5 Aug 20
EP11SD1ABE CK-COMPONENTS-EP11SD1ABE Datasheet
439Kb / 6P
   Sealed Tiny Pushbutton Switches
EP12SD1CBE CK-COMPONENTS-EP12SD1CBE Datasheet
439Kb / 6P
   EP Series Sealed Tiny Pushbutton Switches
TP CK-COMPONENTS-TP Datasheet
1Mb / 6P
   Tiny Pushbutton Switches
2020
logo
ITT Industries
TP11SHZQE ITT-TP11SHZQE Datasheet
687Kb / 6P
   Tiny Pushbutton Switches
logo
C&K Components
TP21SH8CQE CK-COMPONENTS-TP21SH8CQE Datasheet
429Kb / 6P
   Tiny Pushbutton Switches
TP CK-COMPONENTS-TP_V01 Datasheet
1Mb / 6P
   Tiny Pushbutton Switches
5 Aug 20
TP11SHABE22 CK-COMPONENTS-TP11SHABE22 Datasheet
518Kb / 6P
   Tiny Pushbutton Switches
465805000 CK-COMPONENTS-465805000 Datasheet
528Kb / 7P
   TP Series Tiny Pushbutton Switches
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com