Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MF-10KDS-R13-071 Datasheet(PDF) 7 Page - Mitsubishi Electric Semiconductor

Part # MF-10KDS-R13-071
Description  SONET/SDH TRANSMITTER & RECIEVER
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

MF-10KDS-R13-071 Datasheet(HTML) 7 Page - Mitsubishi Electric Semiconductor

  MF-10KDS-R13-071 Datasheet HTML 1Page - Mitsubishi Electric Semiconductor MF-10KDS-R13-071 Datasheet HTML 2Page - Mitsubishi Electric Semiconductor MF-10KDS-R13-071 Datasheet HTML 3Page - Mitsubishi Electric Semiconductor MF-10KDS-R13-071 Datasheet HTML 4Page - Mitsubishi Electric Semiconductor MF-10KDS-R13-071 Datasheet HTML 5Page - Mitsubishi Electric Semiconductor MF-10KDS-R13-071 Datasheet HTML 6Page - Mitsubishi Electric Semiconductor MF-10KDS-R13-071 Datasheet HTML 7Page - Mitsubishi Electric Semiconductor MF-10KDS-R13-071 Datasheet HTML 8Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
MITSUBISHI (OPTICAL DEVICES)
MF-10KDS-T12-06x/07x
MF-10KDS-R13-06x/07x
SONET/SDH TRANSMITTER & RECIEVER
NOTE
NOTE1: Input interface
NOTE2: Shut down interface
NOTE3: Laser Degradation Alarm / Power out of range Alarm / LD temperature out of range Alarm
Las er D egradation Alarm (DEG ) se t s when the bias cu rrent is at leas t 70% higher th a n
the maximum initial value allowed .
Alarm active: TTL LOW
Powe r out of range Alarm (OR A ), se t s when the output opt ical output pow er is 3dB(t yp . )
less than the initial optical output level.
Alarm active: TTL LOW
Lase r O ver Te m per atur e A l arm (L OT) , se t s wh en t h e t e mp e r at ure of LD inc r eas e o r
decrease more than 15deg.C from the initial temperature.
Alarm active: TTL LOW
Data
Transmitter
50ohm
DC Coupled Interface
Data
0V
-0.9V
TTL
Transmitter
comparator
OFF
ON
H
L


Similar Part No. - MF-10KDS-R13-071

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
MF-10KSXA MITSUBISHI-MF-10KSXA Datasheet
122Kb / 1P
   10Gb/s, XFP Transceiver with DDM function for Telecommunication
MF-10KSXA-004ZA MITSUBISHI-MF-10KSXA-004ZA Datasheet
122Kb / 1P
   10Gb/s, XFP Transceiver with DDM function for Telecommunication
MF-10KSXA-005ZA MITSUBISHI-MF-10KSXA-005ZA Datasheet
122Kb / 1P
   10Gb/s, XFP Transceiver with DDM function for Telecommunication
MF-10KSXA-006ZA MITSUBISHI-MF-10KSXA-006ZA Datasheet
122Kb / 1P
   10Gb/s, XFP Transceiver with DDM function for Telecommunication
MF-10KSXA-007ZA MITSUBISHI-MF-10KSXA-007ZA Datasheet
188Kb / 15P
   10Gbps 1310nm XFP Optical Transceiver
More results

Similar Description - MF-10KDS-R13-071

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
MF-2500DS-T12-18X MITSUBISHI-MF-2500DS-T12-18X Datasheet
57Kb / 9P
   SONET/SDH TRANSMITTER & RECIEVER
MF-156DF-T12-20X MITSUBISHI-MF-156DF-T12-20X Datasheet
85Kb / 9P
   SONET/SDH TRANSMITTER & RECIEVER
MF-622DF-T12-43X MITSUBISHI-MF-622DF-T12-43X Datasheet
62Kb / 10P
   SONET/SDH TRANSMITTER & RECEIVER
logo
Texas Instruments
TNETA1500 TI1-TNETA1500 Datasheet
419Kb / 10P
[Old version datasheet]   155.52-MBIT/S SONET/SDH ATM RECEIVER/TRANSMITTER
TNETA1500A TI1-TNETA1500A Datasheet
425Kb / 10P
[Old version datasheet]   155.52-MBIT/S SONET/SDH ATM RECEIVER/TRANSMITTER
logo
TriQuint Semiconductor
TQ8105 TRIQUINT-TQ8105 Datasheet
371Kb / 19P
   SONET/SDH Transceivers
logo
Mitsubishi Electric Sem...
MF-2700FRB-M0XMA MITSUBISHI-MF-2700FRB-M0XMA Datasheet
224Kb / 8P
   SONET / SDH RECEIVER MODULE
logo
OPLINK Communications I...
STX-SRX-0400 OPLINK-STX-SRX-0400 Datasheet
367Kb / 9P
   SONET/SDH Transmitters & Receivers
STX OPLINK-STX Datasheet
367Kb / 9P
   SONET/SDH Transmitters & Receivers
logo
NXP Semiconductors
OQ2538HP PHILIPS-OQ2538HP_97 Datasheet
542Kb / 24P
   SDH/SONET main amplifier
1997 Nov 26
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com